Part Number Hot Search : 
A104K EL6252C 2SC6050 SI4804 PUMB15 FD400R8E M66700P 1N5249
Product Description
Full Text Search
 

To Download 2SK4073LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0500
2SK4073LS
SANYO Semiconductors
DATA SHEET
N-Channel Silicon MOSFET
2SK4073LS
Features
* * *
General-Purpose Switching Device Applications
Ultralow ON-resistance. Load switching applications. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 60 20 90 360 2.0 40 150 --55 to +150 850 70 Unit V V A A W W C C mJ A
Note : *1 VDD=30V, L=200H, IAV=70A *2 L200H, Single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Conditions ID=1mA, VGS=0V VDS=60V, VGS=0V VGS=16V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=45A ID=45A, VGS=10V ID=45A, VGS=4V Ratings min 60 1 10 1.2 44 74 3.8 5.0 5.0 7.0 2.6 typ max Unit V
A A
V S m m
Marking : K4073
Continued on next page.
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before usingany SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0106QA SY IM TC-00000261 No. A0500-1/5
2SK4073LS
Continued from preceding page.
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=30V, VGS=10V, ID=90A VDS=30V, VGS=10V, ID=90A VDS=30V, VGS=10V, ID=90A IS=90A, VGS=0V Ratings min typ 12500 1200 950 80 630 860 750 220 30 55 0.9 1.2 max Unit pF pF pF ns ns ns ns nC nC nC V
Package Dimensions unit : mm (typ) 7509-002
10.0 3.2 4.5 2.8
3.5
7.2 16.0
16.1
0.9 1.2 0.75
3.6
1.2
14.0
0.7
123
2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS)
2.55
2.55
Switching Time Test Circuit
VIN 10V 0V VIN ID=45A RL=0.67 VDD=30V
0.6
Avalanche Resistance Test Circuit
L 50
D
PW=10s D.C.1%
VOUT
2SK4073LS
G
10V 0V
50
VDD
2SK4073LS P.G 50
S
No. A0500-2/5
2SK4073LS
200 180 160
ID -- VDS
4V
Tc=75 C --25 C
25 C Tc= -1.5 2.0 2.5 3.0
180 160
Drain Current, ID -- A
V
6V
140 120 100 80 60 40 20 0 0 0.2
Drain Current, ID -- A
10
140 120 100 80 60 40 20 0
VGS=3V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.5
1.0
25 C
75C
3.5
4.0
25 C
4.5 IT11431 125 150 IT11433 1.2 1.4 IT11435
Tc=25C Single pulse
200
ID -- VGS
VDS=10V Single pulse
Drain-to-Source Voltage, VDS -- V
20
8V
IT11430 10
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
18 16 14 12 10 8 6 4 2 0 1 2 3 4 5 6 7
ID=45A Single pulse
Single pulse
9 8 7 6 5 4 3 2 1 0 --50 --25 0 25 50 75 100
25C
Tc=75C
45 10V I D= S= A, VG 45 I D=
VG A,
4V S=
--25C
8 9 10
Gate-to-Source Voltage, VGS -- V
3
yfs -- ID
IT11432 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01
Case Temperature, Tc -- C
IS -- VSD
VGS=0V Single pulse
Forward Transfer Admittance, yfs -- S
2 100 7 5 3 2 10 7 5 3 2
VDS=10V Single pulse Source Current, IS -- A
25
C
T
5 --2 c=
C
75
C
5C
0 0.2
1.0 7 0.1
2
3
5 7 1.0
2
3
5 7 10
2
3
Drain Current, ID -- A
3 2
5 7 100 IT11434 3
Tc=7
0.4
0.6
--25C
0.8
25C
1.0
SW Time -- ID
td(off)
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Diode Forward Voltage, VSD -- V
VDD=30V VGS=10V Ciss, Coss, Crss -- pF
2
Switching Time, SW Time -- ns
1000 7 5 3 2
10k 7 5 3 2
tf
tr
100 7 5 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5 7 100 IT10473
td(on)
1k 7 5 0 5 10
Coss Crss
15
20
25
30 IT10474
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
No. A0500-3/5
2SK4073LS
10 9
VGS -- Qg
VDS=30V ID=100A Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
8 7 6 5 4 3 2 1 0 0 50 100 150 200 250 IT10475
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
ASO
IDP=360A ID=90A
DC
10s
10 ms 0m s
op era tio n
10
1m
s
10
10
0 s
s
Operation in this area is limited by RDS(on).
0.1 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
Allowable Power Dissipation, PD -- W
Drain-to-Source Voltage, VDS -- V
45 40 35 30 25 20 15 10 5 0
5 7 100 IT11436
PD -- Tc
Allowable Power Dissipation, PD -- W
2.0
1.5
1.0
0.5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
120
IT11438
Case Temperature, Tc -- C
IT11437
EAS -- Ta
Avalanche Energy derating factor -- %
100
80
60
40
20
0 0 25 50 75 100 125 150 175 IT11439
Ambient Temperature, Ta -- C
No. A0500-4/5
2SK4073LS
Note on usage : Since the 2SK4073LS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 2006. Specifications and information herein are subject to change without notice.
PS No. A0500-5/5


▲Up To Search▲   

 
Price & Availability of 2SK4073LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X