Part Number Hot Search : 
2SB649A 0D241K C2500 1003A 14B101 VN120 TEA7092 M63023
Product Description
Full Text Search
 

To Download 2SK2492 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VZ Series Power MOSFET
N-Channel Enhancement type
2SK2492
( F20F18VZ )
180V 20A
FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The APPLICATION
*oe DC/DC converters
OUTLINE DIMENSIONS
Case : FTO-220 (Unit : mm)
*oe Power supplies of DC 12-24V input *oe Product related to Integrated Service Digital Network
RATINGS
*oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Ratings Storage Temperature Tstg -55*150 Channel Temperature Tch 150 DSS Drain-Source Voltage V 180 Gate-Source Voltage VGSS *}30 Continuous Drain Current* DC*j i ID 20 Continuous Drain Current* Peak) i IDP 40 Continuous Source Current* DC*j i IS 20 Total Power Dissipation PT 60 Single Pulse Avalanche Current IAS Tch= 25*Z 20 Mounting Torque TOR * i Recommended torque * Nm *j F 0.3 0.5 Unit *Z V
A W A Nm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
VZ Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forward Voltage jc Thermal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
2SK2492 ( F20F18VZ )
Min. 180 Typ. Max. 250 0.1 8 2.0 15 0.08 3.0 Unit V A
ID = 1mA, VGS = 0V VDS = 180V, VGS = 0V VGS = 30V, VDS = 0V ID = 10A, VDS = 10V ID =10A, VGS = 10V ID = 1mA, VDS = 10V IS = 10A, VGS = 0V junction to case VDD = 150V, VGS = 10V, ID = 20A VDS = 10V, VGS = 0V, f = 1MHZ ID = 10A, VGS = 10V, RL = 10
55 1600 190 650 95 300
S 0.13 4.0 V 1.5 2.08 / nC pF 190 600 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2492
40 Tc = -55C 35 30 25C 100C 150C
Transfer Characteristics
Drain Current ID [A]
25 20 15 10 5 0 VDS = 10V pulse test TYP 0 5 10 15 20
Gate-Source Voltage VGS [V]
2SK2492
1000
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) [m]
ID = 10A 100
10
1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2492
5
Gate Threshold Voltage
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2492
100
Safe Operating Area
10
R DS(ON) limit
100s 200s
Drain Current ID [A]
1ms 1 10ms DC
0.1
Tc = 25C Single Pulse 0.01 1 10 100
Drain-Source Voltage VDS [V]
2SK2492
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-2
10-3
10-1
100
101
102
Time t [s]
2SK2492
10000
Capacitance
Ciss
Capacitance Ciss Coss Crss [pF]
1000 Coss
Crss
100
Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2492
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2492
200
Gate Charge Characteristics
20
Drain-Source Voltage VDS [V]
150 VDD = 150V VDS 100V 50V 100 VGS
15
10
50
5
ID = 20A 0 0 20 40 60 80 0 100
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]


▲Up To Search▲   

 
Price & Availability of 2SK2492

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X