Part Number Hot Search : 
2SC2337 0N06L 1756I VTALF S220TBKT M66223FP ABT16 NDL1202
Product Description
Full Text Search
 

To Download 2SD1771 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1771, 2SD1771A
Silicon NPN triple diffusion planar type
For power amplification For TV vertical deflection output Complementary to 2SB1191 and 2SB1191A
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
10.00.3
s Features
2.0
1.50.1
1.5max.
1.1max.
q q q
High collector to emitter VCEO Large collector power dissipation PC N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings 200 200 150 180 6 2 1 25 1.3 150 -55 to +150 Unit
10.5min.
0.80.1
0.5max.
2.540.3 5.080.5 1 2 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD1771 2SD1771A 2SD1771 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2
V
10.00.3
6.00.3
1.5-0.4
2.0
Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
A A
4.40.5
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
0 to 0.4
5.080.5
W
1 2 3
C C
1:Base 2:Collector 3:Emitter N Type Package (DS)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD1771 2SD1771A
(TC=25C)
Symbol ICBO IEBO VCEO VEBO hFE1 hFE2 VBE VCE(sat) fT Cob
*
Conditions VCB = 200V, IE = 0 VEB = 4V, IC = 0 IC = 5mA, IB = 0 IE = 0.5mA, IC = 0 VCE = 10V, IC = 100mA VCE = 10V, IC = 300mA VCE = 10V, IC = 300mA IC = 500mA, IB = 50mA VCE = 10V, IC = 100mA, f = 1MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 50 50
4.40.5
Emitter to base voltage
V
3.0-0.2
+0.4
emitter voltage 2SD1771A
Unit A A V V
150 180 6 60 50 1 1 20 27 240
Emitter to base voltage Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h FE1
V V MHz pF
Rank classification
Q 60 to 140 P 100 to 240
Rank hFE1
14.70.5
V
+0
1
Power Transistors
PC -- Ta
40 1.6 (1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W) (1) 20 15 10 5 0 0 20 40 60 80 100 120 140 160 (2) (3) 0 0 4 8 12 16 20 24 TC=25C 1.4 IB=20mA
2SD1771, 2SD1771A
IC -- VCE
4 VCE=10V
IC -- VBE
Collector power dissipation PC (W)
35 30 25
Collector current IC (A)
1.2 1.0 10mA 0.8 0.6 4mA 0.4 2mA 0.2 1mA 8mA 6mA
Collector current IC (A)
3 25C 2 TC=100C -25C
1
0 0 0.4 0.8 1.2 1.6
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=10 1000
hFE -- IC
1000 VCE=10V
fT -- IC
VCE=10V f=1MHz TC=25C
Forward current transfer ratio hFE
3 TC=100C
300
TC=100C 25C
Transition frequency fT (MHz)
0.3 1 3
300 100 30 10 3 1 0.3 0.1 0.01 0.03
1
100
-25C
0.3
25C -25C
30
0.1
10
0.03
3
0.01 0.01
0.03
0.1
0.3
1
3
1 0.01
0.03
0.1
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
100 30 102 Non repetitive pulse TC=25C (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
Rth(t) -- t
(1)
Thermal resistance Rth(t) (C/W)
(2) 10
Collector current IC (A)
10 3 ICP 1 0.3 1ms 0.1 0.03 0.01 1 3 10 10ms IC 300ms t=0.5ms
1
10-1
2SD1771A
2SD1771
30
100
300
1000
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SD1771

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X