Part Number Hot Search : 
2SA1125 WITCH FAN7530 SMBJ51 F2002 3799E 2ATTD EGFZ15K
Product Description
Full Text Search
 

To Download 2SC5580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SC5580
Silicon NPN epitaxial planer type
Unit: mm
(0.425)
For high-frequency oscillation / switching I Features
* High transition frequency fT * S-mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.3+0.1 -0.0 3
0.15+0.10 -0.05
1.250.10
2.10.1 5
1
2
0.20.1 0 to 0.1 0.90.1 0.9+0.2 -0.1
(0.65) (0.65) 1.30.1 2.00.2
I Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 15 8 3 50 150 150 -55 to +150 Unit V V V mA mW C C
10
1: Base 2: Emitter 3: Collector
EIAJ: SC-70 S-Mini Type Package
Marking Symbol: 3R
I Electrical Characteristics Ta = 25C 3C
Parameter Emitter cutoff current Collector to base voltage Forward current transfer ratio hFE ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance Symbol IEBO VCBO hFE hFE(RATIO) VCE(sat) fT Cob Conditions VEB = 2 V, IC = 0 IC = 100 A, IE = 0 VCE = 4 V, IC = 2 mA VCE = 4 V, IC = 100 A/2 mA IC = 20 mA, IB = 4 mA VCE = 5 V, IC = 15 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 0.6 1.1 1.2 1.6 15 100 0.6 350 1.5 0.5 dB V GHz pF Min Typ Max 2 Unit A V
1


▲Up To Search▲   

 
Price & Availability of 2SC5580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X