Part Number Hot Search : 
HR1L2Q TB62725F CMHZ4104 BU508A PIC16L SN1203 66ESA PMEG2020
Product Description
Full Text Search
 

To Download 2SB0940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB0940 (2SB940), 2SB0940A (2SB940A)
Silicon PNP epitaxial planar type
For power amplification For TV vertical deflection output Complementary to 2SD1264, 2SD1264A Features
* High collector-emitter voltage (Base open) VCEO * Large collector power dissipation PC * Full-pack package which can be installed to the heat sink with one screw
16.70.3
Unit: mm
0.70.1
10.00.2 5.50.2
4.20.2
4.20.2 2.70.2
7.50.2
3.10.1
Solder Dip (4.0)
1.40.1
1.30.2 0.5+0.2 -0.1
Absolute Maximum Ratings TC = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage 2SB0940 (Base open) 2SB0940A Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Ta = 25C Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating -200 -150 -180 -6 -2 -3 30 2 150 -55 to +150 C C V A A W Unit V V
14.00.5
0.80.1
2.540.3 5.080.5
123
1: Base 2: Collector 3: Emitter EIAJ: SC-67 TO-220F-A1 Package
Electrical Characteristics TC = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) 2SB0940 2SB0940A VEBO VBE ICBO IEBO hFE1
*
Symbol VCBO VCEO
Conditions IC = -50 A, IE = 0 IC = -5 mA, IB = 0 IE = -500 A, IC = 0 VCE = -10 V, IC = -400 mA VCB = -200 V, IE = 0 VEB = -4 V, IC = 0 VCE = -10 V, IC = -150 mA VCE = -10 V, IC = -400 mA IC = -500 mA, IB = -50 mA VCE = -10 V, IC = - 0.5 A, f = 10 MHz
Min -200 -150 -180 -6
Typ
Max
Unit V V
Emitter-base voltage (Collector open) Base-emitter voltage Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio
V -1 -50 -50 V A A V MHz
60 50
240 -1 30
hFE2 Collector-emitter saturation voltage Transition frequency VCE(sat) fT
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 Q 60 to 140 P 100 to 240 Note) The part numbers in the parenthesis show conventional part number.
Publication date: February 2003 SJD00021BED
1
2SB0940, 2SB0940A
PC Ta
50
IC VCE
-600
TC=25C IB=-4.5mA
IC VBE
-2.0
VCE=-10V
Collector power dissipation PC (W)
40
Collector current IC (A)
Collector current IC (A)
(1)TC=Ta (2)With a 100x100x2mm Al heat sink (3)With a 50x50x2mm Al heat sink (4)Without heat sink (PC=2W)
-500
-400
-4.0mA -3.5mA -3.0mA -2.5mA -2.0mA -1.5mA -1.0mA -0.5mA
-1.6
25C
30
-1.2
TC=100C
(1) 20
-300
- 0.8
-25C
-200
10 (3) (4) 0 0 40
(2)
-100
- 0.4
80
120
160
0
0
-2
-4
-6
-8
-10
-12
0
0
- 0.2
- 0.4
- 0.6
- 0.8
-1.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
104
-10
IC/IB=10
hFE IC
VCE=-10V
fT I C
104
VCE=-10V f=10MHz TC=25C
Forward current transfer ratio hFE
103
TC=100C 25C
Transition frequency fT (MHz)
-1 -10
103
-1
TC=100C 25C -25C
102
-25C
102
- 0.1
10
10
- 0.01 - 0.01
- 0.1
-1
1 - 0.01
- 0.1
1 - 0.01
- 0.1
-1
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Safe operation area
-100
Non repetitive pulse TC=25C
Rth t
103 (1)Without heat sink (2)With a 100x100x2mm Al heat sink (1)
Thermal resistance Rth (C/W)
Collector current IC (A)
-10
ICP t=0.5ms
102
10
(2)
-1
IC
t=5ms t=1ms
1
DC
- 0.1
2SB0940A 2SB0940
10-1
- 0.01 -1
-10
-100
-1 000
10-2
10-3
10-2
10-1
1
10
102
103
104
Collector-emitter voltage VCE (V)
Time t (s)
2
SJD00021BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB0940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X