Part Number Hot Search : 
4C10B BU323Z D2014UK C3329 C3329 HD74LS37 DA3674A URF1660
Product Description
Full Text Search
 

To Download 2SB0710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SB0710, 2SB0710A
Silicon PNP epitaxial planer type
Unit: mm
For general amplification Complementary to 2SD0602 and 2SD0602A I Features
* Large collector current IC * Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
1
0.40+0.10 -0.05 3
0.16+0.10 -0.06
1.50+0.25 -0.05
2.8+0.2 -0.3
2
(0.95) (0.95) 1.90.1 2.90+0.20 -0.05 10
1.1+0.2 -0.1
Parameter Collector to base voltage Collector to emitter voltage 2SB0710 2SB0710A 2SB0710 2SB0710A
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Rating -30 -60 -25 -50 -5 -1 -500 200 150 -55 to +150
Unit V
V
1: Base 2: Emitter 3: Collector
0 to 0.1
1.1+0.3 -0.1
I Absolute Maximum Ratings Ta = 25C
(0.65)
JEDEC: TO-236 EIAJ: SC-59 Mini Type Package
Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V A mA mW C C
Marking Symbol * 2SB0710 : C * 2SB0710A : D
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio
*1
Symbol ICBO 2SB0710 2SB0710A 2SB0710 2SB0710A VEBO hFE1 hFE2
*2
Conditions VCB = -20 V, IE = 0 IC = -10 A, IE = 0 IC = -10 mA, IB = 0 IE = -10 A, IC = 0 VCE = -10 V, IC = -150 mA VCE = -10 V, IC = -500 mA IC = -300 mA, IB = -30 mA IC = -300 mA, IB = -30 mA VCB = -10 V, IE = 50 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz
Min -30 -60 -25 -50 -5 85 40
Typ
Max - 0.1
Unit A V
VCBO VCEO
340 - 0.35 -1.1 200 6 15 - 0.6 -1.5
Collector to emitter saturation voltage *1 Base to emitter saturation voltage *1 Transition frequency Collector output capacitance Note) *1: Pulse measurement *2: Rank classification Rank hFE1 Marking symbol 2SB0710 2SB0710A
VCE(sat) VBE(sat) fT Cob
MHz pF
Q 85 to 170 CQ DQ
R 120 to 240 CR DR
S 170 to 340 CS DS
No-rank 85 to 340 C D Product of no-rank is not classified and have no indication for rank.
0.40.2
5
V
V
V V
1
2SB0710, 2SB0710A
PC Ta
240 -1 200
Transistors
IC VCE
Ta = 25C -800 -700
IC I B
VCE = -10 V Ta = 25C
Collector power dissipation PC (mW)
200
-1 000
Collector current IC (mA)
160
-800
IB = -10 mA -9 mA -8 mA -7 mA -6 mA -5 mA -4 mA -3 mA -2 mA -1 mA
120
-600
80
-400
40
-200
0
0 0 40 80 120 160
Collector current IC (mA)
-600 -500 -400 -300 -200 -100 0 -2 -4 -6 -8 -10
0
-2
-4
-6
-8
-10
-12
0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) IC
Collector to emitter saturation voltage VCE(sat) (V)
Base to emitter saturation voltage VBE(sat) (V)
-10 -3 -1 - 0.3 - 0.1 25C Ta=75C -25C IC / IB = 10 -100 -30 -10 3
VBE(sat) IC
IC / IB = 10
600
hFE IC
VCE = -10 V
Forward current transfer ratio hFE
500
400
25C -1 Ta = -25C 75C
300 Ta = 75C 200 25C -25C
- 0.03 - 0.01
- 0.3 - 0.1
- 0.003 - 0.001 -1 -3 -10 -30 -100 -300 -1 000
- 0.03 - 0.01 -1 -3 -10 -30 -100 -300 -1 000
100
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (A)
fT I E
240 24
Cob VCB
Collector output capacitance Cob (pF)
Collector to emitter voltage VCER (V)
VCB = -10 V Ta = 25C IE = 0 f = 1 MHz Ta = 25C -120
VCER RBE
IC = -2 mA Ta = 25C
Transition frequency fT (MHz)
200
20
-100
160
16
-80
120
12
-60 2SB0710A -40 2SB0710 -20
80
8
40
4
0
1
2
3
5
10
20 30 50
100
0 -1
-2 -3 -5
-10
-20-30 -50 -100
0
1
3
10
30
100
300
1 000
Emitter current IE (mA)
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
2


▲Up To Search▲   

 
Price & Availability of 2SB0710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X