Part Number Hot Search : 
MOLEX 13900 BY296 74AC05 Y3620R 92582 AX102412 AX102412
Product Description
Full Text Search
 

To Download 2N5484 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel JFET High Frequency Amplifier
CORPORATION
2N5484 - 2N5486
FEATURES ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise specified) Drain-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Source Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Forward Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Storage Temperature Range . . . . . . . . . . . . . -65oC to +150oC Operating Temperature Range . . . . . . . . . . . -55oC to +135oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 310mW Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . 2.82mW/ oC
TO-92
* Up to 400MHz Operation * Economy Packaging * Crss <1.0pF
PIN CONFIGURATION
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION Part 5000
G DS
Package
Temperature Range -55oC to +135oC -55oC to +135oC
2N5484-86 Plastic TO-92 X2N5484-86 Sorted chips in Carriers
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise specified)
SYMBOL IGSS BVGSS VGS(off) IDSS gfs gos Re(yfs) Re(yos) Re(yis) Ciss Crss Coss PARAMETER Gate Reverse Current Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Current Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Forward Transconductance (Note 2) Common-Source Output Conductance (Note 2) Common-Source Input Conductance (Note 2) Common-Source Input Capacitance (Note 2) Common-Source Reverse Transfer Capacitance (Note 2) Common-Source Output Capacitance (Note 2) 2500 3000 75 100 100 1000 5.0 1.0 2.0 5.0 1.0 2.0 1000 5.0 1.0 2.0 pF f = 1MHz 100 VDS = 15V, VGS = 0 3500 S -25 -0.3 1.0 -3.0 5.0 50 2N5484 -1.0 -200 -25 -0.5 4.0 -4.0 10 60 2N5485 -1.0 -200 -25 -2.0 8.0 -6.0 20 75 2N5486 -1.0 -200 MIN MAX MIN MAX MIN MAX UNITS nA V mA TEST CONDITIONS VGS = -20V, VDS = 0 TA = 100 oC IG = -1A, VDS = 0 VDS = 15V, ID = 10nA VDS = 15V, VGS = 0 (Note 1) f = 1kHz f = 100MHz f = 400MHz f = 100MHz f = 400MHz f = 100MHz f = 400MHz
3000 6000 3500 7000 4000 8000
2N5484 - 2N5486
CORPORATION
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25oC unless otherwise specified)
SYMBOL PARAMETER 2N5484 MIN MAX 2.5 NF Noise Figure (Note 2) 3.0 2.0 4.0 16 Gps Common-Source Power Gain (Note 2) 25 18 10 NOTES: 1. Pulse test required. Pulse width = 300s, duty cycle 3%. 2. For design reference only, not 100% tested. 30 20 18 10 30 20 2.0 4.0 dB 2N5485 MIN MAX 2.5 2N5486 MIN MAX 2.5 VDS = 15V, VGS = 0, RG = 1M VDS = 15V, VD = 1mA, RG = 1k VDS = 15V, ID = 4mA, RG = 1k VDS = 15V, ID = 1mA VDS = 15V, ID = 4mA f = 400MHz f = 1kHz UNITS TEST CONDITIONS
f = 100MHz
f = 400MHz f = 100MHz


▲Up To Search▲   

 
Price & Availability of 2N5484

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X