Part Number Hot Search : 
IRG4PC 78M24C 20M22X BC727 SD820S05 AR5004 AR5004 S3P9414
Product Description
Full Text Search
 

To Download 2N5484 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
Discrete POWER & Signal Technologies
2N5484 2N5485 2N5486
MMBF5484 MMBF5485 MMBF5486
G
D G S
TO-92
D
SOT-23
Mark: 6B / 6M / 6H
S
N-Channel RF Amplifier
This device is designed primarily for electronic switching applications such as low On Resistance analog switching. Sourced from Process 50.
Absolute Maximum Ratings*
Symbol
VDG VGS IGF TJ ,Tstg Drain-Gate Voltage Gate-Source Voltage Forward Gate Current
TA = 25C unless otherwise noted
Parameter
Value
25 - 25 10 -55 to +150
Units
V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N5484 350 2.8 125 357
Max
*MMBF5484 225 1.8 556
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
a 1997 Fairchild Semiconductor Corporation
2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
N-Channel RF Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGS(off) Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage IG = - 1.0 A, VDS = 0 VGS = - 20 V, VDS = 0 VGS = - 20 V, VDS = 0, TA = 100C VDS = 15 V, ID = 10 nA 2N5484 2N5485 2N5486 - 25 - 1.0 - 0.2 - 3.0 - 4.0 - 6.0 V nA A V V V
- 0.3 - 0.5 - 2.0
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current* VDS = 15 V, VGS = 0 2N5484 2N5485 2N5486 1.0 4.0 8.0 5.0 10 20 mA mA mA
SMALL SIGNAL CHARACTERISTICS
gfs Forward Transfer Conductance VDS = 15, VGS = 0, f = 1.0 kHz 2N5484 2N5485 2N5486 VDS = 15, VGS = 0, f = 100 MHz 2N5484 VDS = 15, VGS = 0, f = 400 MHz 2N5485 / 2N5486 VDS = 15, VGS = 0, f = 1.0 kHz 2N5484 2N5485 2N5486 VDS = 15, VGS = 0, f = 100 MHz 2N5484 VDS = 15, VGS = 0, f = 400 MHz 2N5485 / 2N5486 VDS = 15, VGS = 0, f = 100 MHz 2N5484 VDS = 15, VGS = 0, f = 400 MHz 2N5485 2N5486 VDS = 15, VGS = 0, f = 1.0 MHz VDS = 15, VGS = 0, f = 1.0 MHz VDS = 15, VGS = 0, f = 1.0 MHz VDS= 15 V, RG = 1.0 k, f = 100 MHz 2N5484 VDS= 15 V, RG = 1.0 k, f = 400 MHz 2N5484 VDS= 15 V , RG = 1.0 k, f = 100 MHz 2N5485 / 2N5486 VDS= 15 V, RG = 1.0 k, f = 400 MHz 2N5485 / 2N5486 3000 3500 4000 6000 7000 8000 100 1000 50 60 75 75 100 2500 3000 3500 5.0 1.0 2.0 3.0 4.0 2.0 4.0 mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos pF pF pF dB dB dB dB
Re(yis)
Input Conductance
gos
Output Conductance
Re(yos)
Output Conductance
Re(yfs)
Forward Transconductance
Ciss Crss Coss NF
Input Capacitance Reverse Transfer Capacitance Output Capacitance Noise Figure
*Pulse Test: Pulse Width 300 ms, Duty Cycle 2%
2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
N-Channel RF Amplifier
(continued)
Typical Characteristics
Transfer Characteristics
20
Channel Resistance vs Temperature
1000 r DS - DRAIN ON RESISTANCE ( ) 500 300 200 100
V GS(OFF) = -4.5V TA = -55 C T A = +25 C
O O
V DS
= 15V
ID - DRAIN CURRENT (mA)
16
V GS(OFF) = -1.0V -2.5 V -5.0V -8.0 V
12
T A = +125O C
TA = -55 C T A = +25 C T A = +125O C
O
O
8
50 30 20 10
4
V DS = 100mV V
-50
GS
-2.5 V
0 0 -1 -2 -3 -4 VGS- GATE-SOURCE VOLTAGE(V) -5
=0V
150
0 50 100 T A - AMBIENT TEMPERATURE (C)
Transconductance Characteristics
gfs -- TRANSCONDUCTANCE (mmhos) 7 6 5 4 3 2 1 0 0
Common Drain-Source Characteristics
I D -- DRAIN CURRENT (mA)
DS
TA = -55 C T A = +25 C T A = +125O C
O
O
V
= 15V
5 4 TYP V 3
T A = +25 C
GS(OFF)
O
= -5.0V
= 0V
5V .0V -0. -1 V -1.5
-2.0V
-2.5V
TA = -55 C T A = +25 C T A = +125O C V GS(OFF) = -4.5V
O
O
V
GS
2 1
-3.0V -3.5V -4.0V
-2.5 V
-1 -2 -3 -4 VGS- GATE-SOURCE VOLTAGE(V) -5
0
0
0.2 0.4 0.6 0.8 VDS - DRAIN-SOURCE VOLTAGE(V)
1
gos -- OUTPUT CONDUCTANCE (u mhos)
T A = +25 C f = 1.0 kHz
20 10 5
O
V
GS(OFF)
= -5.5V
5.0V 10V 15V 20V
gfs, I DSS @ V DS = 15 V, V r DS @ VDS= 100mV, V
GS
= 0 PULSE GS = 0
100 50 30 20 10 5
V
DG
= 5v 10 20 15 5 10 15 20 V
GS(OFF)
1 0.5
= -3.5V
V
0.1 0.01 0.02
GS(OFF)
= -1.5V
5 10
20 10 -1
VGS(OFF) @ VGS = 15V, I D= 1nA -2 -3 -5 -7 V - GATE-SOURCE VOLTAGE(V)
GS
3 2 1 - 10
0.05 0.1 0.2 0.5 1 2 I D -- DRAIN CURRENT (mA)
gfs --- TRANSCONDUCTANCE ( mmhos ) I -- DRAIN CURRENT ( mA ) DSS
Output Conductance vs Drain Current
r DS -- DRAIN "ON" RESISTANCE ( )
Transconductance Parameter Interactions
2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
Transconductance vs Drain Current
gfs -- TRANSCONDUCTANCE (mmhos) 10
Noise Voltage vs Frequency
V DG = 15V BW = 6.0 Hz @ f = 10 Hz, 100 Hz = 0.2 f @ f > 1.0 kHz
Hz )
T A = +25 C T A = +125 O C
1 0.5
O
TA = -55 C T A = +25 C V GS GS(OFF) = - 5V T A = +125 O C V
DG
O
O
e n- NOISE VOLTAGE ( nV/
V GS GS(OFF) = - 1.5V O TA = -55 C 5
10 5
I D = 0.5 mA I D = 3 mA
= 15V
5 10
0.1 0.01 0.02
f = 1.0 kHz
0.05 0.1 0.2 0.5 1 2 I - DRAIN CURRENT (mA)
D
1 0.01 0.03
0.1
0.3 1 3 10 f -- FREQUENCY (kHz)
30
100
Capacitance vs Voltage
10 5
Noise Figure Frequency
V DS
NF -- NOISE FIGURE (dB) 4
f = 0.1 - 1.0 MHz
) -- CAPACITANCE (pF) 5
= 15V = 5.0 mA
I
D
C isC V (DS = 15 V) V) ( V = 15
1
3
R g = 1.0 k O T A = +25 C
C rs ( V
DS
= 0 V)
2
C is ( C
rs
1
0
-5 -10 -15 VGS-- GATE-SOURCE VOLTAGE(V)
-20
0 10
20
30
50 100 200 300 f -- FREQUENCY (MHz)
500
1000
Power Dissipation vs Ambient Temperature
PD - POWER DISSIPATION (mW) 350 300 250 200 150 100 50 0 0 25 50 75 100 o TEMPERATURE ( C) 125 150
SOT-23
TO-92
2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
N-Channel RF Amplifier
(continued)
Common Source Characteristics
Input Admittance
Yiss -- INPUT ADMITTANCE (mmhos) 10 5 V DS = 15V V GS = 0 (CS)
-- OUTPUT CONDUCTANCE (mmhos) 1
Output Admittance
b OSS (x 10) g
OSS
1 b iss g iss
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
100
200 300 500 f -- FREQUENCY (MHz)
700
1000
Forward Transadmittance
Yfss -- FORWARD TRANSFER (mmhos)
Y rss-- REVERSE TRANSFER (mmhos)
Y
OSS
Reverse Transadmittance
10 5
10 5
+g
fss
-b fss
1
- b rss
1
-g V DS = 15V V GS = 0 (CS)
100
rss
( X 0.1)
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
200 300 500 f -- FREQUENCY (MHz)
700
1000
2N5484 / 2N5485 / 2N5486 / MMBF5484 / MMBF5485 / MMBF5486
N-Channel RF Amplifier
(continued)
Common Gate Characteristics
Input Admittance
Y ogs-- OUTPUT CONDUCTANCE (mmhos) Y -- INPUT ADMITTANCE (mmhos) igs 1
Output Admittance
V DS = 15V V GS = 0 (CG)
b OgS (x 10) g
Ogs
10 5
g igs
b igs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
1 100
200 300 500 f -- FREQUENCY (MHz)
700
1000
Forward Transadmittance
Y rgs-- REVERSE TRANSFER (mmhos)
Yfgs -- FORWARD TRANSFER (mmhos) 10 5
Reverse Transadmittance
1 V DS = 15V V GS = 0 (CG) g
rgs
+g fgs
-b fgs
1
- b rgs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
100
200 300 500 f -- FREQUENCY (MHz)
700
1000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of 2N5484

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X