Part Number Hot Search : 
PIC24HJ KIA4559 SB360A PSO6M SR280 C3115 400A12S2 C122F1
Product Description
Full Text Search
 

To Download 2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5401
PNP Transistors
TO-92
1. EMITTER 2. BASE 3. COLLECTOR
1
2
3
ABSOLUTE MAXIMUM RATINGS (Ta=25 C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base VOltage Collector Current Total Device Dissipation TA=25 C Junction Temperature Storage, Temperature Symbol VCEO VCBO VEBO IC PD Tj Tstg 2N5401 -150 -160 -5.0 600 0.625 150 -55 to +150 Unit Vdc Vdc Vdc mAdc W C C
ELECTRICAL CHARACTERISTICS
Characteristics Collector-Emitter Breakdown Voltage (IC= -1.0 mAdc, IB=0) Collector-Base Breakdown Voltage (IC= -100 Adc, IE=0) Emitter-Base Breakdown Voltage (IE= -10 Adc, IC=0) Collector Cutoff Current (VCB= -120 Vdc, IE=0) Emitter Cutoff Current (VEB= -4.0 Vdc, I C =0) Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Min -150 -160 -5.0 Max -0.05 -0.05 Unit Vdc Vdc Vdc uAdc uAdc
WEITRON
http://www.weitron.com.tw
2N5401
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min TYP Max Unit
ON CHARACTERISTICS
DC Current Gain (IC= -1.0/1.0 mAdc, VCE=-5.0 Vdc) DC Current Gain (IC= -10 mAdc, VCE= -5.0 Vdc) IC =-50 mAdc, VCE=-5.0 Vdc Collector-Emitter Saturation Voltage (IC= -25 mAdc, IB= -5.0 mAdc) Base-Emitter Saturation Voltage (IC= -50 Adc, IB= -5.0 mAdc) Current-Gain-Bandwidth Product (IC= 10 mAdc, VCE=-5.0 Vdc, f=30MHz) hFE (1) hFE (2) hFE (3) VCE(sat) VBE(sat)
fT
80 80 50 100
-
250 -0.5
Vdc
-1.0 -
Vdc MHz
Classification of hFE(2) Rank Range A 80-160 B 120-180 C 150-250
WEITRON
http://www.weitron.com.tw
2N5401
200 150 TJ = 125 C hFE , CURRENT GAIN 100 70 50 - 55 C 30 20 0.1 VCE = -1.0 V VCE = -5.0 V 0.2 0.3 0.5 1.0 2.0 3.0 5.0 IC, COLLECTOR CURRENT (mA) 10 20 30 50 100 25 C
F IG 1. DC C urrent G ain
FIG2
FIG3
WEITRON
http://www.weitron.com.tw
2N5401
TO-92 Outline Dimensions
E
unit:mm
TO-92
H
C
J K
G
Dim A B C D E G H J K L
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A


▲Up To Search▲   

 
Price & Availability of 2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X