Part Number Hot Search : 
DTB114T 183J630 GDMQ0705 GC1710 HPI307R2 BLY89C MC602 LTC1417
Product Description
Full Text Search
 

To Download 1SS396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS396
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS396
Low Voltage High Speed Switching
l Low forward voltage l Low reverse current l Small package : VF (3) = 0.54V (typ.) : IR = 5A (max.) : SC-59 Unit: mm
Maximum Ratings (Ta = 25C)
Characteristic Maximum (peak) reverse Voltage Reverse voltage Maximum (peak) forward current Average forward current Surge current (10ms) Power dissipation Junction temperature Storage temperature range Operating temperature range Symbol VRM VR IFM IO IFSM P Tj Tstg Topr Rating 45 40 300 * 100 * 1* 150 125 -55~125 -40~100 Unit V V mA mA A mW C C C
* Unit rating. Total rating = unit rating x 0.7
JEDEC EIAJ TOSHIBA Weight: 0.012g
TO-236MOD SC-59 1-3G1G
Electrical Characteristics (Ta = 25C)
Characteristic Symbol VF (1) Forward voltage VF (2) VF (3) Reverse current Total capacitance IR CT Test Circuit Test Condition IF = 1mA IF = 10mA IF = 100mA VR = 40V VR = 0, f = 1MHz Min Typ. 0.28 0.36 0.54 18 Max 0.60 5 25 V Unit
A
pF
Marking
1
2001-06-07
1SS396
2
2001-06-07
1SS396
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2001-06-07
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1SS396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X