Part Number Hot Search : 
LTC40 R100KL OP97EZ KJ01RTT KJ01RTT OP97EZ MC332 R100KL
Product Description
Full Text Search
 

To Download 1N746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N746 THRU 1N759
Zener Voltage 3.3V to 12V Silicon Planar Power Zener Diodes Standards zener voltage tolerance is 10% , Add suffix "A" for 5% tolerance, other tolerances are available upon request
0.5W Silicon Planar Zener Diodes
* * *
Mechanical Data
Case: DO-35 glass case Polarity: Color band denotes cathode end Weight: Approx. 0.13 gram
DO-35
Maximum Ratings
Symbol Zener Current Power Dissipation @ T A=50oC Junction Temperature Storage Temperature Range Ptot TJ TSTG Value See Table 1 500 175 -65 to 175 Units mW
o o D
C C
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Thermal resistance Forward Voltage @ IF=200mA
RqJA
Maximum 300 1.5
o
Unit C/W V
C
VF
NOTE:
1) Valid provided that a distance of 8mm from case are kept at ambient temperature 2) Power derating: 4.0mW/oC above 50oC
DIM A B C D DIMENSIONS INCHES MIN ------1.000 MM MIN ------25.40
MAX .166 .079 .020 ---
MAX 4.2 2.00 .52 ---
NOTE
www.mccsemi.com
1N746 thru 1N759
MCC
MCC PART NUMBER 1N746 1N747 1N748 1N749 1N750 1N751 1N752 1N753 1N754 1N755 1N756 1N757 1N758 1N759
NORMAL ZENER VOLTAGE Vz@ Izt VOLTS 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12
MAXIMUM MAXIMUM ZENER ZENER MAXIMUM REVERSE TEST CURRENT IMPEDANCE LEAKAGE CURRENT CURRENT TYPICAL TEMP. IZM Zzt @ Izt Ir @ Vr=1V Izt COEFFICIENT mA OHMS uA @25oC uA @125oC mA %/ oC 20 28 10 30 110 -.066 20 24 10 30 100 -.058 20 23 10 30 95 -.046 20 22 2 30 85 -.033 20 19 2 30 75 -.015 20 17 1 20 70 .010 20 11 1 20 65 +.030 20 7.0 0.1 20 60 +.049 20 5.0 0.1 20 55 +.053 20 6.0 0.1 20 50 +.057 20 8.0 0.1 20 45 +.060 20 10 0.1 20 40 +.061 20 17 0.1 20 35 +.062 20 30 0.1 20 30 +.062
Note: 1) Tested with pulses t p= 20ms 2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case. 3) Zener impedance derived by superimposing on IZT, a 60 cps, rms ac current equal to 10% IZT (2 mA ac) 4) Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit approaches thermal equilibrium at the power dissipation of 400mW.
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X