Part Number Hot Search : 
B7105 3LB501 MMBZ5239 ABT16 BAV21 LMB16 F10NK50Z FEP30FP
Product Description
Full Text Search
 

To Download UMX5101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UMX5101
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
RoHS COMPLIANT
DESCRIPTION The UMX5101 PIN diode series was designed to provide ultra low magnetic PIN diodes for in bore surface coil applications associated with higher field strength (3T and greater) MR scanners. These PIN diodes produce the minimum artifacts (magnetic field distortions) available in the industry, today. The diodes have been tested in magnetic fields of 7 Tesla. KEY FEATURES
www.MICROSEMI.com
Ultra low magnetic construction SOGO passivated chip Thermally matched configuration RoHS compliant
1
The UMX5101 PIN diodes have a magnetic moment at 7 T of 2E-8 (J/T).
The diodes are offered in a surface mount package. The SM package utilizes a square end cap to mark the cathode. The anode is round. The fully SOGO passivated PIN diode chip is full face metallurgically bonded to high conductive pins for lower thermal and electrical resistances. The PIN diodes feature low forward bias resistance and high zero bias impedance. The UMX5101 PIN diodes are characterized at 64, 128, and 300 MHz. The UMX5101 meets RoHS requirements per EU Directive 2002/95/EC.
Low capacitance at 0 V bias Low conductance at 0 V bias Metallurgical bond Fused-in-glass construction
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Rating Symbol Value Unit
Non cavity design Available in surface mount package. Compatible with automatic insertion equipment V 1- These devices are supplied with V C C
Silver terminations. Other terminal finishes may be available on request. Consult factory for details.
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Storage Temperature Operating Temperature Non-Repetitive Peak
VRRM VRWM VR V R (RMS) T stg T op
100 100 100 75 -65 to +175 -65 to +150
THERMAL CHARACTERISTICS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Thermal Resistance UMX5101SM 20 C/Watt
APPLICATIONS/BENEFITS High B Field (3T+) in bore APPLICATIONS: Active or semi-active (not passive) MR blocking circuits MR detuning circuits MR disable circuits MR receiver protector circuits
IMPORTANT:Forthemostcurrentdata,consultMICROSEMI's website: www.MICROSEMI.com
UMX 5101 U MX 5101
Copyright 2006 Rev. A, 2006-12-28
Microsemi
Lowell Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
UMX5101
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
RoHS COMPLIANT
ELECTRICAL PARAMETERS @ 25 (UNLESS OTHERWISE SPECIFIED) C
www.MICROSEMI.com
Parameter
Forward Voltage (Note 1) Reverse Break Down Voltage Reverse Current Inductance
Symbol
VF VBR IR Ls
Conditions
IF = 100 mA I R = 10 uA VR = 100 V
Min
Typ.
0.82
Max
1.0
Units
V V
100 10 800
uA pH
Magnetic moment
@ 7T m @ 1T
2E-8 J/T 5E-8 -2.7E-11 1.2E-9 -2.4E-7 1.0E-5
2.5 1.0 10 800 30 k 1000 0.8 2 2.5 1.0 us 3.0 1.2 pF
Mass Susceptibility

@ 7T @ 1T
m /kg
3
Volume Susceptibility
>1T to 7T <1 T
SI
Capacitance
CT
VR = 0 V, F = 1 MHz VR = 100 V, F = 1 MHz VR = 0 V, F = 64 MHz
Parallel Resistance Series Resistance Lifetime
RP VR = 30 V, F = 64 MHz RS If = 100 mA F = 64 MHz If = 10 mA
EL ECTRI CALS E LECT RICA LS
Copyright 2006 Rev. A, 2006-12-28
Microsemi
Lowell Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
UMX5101
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
RoHS COMPLIANT
MAGNETIC MOMENT VS F IELD C - V CURVES
www.MICROSEMI.com
RP - PARALLEL R ESISTANCE
RS VS IF
G RA PHS GR APHS G RA PHS GR APHS
Copyright 2006 Rev. A, 2006-12-28
Microsemi
Lowell Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
UMX5101
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
RoHS COMPLIANT
VF VS IF SM STYLE SOLDER FOOTPR INT
www.MICROSEMI.com
NOTES:
1. These dimensions will match the terminals and provide for additional solder fillets at the outboard ends at least as wide as the terminals themselves, assuming accuracy of device placement within .005 inches. If the mounting method chosen requires use of an adhesive separate from the solder compound, a round (or square) spot of cement as shown should be centrally located.
2.
"SM" STYLE PACKAGE O UTLINE
Dimensions shown are in inches
G RA PH S /MEC HA NI C AL GR A PHS /M ECH AN I CA L
DIMENSIONS SHOWN ARE IN INCHES
Copyright 2006 Rev. A, 2006-12-28
Microsemi
Lowell Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 4
UMX5101
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
RoHS COMPLIANT
www.MICROSEMI.com
NOTES:
N OTES NO TES
Copyright 2006 Rev. A, 2006-12-28
Microsemi
Lowell Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 5


▲Up To Search▲   

 
Price & Availability of UMX5101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X