Part Number Hot Search : 
A101M UR202 MAX63 ISL5727 SKHI23 AAT1155 2SB118 MAX63
Product Description
Full Text Search
 

To Download TS339CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS339
Micropower Quad CMOS Voltage Comparators

Extremely low supply current: 9a typ/comp. Wide single supply range 2.7V to 16V or dual supplies (1.35V to 8V) Extremely low input bias current: 1pA typ. Extremely low input offset current: 1pA typ. Input common-mode voltage range includes GND High input impedance: 1012 typ Fast response time: 1.5s typ. for 5mV overdrive Pin-to-pin and functionally compatible with bipolar LM339 P TSSOP14 (Thin Shrink Small Outline Package) D SO14 (Plastic Micropackage) N DIP14 (Plastic Package)

Description
The TS339 is a micropower CMOS quad voltage comparator with extremely low consumption of 9A typ / comparator (20 times less than bipolar LM339). Similar performances are offered by the quad micropower comparator TS3704 with a push-pull CMOS output. Thus response times remain similar to the LM339.
Pin Connection (top view)
Output 2 1 14 13 12 + + + + 11 10 9 8 Output 3 Output 4 V CC Non-inverting Input 4 Inverting Input 4 Non-inverting Input 3 Inverting Input 3 Output 1 2 VCC + 3
Inverting Input 1 4 Non-inverting Input 1 5 Inverting Input 2 Non-inverting Input 2 6 7
Order Codes
Part Number TS339CN TS339CD/CDT TS339IN TS339ID/IDT TS339IPT TS339IYD/IYDT -40C, +125C Temperature Range 0C, +70C Package DIP14 SO-14 DIP14 SO-14 TSSOP14 (Thin Shrink Outline Package) SO-14 (automotive grade level) Packaging Tube Tube or Tape & Reel Tube Tube or Tape & Reel Tape & Reel Tube or Tape & Reel Marking TS339CN S339C TS339IN S339I S339I S339IY
August 2005
Rev 2 1/9
www.st.com
9
Absolute Maximum Ratings
TS339
1
Absolute Maximum Ratings
Table 1.
Symbol VCC + Vid Vi Vo Io IF pd Tstg Supply Voltage (1) Differential Input Voltage (2) Input Voltage (3) Output Voltage Output Current Forward Current in ESD Protection Diodes on Inputs (4) Power Dissipation (5) DIP14 SO14 TSSOP14 Storage Temperature Range HBM: Human Body Model(6) ESD MM: Machine Model(7) CDM: Charged Device Model
Key parameters and their absolute maximum ratings
Parameter Value 18 18 18 18 20 50 1500 830 710 -65 to +150 50 40 800 Unit V V V V mA mA
mW C V V V
1. All voltage values, except differential voltage, are with respect to network ground terminal. 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 3. Excursions of input voltages may exceed the power supply level. As long as the common mode voltage [Vicm=(Vin+ + Vin-)/2] remains within the specified range, the comparator will provide a stable output state. However, the maximum current through the ESD diodes (IF) of the input stage must strictly be observed. 4. Guaranteed by design. 5. Pd is calculated with Tamb = +25C, Tj = +150C and Rthja = 80 C/W for DIP14 package Rthja = 150 C/W for SO14 package Rthja = 175C/W for TSSOP14 package 6. Human body model, 100pF discharged through a 1.5k resistor into pin of device. 7. Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external series resistor (internal resistor < 5), into pin to pin of device.
2/9
TS339
Typical Application Schematics
2
Typical Application Schematics
Figure 1. Schematic diagram (for 1/4 TS339)
VCC +
T1
T2
T9
T 10
T17
R1 Input T3 T4
T 11
T12 Input +
T 18
Output T 20 T8 T 13
T 19
T5
T6
T7
T14
T 15
T16
VCC -
3/9
Electrical Characteristics
TS339
3
Electrical Characteristics
Table 2.
Symbol Input Offset Voltage (1) Vic = 1.5V Tmin. T amb Tmax. Input Offset Current (2) Vic = 1.5V Tmin. T amb Tmax. Input Bias Current 2) Vic = 1.5V Tmin. T amb Tmax. Input Common Mode Voltage Range Tmin. T amb Tmax Common-mode Rejection Ratio Vic = Vicm min. Supply Voltage Rejection Ratio VCC+ = 3V to 5V High Level Output Current Vid = +1V, V OH = 3V Tmin. T amb Tmax. Low Level Output Voltage Vid = -1V, IOL = +6mA Tmin. T amb Tmax. Supply Current (each comparator) No load - Outputs low Tmin. T amb Tmax. Response Time Low to High Vic = 0V, f = 10kHz, Tmin. Tamb TmaxCL = 50pF, Overdrive = 5mV TTL Input Response Time High to Low Vic = 0V, f = 10kHz, RL = 5.1k, C L = 50pF, Overdrive = 5mV TTL Input 70 0 0
VCC+ = 3V, VCC- = 0V, Tamb = 25C (unless otherwise specified)
Parameter Min. Typ. Max. Unit
Vio
5 6.5
mV
Iio
1 300
pA
Iib
1 600 V CC+-1.2 VCC+ -1.5 70
pA
Vicm
V
CMR
dB
SVR
dB
IOH
2
40 1000
nA
VOL
400
550 800
mV
ICC
9
20 25
A
tPLH
1.5 0.7
s
tPHL
2.5 0.08
s
1. The specified offset voltage is the maximum value required to drive the output up to 2.5V or down to 0.3V. 2. Maximum values including unavoidable inaccuracies of the industrial test.
4/9
TS339
Table 3.
Symbol
Electrical Characteristics
VCC+ = 5V, VCC- = 0V, Tamb = 25C (unless otherwise specified)
Parameter Input Offset Voltage (1) Vio Vic = 2.5V, Vcc+ = 5V to 10V Tmin. T amb Tmax. Input Offset Current (2) Vic = 2.5V Tmin. T amb Tmax. Input Bias Current 2) Vic = 2.5V Tmin. T amb Tmax. Input Common Mode Voltage Range Tmin. T amb Tmax Common-mode Rejection Ratio Vic = 0V Supply Voltage Rejection Ratio VCC+ = +5V to +10V High Level Output Voltage Vid = 1V, V OH = +5V Tmin. T amb Tmax. Low Level Output Voltage Vid = -1V, IOL = 6mA Tmin. T amb Tmax. Supply Current (each comparator) No load - Outputs low Tmin. T amb Tmax. Response Time Low to High Vic = 0V, f = 10kHz, RL = 5.1k, C L = 15pF, Overdrive = 5mV Overdrive = 10mV Overdrive = 20mV Overdrive = 40mV TTL Input Response Time High to Low Vic = 0V, f = 10kHz, RL = 5.1k, C L = 15pF, Overdrive = 5mV Overdrive = 10mV Overdrive = 20mV Overdrive = 40mV TTL Input Fall time f = 10kHz, CL = 50pF, RL = 5.1k, Overdrive 50mV 0 0 1.4 5 6.5 mV Min. Typ. Max. Unit
Iio
1 300
pA
Iib
1 600 VCC+-1.2 VCC+ -1.5 75
pA
Vicm
V
CMR
dB
SVR
85
dB
IOH
27
40 1000
nA
VOL
260
400 650 20 25
mV
ICC
10
A
tPLH
1.5 1.2 1.1 0.9 0.8
s
tPHL
2.5 1.9 1.2 0.8 0.08
s
tf
30
ns
1. The specified offset voltage is the maximum value required to drive the output up to 4.5V or down to 0.3V. 2. Maximum values including unavoidable inaccuracies of the industrial test.
5/9
Package Mechanical Data
TS339
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
4.1
DIP14 Package
Plastic DIP-14 MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001A
6/9
TS339
Package Mechanical Data
4.2
SO-14 Package
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
7/9
Package Mechanical Data
TS339
4.3
TSSOP14 Package
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
8/9
TS339
Revision History
5
Revision History
Date Jan. 2003 Revision 1 Initial release. 1 - PPAP references inserted in the datasheet seeTable : Order Codes on page 1. 2 - ESD protection inserted in Table 1: Key parameters and their absolute maximum ratings on page 2. Changes
Aug. 2005
2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of TS339CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X