Part Number Hot Search : 
MAX715 0402SF0A C330M SK36SMA M5278LE TDA98 AD768 M37733
Product Description
Full Text Search
 

To Download SSR1008J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR1008J SSR1009J SSR1010J
10 AMP 80 100 VOLTS SCHOTTKY RECTIFIER
Designer's Data Sheet
Part Number/Ordering Information 1/
SSR1008J __ __ SSR1009J __ __ SSR1010J __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Lead Options __ = Straight Leads, DB = Bent Down, UB = Bent Up
FEATURES: * * * * * * * Extremely Low Forward Voltage Drop Low Reverse Leakage Hermetically Sealed Isolated Power Package Guard Ring for Overvoltage Protection Eutectic Die Attach 175C Operating Junction Temperature TX, TXV, or Space Level Screening Available
TO-257
MAXIMUM RATINGS
RATING
Peak Repetitive Reverse Voltage and DC Blocking Voltage SSR1008J SSR1009J SSR1010J
3/
SYMBOL
VRRM VRWM VR IO IFSM
VALUE
80 90 100 10 200
UNIT
Volts Amps Amps
Average Rectified Output Current (Resistive Load, 60Hz, Sine Wave, TA=25C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case
NOTES:
3/ 3/
TOP & TSTG RJC
-65 to +175 1.7
C
C/W
1/ For ordering information, Price, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ For optimal performance, leads 2 & 3 should be connected..
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0201B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR1008J SSR1009J SSR1010J
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
Instantaneous Forward Voltage Drop (IF = 1 Adc, TA = 25C, Pulse) (IF = 5 Adc, TA = 25C, Pulse) (IF = 10 Adc, TA = 25C, Pulse) Instantaneous Forward Voltage Drop (IF = 5 Adc, TA = -55C, Pulse) Reverse Leakage Current (Rated VR, TA = 25C, Pulse) Reverse Leakage Current (Rated VR, TA = 100C, Pulse) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1 MHz)
Case Outline- TO-257*
PIN OUT: PIN 1- CATHODE PIN 2- ANODE PIN 3- ANODE
SYMBOL
VF1 VF2 VF3 VF4 IR1 IR2 CJ
MAXIMUM
0.56 0.73 0.85 0.8 100 5 400
UNIT
Vdc
Vdc A mA pF
Bent Down Leads (DB Suffix)
Up Leads (UB Suffix)


▲Up To Search▲   

 
Price & Availability of SSR1008J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X