Part Number Hot Search : 
STS9015 Z5221B LL2012 CX65002 SB156M LA1364 K7253M PM0805
Product Description
Full Text Search
 

To Download SMBJSAC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax: (480) 947-1503
SMBJSAC5.0
500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Description
SMBJ surface mount package is utilized where power and space is a requirement. Designed for effective protection of low voltage power bus lines and data lines from voltage spikes originating from ESD, line noise (EFT), and induced lighting defined by IEC 1000-4-2, 1000-4-4, and 1000-4-5 respectively. Advanced technology provides lowest clamping voltage with surface mount packaging minimizing parasitic inductance.
Features
* * * * * 500 watts Peak Pulse Power 10/1000 s For surface Mount Applications (flat handling surface for accurate placement). Voltage and reverse leakage lowest available Low capacitance UL 94V-0 Flammability Classification
Mechanical Characteristics
* * * * * * * * CASE: DO-214AA (SMBJ) outline Terminals solderable per MIL-STD-750, Method 2026 Maximum temperature for soldering: 260 for 10 seconds maximum C LEAD MATERIAL: Copper LEAD FINISH: Tin lead plate (SN95/P65) POLARITY: Band indicates TVS cathode WEIGHT: 0.2 grams MOUNTING POSITION: Any
Maximum Ratings
* * * * * Operating Temperature: -55 to +150 C C Storage Temperature: -55 to +150 C C Steady state Power Dissipation: 3.0 watt @ TL 75 C Repetition rate (duty cycle): .01% Surge Power: 300 watts @ 10/1000 s or 2000 watts @ 8/20
Electrical Characteristics @ 25 unless otherwise specified C
PART NUMBER REVERSE STAND-OFF VOLTAGE (NOTE 1) VWM VOLTS BREAKDOWN VOLTAGE @ IT-1.0 Ma V(BR) VOLTS min. MAXIMUM REVERSE LEAKAGE @VWM ID A MAXIMUM CLAMPING VOLTAGE Ip=5.0A VC VOLTS MAXIMUM PEAK PLUSE CURRENT RATING IPP Amps CAPACITANCE WORKING INVERSE BLOCKING VOLTAGE VWIB VOLTS INVERSE BLOCKING LEAKAGE CURRENT @VWIB IIB Ma PEAK INVERSE BLOCKING VOLTAGE VPIB VOLTS
@ 0 VOLTS pF
SMBJSAC5.0
5.0
7.6
300
10.0
44
50
75
1
100
Datasheet: MSC0906.PDF
ISO 9001 CERTIFIED
REV C 8/28/98


▲Up To Search▲   

 
Price & Availability of SMBJSAC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X