Part Number Hot Search : 
100EP11 LT196 016AMPN 11SRW TX1N36 HCPL0453 PIC16C5 BUX98A08
Product Description
Full Text Search
 

To Download SI4830DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4830DY
Vishay Siliconix
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.022 @ VGS = 10 V 0.030 @ VGS = 4.5 V
ID (A)
7.5 6.5
SCHOTTKY PRODUCT SUMMARY
VDS (V)
30
VSD (V) Diode Forward Voltage
0.50 V @ 1.0 A
IF (A)
2.0
D1
D1
D2
D2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View Ordering Information: SI4830DY SI4830DY-T1 (with Tape and Reel) S1 N-Channel MOSFET S2 N-Channel MOSFET 8 7 6 5 D1 D1 D2 D2 G1 G2 Schottky Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 7.5 6.0 30 1.7 2.0 1.3 - 55 to 150
Steady State
Unit
V
5.7 4.6 0.9 1.1 0.7 W _C A
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
MOSFET Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71161 S-31989--Rev. C, 13-Oct-03 www.vishay.com t v 10 sec Steady-State Steady-State
Schottky Typ
53 93 35
Symbol
RthJA RthJC
Typ
52 93 35
Max
62.5 110 40
Max
62.5 110 40
Unit
_C/W C/W
1
SI4830DY
Vishay Siliconix
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter Static
Gate Threshold Voltage Gate-Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V V Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V TJ = 85_C V V, On-State Drain Currentb Drain-Source On-State Drain Source On State Resistanceb Forward Transconductanceb Diode Forward Voltageb ID(on) rDS( ) DS(on) gfs VSD VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 7.5 A VGS = 4.5 V, ID = 6.5 A VDS = 15 V, ID = 7.5 A IS = 1 A VGS = 0 V A, Ch 1 Ch-1 Ch-2 Ch 1 Ch-1 Ch-2 Ch 1 Ch-1 Ch-2 20 0.018 0.024 22 0.8 0.47 1.2 0.5 0.022 0.030 0.8 "100 1 100 15 2000 A W S V mA V nA
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Source Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 1 7 A di/dt = 100 A/ms 1.7 A, Ch 1 Ch-1 Ch-2 VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 0.5 8 10 21 10 40 32 VDS = 15 V, VGS = 10 V, ID = 7.5 A , , 13 2 2.7 3.2 16 20 40 20 80 70 ns W 20 nC
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Forward Voltage Drop
Symbol
VF
Test Condition
IF = 1.0 A IF = 1.0 A, TJ = 125_C Vr = 30 V Vr = 30 V, TJ = 100_C Vr = - 30 V, TJ = 125_C Vr = 10 V
Min
Typ
0.47 0.36 0.004 0.7 3.0 50
Max
0.50 0.42 0.100 10 20
Unit
V
Maximum Reverse Leakage Current g Junction Capacitance
Irm CT
mA pF
www.vishay.com
2
Document Number: 71161 S-31989--Rev. C, 13-Oct-03
SI4830DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 10 thru 4 V 16 I D - Drain Current (A) I D - Drain Current (A) 3V 16 20
MOSFET
Transfer Characteristics
12
12
8
8 TC = 125_C 4 25_C - 55_C
4
2V
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.040 r DS(on) - On-Resistance ( W ) 1000
Capacitance
C - Capacitance (pF)
0.032 VGS = 4.5 V VGS = 10 V 0.016
800 Ciss 600
0.024
400 Coss 200 Crss
0.008
0.000 0 4 8 12 16 20
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 7.5 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 7.5 A 1.4
6
r DS(on) - On-Resistance (W) (Normalized) 6 9 12 15
1.2
4
1.0
2
0.8
0 0 3 Qg - Total Gate Charge (nC) Document Number: 71161 S-31989--Rev. C, 13-Oct-03
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C) www.vishay.com
3
SI4830DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20 TJ = 150_C 0.04
MOSFET
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
10
r DS(on) - On-Resistance ( W )
ID = 7.5 A 0.03
0.02
TJ = 25_C
0.01
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) ID = 250 mA - 0.0 - 0.2 - 0.4 - 0.6 - 0.8 - 50 10 Power (W) 30 50
Single Pulse Power
40
20
- 25
0
25
50
75
100
125
150
0 10 -3
10 -2
10 -1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
Notes: PDM t1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 93_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71161 S-31989--Rev. C, 13-Oct-03
SI4830DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2 1
MOSFET
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
20 10 I R - Reverse Current (mA)
SCHOTTKY
Forward Voltage Drop
10 TJ = 150_C
Reverse Current vs. Junction Temperature
0.1
30 V 24 V
I F - Forward Current (A)
1
TJ = 25_C
0.01
0.001
0.0001 0 25 50 75 100 125 150 TJ - Temperature (_C) 200
1 0.0
0.3
0.6
0.9
1.2
1.5
VF - Forward Voltage Drop (V)
Capacitance
160 C - Capacitance (pF)
120
80 Coss 40
0 0 6 12 18 24 30 VDS - Drain-to-Source Voltage (V)
Document Number: 71161 S-31989--Rev. C, 13-Oct-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI4830DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X