Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download SC1602P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC1602Pom CHARACTERS x 2 LINES ) ( 16
FEATURES
5 x 7 DOTS WITH CURSOR 5 V POWER SUPPLY 1/16 DUTY CYCLE
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
4.2 V LED FORWARD VOLTAGE
w
w
at .D w
Sh a
ee
4U t
.c
ELECTRICAL CHARACTERISTICS
ITEM
LCD Operating Voltage VDD-VO
SYMBOL CONDITION MIN. TYP. MAX. UNIT
T=0 T=25 T=50 4.7 2.2 0 2.4 4.8 4.5 4.2 5 2 5.3 4 VDD 0.6 0.4 V V V V mA V V V V
Supply Voltage Supply Current Input Voltage Output "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
VDD-VSS IDD VIH VIL VOH VOL
-
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Character Size ( W x H ) Character Pitch (W x H) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
53.0 x 20.0 x 8.0 36.0 x 10.0 1.85 x 3.15 2.15 x4.25 0.33 x 0.35 0.38 x 0.40
UNIT
mm mm mm mm mm mm
Voltage
BLOCK DIAGRAM
DB7 DB0
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7 8
SYMBOL
VSS VDD VO RS R/W E DB0 DB1
FUNCTION
Supply Ground Supply Voltage Contrast Adj. Register Select Read/Write Enable Signal Data Bit 0 Data Bit 1
NO. SYMBOL
9 10 11 12 13 14 15 16 DB2 DB3 DB4 DB5 DB6
FUNCTION
Data Bit 2 Data Bit 3 Data Bit 4 Data Bit 5
DB7 A K
EXTERNAL DIMENSIONS
w
w
w
t a .D
Data Bit 6 Data Bit 7 LED Power LED Power
S a
e h
A K
E R/W RS Vo VDD Vss
U t4 e
.c
4
m o
LCD PANEL
COM16 LCD CONTROLLER SEG40
SEG40 LCD SEGMENT DRIVER
LED BACKLIGHT
w
w
w
.D
a
aS t
ee h
4U t
om .c


▲Up To Search▲   

 
Price & Availability of SC1602P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X