Part Number Hot Search : 
2SC3619 YM536 GBJ1508 BCM857DS SMC100 TSL1410 F1010 ADP1190A
Product Description
Full Text Search
 

To Download SBR30300CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR30300CT SBR30300CTFP
30A SBR(R) Super Barrier Rectifier Features
* * * * * * Low Forward Voltage Drop Excellent High Temperature Stability Super Barrier Design Soft, Fast Switching Capability Molded Plastic TO-220AB and ITO-220AB packages Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
* * * Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking: See Page 3 Ordering Information: See Page 3
* *
Maximum Ratings @ TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 150C Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Peak Repetitive Reverse Surge Current (2uS-1Khz) Maximum Thermal Resistance (per leg) Package = TO-220AB Package = ITO-220AB Operating and Storage Temperature Range Symbol VRRM VRWM VRM VR(RMS) IO IFSM IRRM RJC TJ, TSTG Value 300 212 30 200 2 2 4 -65 to +175 Unit V V A A A C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage Drop Leakage Current (Note 1) Notes: 1. 2. Short duration pulse test used to minimize self-heating effect. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7. Symbol V(BR)R VF IR Min 300 Typ 0.76 Max 1.03 0.92 0.1 10 Unit V V mA Test Condition IR = 0.1 mA IF = 15A, TJ = 25C IF = 15A,TJ = 125C VR = 300V, TJ = 25 C VR = 300V, TJ = 125 C
__________
SBR is a registered trademark of Diodes Incorporated.
SBR30300 Rev. 2
1 of 3 www.diodes.com
January 2007
(c) Diodes Incorporated
SBR30300CT SBR30300CTFP
IF(AVE), AVERAGE FORWARD CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
10
Tj=175C
5
1
Tj=125C
Tj=75C
Tj=25C 0.1
0 0 25 50 75 100 125 150 175 TC CASE TEMPERATURE (C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1: Current Derating Curve, Per Element
10 IR, INSTANTANEOUS REVERSE CURRENT (mA)
Figure 2: Typical Forward Characteristics, Per Element
1 Tj=175C 0.1
Tj=125C
0.01
Tj=75C
0.001 Tj=25C 0.0001 0 50 100 150 200 250 300
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3: Typical Reverse Characteristics, Per Element
Package Outline Drawings
TO-220AB
TO-220AB
DIM. MIN. MAX. DIM.
ITO-220AB
A b b1 c D D1 E e e1 F J1 L L1 OP Q
4.47 4.67 0.71 0.91 1.17 1.37 0.31 0.53 14.65 15.35 8.50 8.90 10.01 10.31 2.54 typ 4.98 5.18 1.17 1.37 2.52 2.82 13.40 13.80 3.56 3.96 3.735 3.935 2.59 2.89
ITO-220AB
MIN. MAX.
All Dimensions in Millimeters
A b b1 b2 c D E e F J1 L L1 OP Q
4.30 4.70 0.50 0.75 1.10 1.35 1.50 1.75 0.50 0.75 14.80 15.20 9.96 10.36 2.54 typ 2.80 3.20 2.50 2.90 12.80 13.60 1.70 1.90 3.50 typ 2.70 typ
All Dimensions in Millimeters
SBR30300 Rev. 2
2 of 3 www.diodes.com
January 2007
(c) Diodes Incorporated
SBR30300CT SBR30300CTFP
Marking, Polarity, Weight & Ordering Information
SBR30300CT SBR30300CTFP
Case Style
TO-220AB Case
ITO-220AB
t
Polarity
t
Common Anode Cathode Anode
Common Anode Cathode Anode
Marking
Weight
2.1g
1.9g
Ordering Information Date Code Other Marking Information
SBR30300CT 50 pieces/tube YY = Last two digits of year, ex = 06 = 2006 WW = Week (01-52) A = Foundry Code B = Assembly Code
SBR30300CTFP 50 pieces/tube
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SBR30300 Rev. 2
3 of 3 www.diodes.com
January 2007
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SBR30300CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X