Part Number Hot Search : 
SP504CF M29F010B 370508 3405A 80052 1KSMB51A 25LC64 POWER
Product Description
Full Text Search
 

To Download S07K30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Leaded Varistors StandarD Series
Construction
I Round varistor element, leaded I Coating: epoxy resin, flame-retardant to UL 94 V-0 I Terminals: tinned copper wire
Features
I Wide operating voltage range 11 ... 1100 VRMS I No derating up to 85 C ambient temperature I PSpice models
Approvals
I I I I I
UL CSA (all types K115) SEV VDE CECC
Taping
I For ordering information see page 206 ff, chapter "Leaded Varistors: Taping"
Type designation Detailed description of coding system on page 39, chapter "General Technical Information" SIOV-S 14 K 130 G5 S5 EPCOS metal oxide varistor Design Rated diameter of varistor disk Crimp style Taping mode Max. AC operating voltage Tolerance of varistor voltage General technical data Climatic category LCT UCT Damp heat, steady state (93 % r.h., 40 C) Operating temperature Storage temperature Electric strength Insulation resistance Response time 40/85/56 - 40 C + 85 C 56 days - 40 ... + 85 C - 40 ... + 125 C in accordance with IEC 60068-1
in accordance with IEC 60068-2-3 in accordance with CECC 42 000 in accordance with CECC 42 000 in accordance with CECC 42 000
2,5 kVRMS 10 MW
< 25 ns
159 04/02
Leaded Varistors StandarD Series
Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K11 S07K11 S10K11 S14K11 S20K11 S05K14 S07K14 S10K14 S14K14 S20K14 S05K17 S07K17 S10K17 S14K17 S20K17 S05K20 S07K20 S10K20 S14K20 S20K20 S05K25 S07K25 S10K25 S14K25 S20K25 S05K30 S07K30 S10K30 S14K30 S20K30 Ordering code VRMS V 11 11 11 11 11 14 14 14 14 14 17 17 17 17 17 20 20 20 20 20 25 25 25 25 25 30 30 30 30 30 VDC V 14 14 14 14 14 18 181) 181) 181) 181) 22 22 22 22 22 26 26 26 26 26 31 31 31 31 31 38 38 38 38 38 imax 8/20 ms A 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 Wmax (2 ms) J 0,3 0,8 1,7 3,2 10,0 0,4 0,9 2,0 4,0 12,0 0,5 1,1 2,5 5,0 14,0 0,6 1,3 3,1 6,0 18,0 0,7 1,6 3,7 7,0 22,0 0,9 2,0 4,4 9,0 26,0 Pmax W 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20
B72205S0110K101 B72207S0110K101 B72210S0110K101 B72214S0110K101 B72220S0110K101 B72205S0140K101 B72207S0140K101 B72210S0140K101 B72214S0140K101 B72220S0140K101 B72205S0170K101 B72207S0170K101 B72210S0170K101 B72214S0170K101 B72220S0170K101 B72205S0200K101 B72207S0200K101 B72210S0200K101 B72214S0200K101 B72220S0200K101 B72205S0250K101 B72207S0250K101 B72210S0250K101 B72214S0250K101 B72220S0250K101 B72205S0300K101 B72207S0300K101 B72210S0300K101 B72214S0300K101 B72220S0300K101
1) Jump-start strength (max. 24 V, 5 minutes)
160 04/02
Leaded Varistors StandarD Series
Characteristics (TA = 25 C) Type (untaped) SIOVS05K11 S07K11 S10K11 S14K11 S20K11 S05K14 S07K14 S10K14 S14K14 S20K14 S05K17 S07K17 S10K17 S14K17 S20K17 S05K20 S07K20 S10K20 S14K20 S20K20 S05K25 S07K25 S10K25 S14K25 S20K25 S05K30 S07K30 S10K30 S14K30 S20K30 Vv (1 mA) V 18 18 18 18 18 22 22 22 22 22 27 27 27 27 27 33 33 33 33 33 39 39 39 39 39 47 47 47 47 47
DV v (1 mA) % 10 10 10 10 10
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Max. clamping voltage v i V A 36 1,0 36 2,5 36 5,0 36 10,0 36 20,0 43 43 43 43 43 53 53 53 53 53 65 65 65 65 65 77 77 77 77 77 93 93 93 93 93 1,0 2,5 5,0 10,0 20,0 1,0 2,5 5,0 10,0 20,0 1,0 2,5 5,0 10,0 20,0 1,0 2,5 5,0 10,0 20,0 1,0 2,5 5,0 10,0 20,0
C typ (1 kHz) pF 1750 2750 6250 12100 23000 1450 2300 5200 9950 19000 1200 1900 4350 8200 15600 980 1600 3650 6800 13000 850 1400 3200 5850 11100 720 1200 2750 4950 9350
Derating curve Page 246 246 248 249 251 246 246 248 249 251 246 246 248 249 251 246 246 248 249 251 246 246 248 249 251 246 246 248 249 251
V/I characteristic Page 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278
161 04/02
Leaded Varistors StandarD Series
Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K35 S07K35 S10K35 S14K35 S20K35 S05K40 S07K40 S10K40 S14K40 S20K40 S05K50 S07K50 S10K50 S14K50 S20K50 S05K60 S07K60 S10K60 S14K60 S20K60 S05K75 S07K75 S10K75 S14K75 S20K75 S05K95 S07K95 S10K95 S14K95 S20K95 Ordering code VRMS V 35 35 35 35 35 40 40 40 40 40 50 50 50 50 50 60 60 60 60 60 75 75 75 75 75 95 95 95 95 95 VDC V 45 45 45 45 45 56 56 56 56 56 65 65 65 65 65 85 85 85 85 85 100 100 100 100 100 125 125 125 125 125 imax 8/20 ms A 100 250 500 1000 2000 100 250 500 1000 2000 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 Wmax (2 ms) J 1,1 2,5 5,4 10,0 33,0 1,3 3,0 6,4 13,0 37,0 1,8 4,2 8,4 15,0 27,0 2,2 4,8 10,0 17,0 33,0 2,5 5,9 12,0 20,0 40,0 3,4 7,6 15,0 25,0 50,0 Pmax W 0,01 0,02 0,05 0,10 0,20 0,01 0,02 0,05 0,10 0,20 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00
B72205S0350K101 B72207S0350K101 B72210S0350K101 B72214S0350K101 B72220S0350K101 B72205S0400K101 B72207S0400K101 B72210S0400K101 B72214S0400K101 B72220S0400K101 B72205S0500K101 B72207S0500K101 B72210S0500K101 B72214S0500K101 B72220S0500K101 B72205S0600K101 B72207S0600K101 B72210S0600K101 B72214S0600K101 B72220S0600K101 B72205S0750K101 B72207S0750K101 B72210S0750K101 B72214S0750K101 B72220S0750K101 B72205S0950K101 B72207S0950K101 B72210S0950K101 B72214S0950K101 B72220S0950K101
162 04/02
Leaded Varistors StandarD Series
Characteristics (TA = 25 C) Type (untaped) SIOVS05K35 S07K35 S10K35 S14K35 S20K35 S05K40 S07K40 S10K40 S14K40 S20K40 S05K50 S07K50 S10K50 S14K50 S20K50 S05K60 S07K60 S10K60 S14K60 S20K60 S05K75 S07K75 S10K75 S14K75 S20K75 S05K95 S07K95 S10K95 S14K95 S20K95 Vv (1 mA) V 56 56 56 56 56 68 68 68 68 68 82 82 82 82 82 100 100 100 100 100 120 120 120 120 120 150 150 150 150 150
DV v (1 mA) % 10 10 10 10 10
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Max. clamping voltage v i V A 110 1,0 110 2,5 110 5,0 110 10,0 110 20,0 135 135 135 135 135 135 135 135 135 135 165 165 165 165 165 200 200 200 200 200 250 250 250 250 250 1,0 2,5 5,0 10,0 20,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0
C typ (1 kHz) pF 620 1050 2400 4200 8000 520 900 2100 3550 6750 300 530 950 1800 3800 250 480 870 1650 3600 210 430 720 1370 2900 135 260 530 870 1830
Derating curve Page 246 246 248 249 251 246 246 248 249 251 247 247 248 250 251 247 247 248 250 251 247 247 248 250 251 247 247 248 250 251
V/I characteristic Page 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278
163 04/02
Leaded Varistors StandarD Series
Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K115 S07K115 S10K115 S14K115 S20K115 S05K130 S07K130 S10K130 S14K130 S20K130 S05K140 S07K140 S10K140 S14K140 S20K140 S05K150 S07K150 S10K150 S14K150 S20K150 S05K175 S07K175 S10K175 S14K175 S20K175 S05K230 S07K230 S10K230 S14K230 S20K230 S05K250 S07K250 S10K250 S14K250 S20K250 Ordering code VRMS V 115 115 115 115 115 130 130 130 130 130 140 140 140 140 140 150 150 150 150 150 175 175 175 175 175 230 230 230 230 230 250 250 250 250 250 VDC V 150 150 150 150 150 170 170 170 170 170 180 180 180 180 180 200 200 200 200 200 225 225 225 225 225 300 300 300 300 300 320 320 320 320 320 imax 8/20 ms A 400 1200 2500 4500 6500 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 Wmax (2 ms) J 3,6 8,4 18,0 30,0 60,0 4,2 9,5 19,0 34,0 74,0 4,5 10,0 22,0 36,0 78,0 4,9 11,0 24,0 40,0 85,0 5,6 13,0 28,0 46,0 98,0 7,2 17,0 36,0 60,0 130,0 8,2 19,0 38,0 65,0 140,0 Pmax W 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00
B72205S0111K101 B72207S0111K101 B72210S0111K101 B72214S0111K101 B72220S0111K101 B72205S0131K101 B72207S0131K101 B72210S0131K101 B72214S0131K101 B72220S0131K101 B72205S0141K101 B72207S0141K101 B72210S0141K101 B72214S0141K101 B72220S0141K101 B72205S0151K101 B72207S0151K101 B72210S0151K101 B72214S0151K101 B72220S0151K101 B72205S0171K101 B72207S0171K101 B72210S0171K101 B72214S0171K101 B72220S0171K101 B72205S0231K101 B72207S0231K101 B72210S0231K101 B72214S0231K101 B72220S0231K101 B72205S0251K101 B72207S0251K101 B72210S0251K101 B72214S0251K101 B72220S0251K101
164 04/02
Leaded Varistors StandarD Series
Characteristics (TA = 25 C) Type (untaped) SIOVS05K115 S07K115 S10K115 S14K115 S20K115 S05K130 S07K130 S10K130 S14K130 S20K130 S05K140 S07K140 S10K140 S14K140 S20K140 S05K150 S07K150 S10K150 S14K150 S20K150 S05K175 S07K175 S10K175 S14K175 S20K175 S05K230 S07K230 S10K230 S14K230 S20K230 S05K250 S07K250 S10K250 S14K250 S20K250 Vv (1 mA) V 180 180 180 180 180 205 205 205 205 205 220 220 220 220 220 240 240 240 240 240 270 270 270 270 270 360 360 360 360 360 390 390 390 390 390
DV v (1 mA) % 10 10 10 10 10
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Max. clamping voltage v i V A 300 5,0 300 10,0 300 25,0 300 50,0 300 100,0 340 340 340 340 340 360 360 360 360 360 395 395 395 395 395 455 455 455 455 455 595 595 595 595 595 650 650 650 650 650 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0
C typ (1 kHz) pF 110 220 445 730 1520 100 200 400 650 1340 95 180 370 610 1240 90 170 350 570 1160 75 150 300 490 1000 60 115 230 380 760 55 105 215 350 700
Derating curve Page 247 247 248 250 251 247 247 248 250 252 247 247 248 250 252 247 247 248 250 252 247 247 248 250 252 247 247 248 250 252 247 247 248 250 252
V/I characteristic Page 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278
165 04/02
Leaded Varistors StandarD Series
Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K275 S07K275 S10K275 S14K275 S20K275 S05K300 S07K300 S10K300 S14K300 S20K300 S10K320 S14K320 S20K320 S05K385 S07K385 S10K385 S14K385 S20K385 S05K420 S07K420 S10K420 S14K420 S20K420 S05K440 S07K440 S10K440 S14K440 S20K440 S05K460 S07K460 S10K460 S14K460 S20K460 Ordering code VRMS V 275 275 275 275 275 300 300 300 300 300 320 320 320 385 385 385 385 385 420 420 420 420 420 440 440 440 440 440 460 460 460 460 460 VDC V 350 350 350 350 350 385 385 385 385 385 420 420 420 505 505 505 505 505 560 560 560 560 560 585 585 585 585 585 615 615 615 615 615 imax 8/20 ms A 400 1200 2500 4500 8000 400 1200 2500 4500 8000 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 400 1200 2500 4500 8000 Wmax (2 ms) J 8,6 21,0 43,0 71,0 151,0 9,6 23,0 47,0 76,0 173,0 50,0 84,0 184,0 13,0 28,0 40,0 80,0 150,0 14,0 32,0 45,0 90,0 175,0 16,0 34,0 47,0 95,0 185,0 18,0 36,0 50,0 100,0 195,0 Pmax W 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00
B72205S0271K101 B72207S0271K101 B72210S0271K101 B72214S0271K101 B72220S0271K101 B72205S0301K101 B72207S0301K101 B72210S0301K101 B72214S0301K101 B72220S0301K101 B72210S0321K101 B72214S0321K101 B72220S0321K101 B72205S0381K101 B72207S0381K101 B72210S0381K101 B72214S0381K101 B72220S0381K101 B72205S0421K101 B72207S0421K101 B72210S0421K101 B72214S0421K101 B72220S0421K101 B72205S0441K101 B72207S0441K101 B72210S0441K101 B72214S0441K101 B72220S0441K101 B72205S0461K101 B72207S0461K101 B72210S0461K101 B72214S0461K101 B72220S0461K101
166 04/02
Leaded Varistors StandarD Series
Characteristics (TA = 25 C) Type (untaped) SIOVS05K275 S07K275 S10K275 S14K275 S20K275 S05K300 S07K300 S10K300 S14K300 S20K300 S10K320 S14K320 S20K320 S05K385 S07K385 S10K385 S14K385 S20K385 S05K420 S07K420 S10K420 S14K420 S20K420 S05K440 S07K440 S10K440 S14K440 S20K440 S05K460 S07K460 S10K460 S14K460 S20K460 Vv (1 mA) V 430 430 430 430 430 470 470 470 470 470 510 510 510 620 620 620 620 620 680 680 680 680 680 715 715 715 715 715 750 750 750 750 750
DV v (1 mA) % 10 10 10 10 10
10 10 10 10 10
Max. clamping voltage v i V A 710 5,0 710 10,0 710 25,0 710 50,0 710 100,0 775 775 775 775 775 840 840 840 1025 1025 1025 1025 1025 1120 1120 1120 1120 1120 1180 1180 1180 1180 1180 1240 1240 1240 1240 1240 5,0 10,0 25,0 50,0 100,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0
C typ (1 kHz) pF 50 95 195 320 630 45 90 180 300 580 170 280 540 40 75 150 240 450 35 65 135 220 420 32 60 125 210 400 30 55 120 200 380
Derating curve Page 247 247 248 250 252 247 247 248 250 252 248 250 252 247 247 249 250 252 247 247 249 250 252 247 247 249 250 252 247 247 249 250 252
V/I characteristic Page 274 275 276 277 278 274 275 276 277 278 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278
10 10 10
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
167 04/02
Leaded Varistors StandarD Series
Maximum ratings (TA = 85 C) Type (untaped) SIOVS10K510 S14K510 S20K510 S10K550 S14K550 S20K550 S10K625 S14K625 S20K625 S10K680 S14K680 S20K680 S14K10001) S20K10001) Ordering code VRMS V 510 510 510 550 550 550 625 625 625 680 680 680 1100 1100 VDC V 670 670 670 745 745 745 825 825 825 895 895 895 1465 1465 imax 8/20 ms A 2500 4500 6500 2500 4500 6500 2500 4500 6500 2500 4500 6500 4500 6500 Wmax (2 ms) J 55,0 110,0 190,0 60,0 120,0 210,0 68,0 130,0 230,0 72,0 140,0 250,0 230,0 410,0 Pmax W 0,40 0,60 1,00 0,40 0,60 1,00 0,40 0,60 1,00 0,40 0,60 1,00 0,60 1,00
B72210S0511K101 B72214S0511K101 B72220S0511K101 B72210S0551K101 B72214S0551K101 B72220S0551K101 B72210S0621K101 B72214S0621K101 B72220S0621K101 B72210S0681K101 B72214S0681K101 B72220S0681K101 B72214S0102K101 B72220S0102K101
Characteristics (TA = 25 C) Type (untaped) SIOVS10K510 S14K510 S20K510 S10K550 S14K550 S20K550 S10K625 S14K625 S20K625 S10K680 S14K680 S20K680 S14K10001) S20K10001) Vv (1 mA) V 820 820 820 910 910 910 1000 1000 1000 1100 1100 1100 1800 1800
DV v (1 mA) % 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Max. clamping voltage v i V A 1355 25,0 1355 50,0 1355 100,0 1500 1500 1500 1650 1650 1650 1815 1815 1815 2970 2970 25,0 50,0 100,0 25,0 50,0 100,0 25,0 50,0 100,0 50,0 100,0
C typ (1 kHz) pF 110 180 340 105 170 320 90 150 280 85 140 250 100 170
Derating curve Page 249 250 253 249 250 253 249 250 253 249 250 253 250 253
V/I characteristic Page 276 277 278 276 277 278 276 277 278 276 277 278 277 278
1) Operating voltage differs from type designation.
168 04/02
Leaded Varistors StandarD Series
b s
3 max.
h
1) Bottom view
e od e 1) Seating plane according to IEC 60717
VAR0408-C
a
Dimensions Type SIOV-S05K11 SIOV-S07K11 SIOV-S10K11 SIOV-S14K11 SIOV-S20K11 SIOV-S05K14 SIOV-S07K14 SIOV-S10K14 SIOV-S14K14 SIOV-S20K14 SIOV-S05K17 SIOV-S07K17 SIOV-S10K17 SIOV-S14K17 SIOV-S20K17 SIOV-S05K20 SIOV-S07K20 SIOV-S10K20 SIOV-S14K20 SIOV-S20K20
1 mm 5,0 5,0 7,5 (5) 7,5 10,0
5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0
a1 mm 1,2 1,2 1,4 (1,2) 1,4 1,5 1,3 1,3 1,5 (1,3) 1,5 1,6 1,4 1,4 1,6 (1,4) 1,7 1,8 1,2 1,2 1,8 (1,6) 1,9 2,1
b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5
s max mm 3,3 3,4 4,0 (3,6) 4,0 4,5 3,4 3,5 4,2 (3,8) 4,2 4,6 3,5 3,6 4,4 (4,0) 4,4 4,8 3,5 3,6 4,5 (4,1) 4,6 5,1
hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5
Imin mm 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0
d 0,05 mm 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter "Taping", page 206 ff.
169 04/02
a
Leaded Varistors StandarD Series
Dimensions Type SIOV-S05K25 SIOV-S07K25 SIOV-S10K25 SIOV-S14K25 SIOV-S20K25 SIOV-S05K30 SIOV-S07K30 SIOV-S10K30 SIOV-S14K30 SIOV-S20K30 SIOV-S05K35 SIOV-S07K35 SIOV-S10K35 SIOV-S14K35 SIOV-S20K35 SIOV-S05K40 SIOV-S07K40 SIOV-S10K40 SIOV-S14K40 SIOV-S20K40 SIOV-S05K50 SIOV-S07K50 SIOV-S10K50 SIOV-S14K50 SIOV-S20K50 SIOV-S05K60 SIOV-S07K60 SIOV-S10K60 SIOV-S14K60 SIOV-S20K60 SIOV-S05K75 SIOV-S07K75 SIOV-S10K75 SIOV-S14K75 SIOV-S20K75
1 mm 5,0 5,0 7,5 (5) 7,5 10,0
5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0
a1 mm 1,3 1,3 1,6 (1,4) 1,7 1,8 1,5 1,5 1,7 (1,5) 1,8 2,0 1,6 1,6 1,8 (1,6) 2,0 2,2 1,8 1,8 2,1 (1,9) 2,2 2,4 1,2 1,2 1,4 (1,2) 1,4 1,5 1,2 1,2 1,4 (1,2) 1,5 1,6 1,3 1,3 1,5 (1,3) 1,5 1,6
b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5
s max mm 3,6 3,7 4,2 (3,8) 4,2 4,7 3,6 3,7 4,4 (4,0) 4,4 4,9 3,7 3,9 4,4 (4,0) 4,5 5,1 3,9 4,1 4,8 (4,4) 4,9 5,4 3,3 3,3 3,9 (3,5) 3,9 4,3 3,3 3,3 4,0 (3,6) 4,0 4,4 3,4 3,6 4,2 (3,8) 4,2 4,6
hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5
Imin mm 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0
d 0,05 mm 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter "Taping", page 206 ff.
170 04/02
Leaded Varistors StandarD Series
Dimensions Type SIOV-S05K95 SIOV-S07K95 SIOV-S10K95 SIOV-S14K95 SIOV-S20K95 SIOV-S05K115 SIOV-S07K115 SIOV-S10K115 SIOV-S14K115 SIOV-S20K115 SIOV-S05K130 SIOV-S07K130 SIOV-S10K130 SIOV-S14K130 SIOV-S20K130 SIOV-S05K140 SIOV-S07K140 SIOV-S10K140 SIOV-S14K140 SIOV-S20K140 SIOV-S05K150 SIOV-S07K150 SIOV-S10K150 SIOV-S14K150 SIOV-S20K150 SIOV-S05K175 SIOV-S07K175 SIOV-S10K175 SIOV-S14K175 SIOV-S20K175 SIOV-S05K230 SIOV-S07K230 SIOV-S10K230 SIOV-S14K230 SIOV-S20K230
1 mm 5,0 5,0 7,5 (5) 7,5 10,0
5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0
a1 mm 1,3 1,3 1,5 (1,3) 1,5 1,6 1,5 1,5 1,6 (1,4) 1,7 1,8 1,6 1,6 1,8 (1,6) 1,9 2,0 1,7 1,7 1,9 (1,7) 2,0 2,1 1,8 1,8 2,0 (1,8) 2,1 2,2 2,0 2,0 2,2 (2,0) 2,2 2,3 1,8 1,8 2,0 (2,3) 2,0 2,1
b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5
s max mm 3,4 3,4 4,0 (3,6) 4,0 4,5 3,6 3,6 4,2 (3,8) 4,2 4,6 3,6 3,6 4,2 (3,8) 4,2 4,7 3,7 3,7 4,3 (3,9) 4,3 4,8 3,8 3,8 4,4 (4,0) 4,4 4,9 3,9 4,0 4,6 (4,2) 4,6 5,0 4,0 4,0 4,7 (4,3) 4,7 5,1
hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5
Imin mm 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0
d 0,05 mm 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter "Taping", page 206 ff.
171 04/02
Leaded Varistors StandarD Series
Dimensions Type SIOV-S05K250 SIOV-S07K250 SIOV-S10K250 SIOV-S14K250 SIOV-S20K250 SIOV-S05K275 SIOV-S07K275 SIOV-S10K275 SIOV-S14K275 SIOV-S20K275 SIOV-S05K300 SIOV-S07K300 SIOV-S10K300 SIOV-S14K300 SIOV-S20K300 SIOV-S10K320 SIOV-S14K320 SIOV-S20K320 SIOV-S05K385 SIOV-S07K385 SIOV-S10K385 SIOV-S14K385 SIOV-S20K385 SIOV-S05K420 SIOV-S07K420 SIOV-S10K420 SIOV-S14K420 SIOV-S20K420 SIOV-S05K440 SIOV-S07K440 SIOV-S10K440 SIOV-S14K440 SIOV-S20K440
1 mm 5,0 5,0 7,5 (5) 7,5 10,0
5,0 5,0 7,5 (5) 7,5 10,0 5,0 5,0 7,5 (5) 7,5 10,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0
a1 mm 1,8 1,8 2,0 (1,8) 2,0 2,2 2,0 2,0 2,2 (2,0) 2,2 2,3 2,1 2,1 2,3 (2,1) 2,3 2,4 2,4 2,4 2,6 2,5 2,5 2,7 2,7 2,8 2,8 2,8 2,9 2,9 3,1 2,8 2,8 3,0 3,0 3,1
b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5
s max mm 4,2 4,2 4,8 (4,4) 4,8 5,3 4,3 4,4 5,0 (4,6) 5,0 5,4 4,5 4,5 5,1 (4,7) 5,2 5,6 5,4 5,4 5,8 5,1 5,2 5,8 5,9 6,3 5,4 5,4 6,1 6,1 6,5 5,5 5,5 6,2 6,3 6,7
hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 15,0 19,0 25,5 9,0 11,5 15,0 19,0 26,0 9,0 11,5 15,0 19,0 26,0 9,0 11,5 15,0 19,0 26,0
Imin mm 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 (*) 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0
d 0,05 mm 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,6 0,6 0,8 (0,6) 0,8 1,0 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter "Taping", page 206 ff.
172 04/02
Leaded Varistors StandarD Series
Dimensions Type SIOV-S05K460 SIOV-S07K460 SIOV-S10K460 SIOV-S14K460 SIOV-S20K460 SIOV-S10K510 SIOV-S14K510 SIOV-S20K510 SIOV-S10K550 SIOV-S14K550 SIOV-S20K550 SIOV-S10K625 SIOV-S14K625 SIOV-S20K625 SIOV-S10K680 SIOV-S14K680 SIOV-S20K680 SIOV-S14K1000 SIOV-S20K1000 mm 5,0 5,0 7,5 7,5 10,0 7,5 7,5 10,0 7,5 7,5 10,0 7,5 7,5 10,0 7,5 7,5 10,0 7,5 10,0
1
a1 mm 3,0 3,0 3,1 3,1 3,3 3,4 3,4 3,5 3,7 3,7 3,9 4,0 4,0 4,2 4,4 4,4 4,5 6,7 6,9
b max mm 7,0 9,0 12,0 15,5 21,5 12,0 15,5 21,5 12,0 15,5 21,5 12,0 15,5 21,5 12,0 15,5 21,5 15,5 21,5
s max mm 5,7 5,7 6,3 6,4 6,8 6,7 6,8 7,1 7,1 7,2 7,5 7,5 7,5 7,9 7,9 8,0 8,4 11,0 11,4
hmax mm 9,0 11,5 15,0 19,0 26,0 15,0 19,0 26,0 15,0 19,0 26,0 15,0 19,0 26,0 15,0 19,0 26,0 20,5 28,5
Imin mm 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0
d 0,05 mm 0,6 0,6 0,8 0,8 1,0 0,8 0,8 1,0 0,8 0,8 1,0 0,8 0,8 1,0 0,8 0,8 1,0 0,8 1,0
Weight Size S05K11 ... 460 S07K11 ... 460 S10K11 ... 680 S14K11 ... 1000 S20K11 ... 1000 approx. 0,3 ... 0,7 g 0,4 ... 1,1 g 1,0 ... 3,0 g 1,4 ... 7,6 g 2,7 ... 15,7 g
The weight of varistors in between these voltage classes can be interpolated.
173 04/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of S07K30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X