Part Number Hot Search : 
100BF PC102 AD9920A 03800 GPA802 MP450 FR2ML NDS9956
Product Description
Full Text Search
 

To Download RM12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
RM1200E THRU RM2000E
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
Features
* * * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability High Voltage Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C
H
DO-214AC (SMAE)
Cathode Band
MCC Catalog Number RM1200E RM1500E RM1800E RM2000E
Device Marking
RM12 RM15 RM18 RM20
Maximum Recurrent Peak Reverse Voltage 1200V 1500V 1800V 2000V
Maximum RMS Voltage 840V 1050V 1260V 1400V
Maximum DC Blocking Voltage 1200V 1500V 1800V 2000V
G
J
A
C
E
D
B
DIMENSIONS
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage RM1200E-RM1800E RM2000E Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 500mA 30A TA = 50C 8.3ms, half sine
DIM A B C D E G H J
INCHES MIN .079 .050 .002 --.030 .189 .157 .090
MAX .096 .075 .008 .02 .060 .208 .180 .115
MM MIN 2.01 1.27 .05 --.76 4.80 4.00 2.29
MAX 2.44 1.90 .20 .51 1.52 5.30 4.57 2.92
NOTE
VF
2.0V 3.0V 5.0A 50A 30pF
IFM = 0.5A; TA = 50C TA = 25C TA = 100C Measured at 1.0MHz, VR=4.0V
SUGGESTED SOLDER PAD LAYOUT
0.090"
IR CJ
0.085"
0.070"
Revision: 1
www.mccsemi.com
1 of 3
2007/01/26
RM1200E - RM2000E
Figure 1 Typical Reverse Characteristics 4 2 1 .8 .6 .4 A .2 .1 .08 .06 .04 .02 .01 0 TJ = 25C 100 mA 200 300 400 500 600 Figure 2 Forward Derating Curve
MCC
TM
Micro Commercial Components
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 C 100 125 150
20
40
60 Volts
80
100
120
0
Instantaneous Reverse Current - Micro Ampsversus Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Peak Forward Surge Current 30 25 20 15 Amps 10 5 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
Revision: 1
www.mccsemi.com
2 of 3
2007/01/26
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 1
3 of 3
2007/01/26


▲Up To Search▲   

 
Price & Availability of RM12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X