Part Number Hot Search : 
KSA1304 8K27M3LF KSQ30A06 P15KP20 SM1131 12500 BZG04 M29W64
Product Description
Full Text Search
 

To Download PJLCDA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJLCDA05
QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
This Quad TVS Array offers an excellent ESD/Transient Protection for High Speed Transmission Data buses in very sensitive electronics. The array comes in an industry std SOIC-8 package, with 4 individual Low Capacitance TVS/Zeners which could offer 4 Uni-directional or 2 Bi-directional Data Line Protection.
5 6 7 8 2
TVS\ZENER
SPECIFICATION FEATURES
* 400W Power Dissipation (8x20sec Waveform) * Very Low Leakage Current, Maximum of 5A @ 5Vdc * Maximum Capacitance @ 1MHz Zero dc Bias, of 1.2pF * Unidirectional, 2.4pF Bi-directional * IEC61000-4-2 ESD 15kV air, 8kV Contact Compliance * IEC61000-4-5 (Lightning) 17 Amps peak, 8x20sec
4 3 1
1 2 3 4 SOIC-8
8 7 6 5
APPLICATIONS
* Personal Digital Assistant (PDA) * Universal Serial Bus (1.1 and 2.0) and Fire Wire Port * Portable Instrumentation * Portable Consumer Electronics * Ethernet 10, 100, and 1000 Base Port Protection
MAXIMUM RATINGS
Rating Peak Pulse Power (8x20sec Waveform) Peak Pulse Current (8x20sec Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P PK IPP V ESD TJ Tstg Value 400 17 >25 -55 to +125 -55 to +150 Units W A kV
O
C C
O
ELECTRICAL CHARACTERISTICS
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off-State Junction Capacitance Maximum Peak Pulse Current
(PER DEVICE)
Conditions Min. Typical Max. 5 IBR = 1mA V R = 5V IPP = 1A IPP = 5A 0 Vdc Bias f = 1MHz Per Device 8x20sec Waveform 6 5 10 13 1.2 17 Units V V A V V pF A
Symbol VRWM V BR IR VC VC Cj IPP
DATE : MAY.05.2003
PAGE 1
PJLCDA05
PJLCDA05
RATING AND CHARACTERISTIC CURVES
18
110 100 90 80
8x20 m sec Peak Current, Amps
16 14
Percent of Ipp
70 60 50 40 30 20 10 0 Rise time 10-90% - 8 m s 0 5 10 15 20
50% of Ipp @ 20 m s
10 8 6 4 2 0 6 8 10 12 14 16 18 20 22 24
25
30
Clamping Voltage, Volts Clamping Voltage vs Ipp 8x20msec
time, m sec Pulse Waveform
10
110 100 90 80 70 60 50 40 30 20 10 0
1
0.1
0.01 0.1
% of Rated Power or Ipp
Peak Pulse Power, kW
1
10
100
1000
0
25
50
75
100
125
150
Pulse Duration, msec Non-Repetitive Peak Pulse Power vs Pulse Time
Ambient Temperature - TA, OC Power Derating Curve
DATE : MAY.05.2003
PAGE 2
PJLCDA05
12
TVS\ZENER
PJLCDA05
TYPICAL APPLICATION CONFIGURATION
USB Application +Vbus D+ DGnd
TVS\ZENER
PJLCDA05
Ethernet Application T R T R
PJLCDA05
DATE : MAY.05.2003
PAGE 3
PJLCDA05
PJLCDA05
OUTLINE DRAWING
SOIC-8
Unit: inch ( mm )
DATE : MAY.05.2003
PAGE 4
PJLCDA05
TVS\ZENER


▲Up To Search▲   

 
Price & Availability of PJLCDA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X