Part Number Hot Search : 
16LV8 EL4544 24223 0F9TRP00 HA8002 B1422BB1 STBC0 MAX6037
Product Description
Full Text Search
 

To Download PI74LCX16240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI74LCX16240
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
Product Features
* Functionally compatible with FCT3, LVT, and 74 series 16240 families of products * Tri-State outputs * 5V Tolerant inputs and outputs * 2.0V-3.6V VCC supply operation * Balanced sink and source output drives (24 mA) * Low ground bounce outputs * Supports live insertion * ESD Protection exceeds 2000V, Human Body Model 200V, Machine Model * Packages available: - 48-pin 240-mil wide plastic TSSOP (A) - 48-pin 300-mil wide plastic SSOP (V)
Product Description
Pericom Semiconductor's PI74LCX series of logic circuits are produced in the Company's advanced 0.6 micron CMOS technology, achieving industry leading speed grades. The PI74LCX16240 is an inverting 16-bit buffer/line driver designed for applications driving high-capacitance loads and low impedance backplanes. This high-speed, low power device offers bus/backplane interface capability and a flow-through organization for ease of board layout. This device is designed with three-state controls to operate in a Quad-Nibble, Dual-Byte, or a single 16-bit word mode. The PI74LCX16240 can be driven from either 3.3V or 5.0V devices allowing this device to be used as a translator in a mixed 3.3V/5.0V system.
Logic Block Diagram
1OE 3OE
1A0
1Y0
3A0
3Y0
1A1
1Y1
3A1
3Y1
1A2
1Y2
3A2
3Y2
1A3
1Y3
3A3
3Y3
2OE
4OE
2A0
2Y0
4A0
4Y0
2A1
2Y1
4A1
4Y1
2A2
2Y2
4A2
4Y2
2A3
2Y3
4A3
4Y3
1
PS2086A 02/11/97
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74LCX16240 3.3V 16-BIT BUFFER/LINE DRIVER
Product Pin Description
Pin Name Description xOE
XAX XYX
Truth Table(1)
Inputs(1) xOE L L H xAx L H X Outputs(1) xYx H L Z
3-State Output Enable Inputs (Active LOW) Inputs 3-State Outputs Ground Power
GND VCC
Note: 1. H = High Voltage Level, X = Don't Care, L = Low Voltage Level, Z = High Impedance
Product Pin Configuration
1OE 1Y0 1Y1
1 2 3 4 5 6 7 8 9 10 11 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39
2OE 1A0 1A1
GND
1Y2 1Y3
GND
1A2 1A3
VCC
2Y0 2Y1
VCC
2A0 2A1
GND
2Y2 2Y3 3Y0 3Y1
GND
2A2 2A3 3A0 3A1
48-PIN 38 V48 12 A48 37
36 35 34 33 32 31 30 29 28 27 26 25
GND
3Y2 3Y3
GND
3A2 3A3
VCC
4Y0 4Y1
VCC
4A0 4A1
GND
4Y2 4Y3 4OE
GND
4A2 4A3 3OE
2
PS2086A 02/11/97
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74LCX16240 3.3V 16-BIT BUFFER/LINE DRIVER
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ............................................................ -65C to +150C Ambient Temperature with Power Applied ........................... -40C to +85C Supply Voltage to Ground Potential (Inputs & Vcc Only) .... -0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) -0.5V to +7.0V DC Input Voltage .................................................................. -0.5V to +7.0V DC Output Current ............................................................................ 120 mA Power Dissipation ................................................................................... 1.0W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Symbol VCC VI VO IOH/IOL Parameter Supply Voltage Input Voltage Output Voltage Output Current HIGH or LOW State TRI-State VCC = 3.0V-3.6V VCC = 2.7V TA t/V Free-Air Operating Temperature Input Edge Rate V = 0.8V-2.0V, VCC = 3.0V Operating Data Retention Min. 2.0 1.5 0 0 0 -40 0 Max. 3.6 3.6 5.5 VCC 5.5 24 12 +85 10 mA C ns/V V Units
3
PS2086A 02/11/97
Capacitance
Parame te rs CIN COUT CPD De s cription Input Capacitance Output Capacitance Power Dissipation Capacitance Te s t Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, F = 10 MHz Typ. 7 8 20 pF Units
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74LCX16240 3.3V 16-BIT BUFFER/LINE DRIVER
DC Electrical Characteristics (Over the Operating Range, TA = -40C to +85C, VCC = 2.7V to 3.6V)
Parameters Description VIH VIL VOH Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = 2.7-3.6 VCC = 2.7 VCC = 3.0 IOH = -0.1 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL Output LOW Voltage VCC = 2.7-3.6 VCC = 2.7 VCC = 3.0 IOL = 0.1 mA IOL = 12mA IOL = 16 mA IOL = 24 mA VIK II IOZ IOFF ICC ICC Clamp Diode Voltage Input Leakage Current Tri-State Output Leakage Power Down Disable Quiescent Power Supply Current Quiescent Power Supply Current TTL Inputs HIGH VCC = Min., IIN = -18 mA 0 VI 5.5V 0 VO 5.5V VI = VIH or VIL Vcc = 2.7-3.6 VCC = 2.7-3.6 Min. 2.0 -- VCC-0.2 2.2 2.4 2.2 -- -- -- -- -- -- -- -- Typ(2) -- -- -- -- -- -- -- -- -- -- -0.7 -- -- -- 0.1 Max. -- 0.8 -- -- -- -- 0.2 0.4 0.4 0.55 -1.2 5 5 10 10 500 A V Units
VCC = 0V, VIN or VOUT 5.5V VCC = Max. VCC = Max. VIN = GND or VCC VIN = VCC - 0.6V(3)
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input; all other inputs at Vcc or GND.
4
PS2086A 02/11/97
Switching Characteristics over Operating Range
VCC = 3.3V 0.3V Parameters tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(O) Description Propagation Delay DXX to OXX Output Enable time Output Disable Time Output Skew(1) Conditions CL = 50pF RL = 500 Min. 1.5 1.5 1.5 Max. 4.8 5.4 5.3 1.0 VCC = 2.7V Min. 1.5 1.5 1.5 Max. 5.6 6.0 ns 5.4 Units
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74LCX16240 3.3V 16-BIT BUFFER/LINE DRIVER
Note: 1. Skew between any two outputs, of the same package, switching in the same direction.
Dynamic Switching Characteristics (TA = +25C)
Parameters VOLP VOLV
Description Dynamic LOW Peak Voltage Dynamic LOW Valley Voltage
Test Conditions(1) VCC = 3.3V, CL = 50 pF VIH = 3.3V, VIL = 0V VCC = 3.3V, CL = 50 pF VIH = 3.3V, VIL = 0V
Typical 0.8 0.8
Units V V
Note: 1. Measured with n-1 outputs switching from High-to-Low or Low-to-High. The remaining output is measured in the LOW state.
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
5
PS2086A 02/11/97


▲Up To Search▲   

 
Price & Availability of PI74LCX16240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X