Part Number Hot Search : 
TDA1060T SGC6389Z LM556 GSB550 SGC6389Z SK204 GSB550 M65575FP
Product Description
Full Text Search
 

To Download NTE968 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE968 Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
The NTE968 fixed-voltage regulator is a monolithic integrated circuit in a TO220 type package designed for use in a wide variety of applications including local, on-card regulation. This regulator employs internal current limiting, thermal shutdown, and safe-area compensation. With adequate heatsinking it can deliver output currents in excess of 1.0 ampere. Although designed primarily as a fixed voltage regulator, this device can be used with external components to obtain adjustable voltages and currents. Features: D Output Current in Excess of 1.0 Ampere D No External Components Reguired D Internal Thermal Overload Protection D Internal Short-Circuit Current Limiting D Output Transistor Safe-Area Compensation Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Input Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35Vdc Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/C Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate above +75C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW/C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5C/W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Junction Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Electrical Characteristics: (Vin = 23V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Output Voltage Symbol VO Regline Regload TJ = +25C 5mA IO 1A, PO 15W, 17.5V Vin 30V Line Regulation TJ = +25C, Note 1 TJ = +25C, Note 1 17.5V Vin 30V 20V Vin 26V Load Regulation 5mA IO 1.5A 250mA IO 750mA Test Conditions Min 14.4 Typ 15.0 Max 15.6 Unit V V mV mV mV mV
14.25 15.0 15.75 - - - - 13 6 52 20 300 150 300 150
Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
Electrical Characteristics (Cont'd): (Vin = 23V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Quiescent Current Quiescent Current Change Symbol IB IB RR Vin - VO Vn rO Isc Imax TCVO TJ = +25C 17.5V Vin 30V 5mA IO 1A Ripple Rejection Dropout Voltage Output Noise Voltage Output Resistance Short-Circuit Current Limit Peak Output Current Average Temperature Coefficient of Output Voltage 18.5V Vin 28.5V, f = 120Hz TJ = +25C, IO = 1A TA = +25C, 10Hz f 100kHz f = 1kHz TA = +25C, Vin = 35V TJ = +25C Test Conditions Min - - - - - - - - - - Typ 4.4 - - 58 2 10 19 0.2 2.2 -1.0 Max 8.0 1.0 0.5 - - - - - - - Unit mA mA mA dB V V/VO m A A mV/C
.420 (10.67) Max .110 (2.79) GND .147 (3.75) Dia Max .500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max VIN .100 (2.54) VOUT GND


▲Up To Search▲   

 
Price & Availability of NTE968

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X