Part Number Hot Search : 
18629137 SQ221Y31 DG182BA 220N06 BA4905 TC75S SCL5474E SBR2A40
Product Description
Full Text Search
 

To Download NTE965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE965 Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
Description: The NTE965 voltage regulator employs current limiting, thermal shutdown, and safe-area compensation which makes it remarkably rugged under most operating conditions. With adequate heat- sinking they can deliver output currents in excess of 1.0 amperes. Features: D No External Components Required D Internal Thermal Overload Protection D Internal Short-Circuit Current Limiting D Output Transistor Safe-Area Compensation Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V Internal Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate Above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/C Internal Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate Above +75C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW/C Maximum Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5C/W Electrical Characteristics: (VIN = -14V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Output Voltage Symbol VO TJ = +25C 5mA IO 1A, PO 15W, -23V VIN -10.5V Line Regulation Load Regulation RegLine RegLoad TJ = +25C, Note 1 TJ = +25C, Note 1 -25V VIN -10.5V -17V VIN -11V 5mA IO 1.5A 250mA IO 750mA Test Conditions Min -7.7 -7.6 - - - - Typ -8.0 -8.0 12 5 45 16 Max -8.3 -8.4 160 80 160 80 mV Unit V V mV
Electrical Characteristics: (VIN = -14V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Quiescent Current Quiescent Current Change Ripple Rejection Dropout Voltage Output Noise Voltage Output Resistance Short-Circuit Current Limit Peak Output Current Average Temperature Coefficient of Output Voltage Symbol IB IB RR VIN - VO Vn rO Isc Imax TCVO TJ = +25C -25V VIN -10.5V 5mA IO 1A 21.5V VIN 11.5V, f = 120Hz TJ = +25C, IO = 1A TA = +25C, 10Hz f 100kHz f = 1kHz TA = +25C, VIN = 35V TJ = +25C Test Conditions Min - - - - - - - - - - Typ 4.3 - - 62 2.0 10 18 0.2 2.2 -0.6 Max 8.0 1.0 0.5 - - - - - - - dB V V/VO m A A mV/C Unit mA mA
Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account spearately. Pulse testing with low duty cycle is used.
.420 (10.67) Max .110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max GND .100 (2.54) VOUT VIN/Tab


▲Up To Search▲   

 
Price & Availability of NTE965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X