Part Number Hot Search : 
VQ1001P 8950AC LC753 021006 LC4115 SI6466DQ AM7910PC R2E102KB
Product Description
Full Text Search
 

To Download NTE960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE960 Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
The NTE960 fixed-voltage regulator is a monolithic integrated circuit in a TO220 type package designed for use in a wide variety of applications including local, on-card regulation. This regulator employs internal current limiting, thermal shutdown, and safe-area compensation. With adequate heatsinking it can deliver output currents in excess of 1.0 ampere. Features: D Output Current in Excess of 1.0 Ampere D No External Components Reguired D Internal Thermal Overload Protection D Internal Short-Circuit Current Limiting D Output Transistor Safe-Area Compensation Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Input Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35Vdc Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/C Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate above +75C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW/C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5C/W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Junction Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Electrical Characteristics: (Vin = 10V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Output Voltage Symbol VO Regline Regload TJ = +25C 5mA IO 1A, PO 15W, 7V Vin 20V Line Regulation TJ = +25C, Note 1 TJ = +25C, Note 1 7V Vin 25V 8V Vin 12V Load Regulation 5mA IO 1.5A 250mA IO 750mA Test Conditions Min 4.8 4.75 - - - - Typ 5.0 5.0 7 2 40 15 Max 5.2 5.25 100 50 100 50 Unit V V mV mV mV mV
Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
Electrical Characteristics (Cont'd): (Vin = 10V, IO = 500mA, TJ = 0 to +125C unless otherwise specified)
Parameter Quiescent Current Quiescent Current Change Symbol IB IB RR Vin - VO Vn rO Isc Imax TCVO TJ = +25C 7V Vin 25V 5mA IO 1A Ripple Rejection Dropout Voltage Output Noise Voltage Output Resistance Short-Circuit Current Limit Peak Output Current Average Temperature Coefficient of Output Voltage 8V Vin 18V, f = 120Hz TJ = +25C, IO = 1A TA = +25C, 10Hz f 100kHz f = 1kHz TA = +25C, Vin = 35V TJ = +25C Test Conditions Min - - - - - - - - - - Typ 4.3 - - 68 2 10 17 0.2 2.2 -1.1 Max 8.0 1.3 0.5 - - - - - - - Unit mA mA mA dB V V/VO m A A mV/C
.420 (10.67) Max .110 (2.79) GND .147 (3.75) Dia Max .500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max VIN .100 (2.54) VOUT GND


▲Up To Search▲   

 
Price & Availability of NTE960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X