Part Number Hot Search : 
MPC83 STF20120 GP2S01 GS138K PNA4611 623U1 M1Z10 P2103NV
Product Description
Full Text Search
 

To Download MX205Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
MX205Q
Page 1 of 8
MX205Q (RATIOMETRIC)
Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
General Description
The MX205Q is a very low cost dual-axis acceleration sensor on a monolithic IC. With no moving parts, the device is extremely reliable and is manufactured on a submicron CMOS process enabling small geometries and small die size, resulting in low overall cost and high functionality. The MX205Q is primarily designed for applications requiring high performance and where overall system cost is a driving factor in component selection. The MX205Q measures acceleration with a full-scale range of up to 5.0g and produces an Analog signal output. The X,Y accelerometer outputs are scaled proportionately to the VDD, VDA supply voltage with the scale of 44%. Typical noise floor is 750 g/Hz rms, allowing signals below 1 .0 milli-g to be resolved in 1 Hz bandwidth. Frequency response extends to 40 Hz. The frequency response can be extended to 160 Hz with the implementation of a simple external circuit. See Application Note (AN-00MX-003). The MX205Q is a dc accelerometer with the capability to measure both ac acceleration, (typical of vibration) or dc accelerations, (such as inertial force or constant, gravity-induced accelerations). The MX205Q offers a calibrated temperature sensor output with a positive temperature coefficient of 5.0 mV/C. This device can be temperature compensated easily. The change in sensitivity over the temperature range -40C to 125C is predictable and follows the physical gas laws. The following equation can be used to predict the sensitivity at any given temperature: SIN X (TIN)2.67 = SFIN X (TFIN)2.67 Temperature in K See Application Note (AN-00MX-002). The MX205Q is available in a metal can (TO-100) or an LCC surface mount device; both are hermetically sealed and are operational over the temperature range -40C to 125C.
Features
* Dual axis acceleration outputs * Analog outputs, ratiometric * 1.0 mg Resolution in 1Hz bandwidth * 40 Hz Bandwidth expandable to 160 Hz See Application Note (AN-00MX-003) * Quiescent Supply Voltage: 3.5 mA * 0g output voltage 2.315V (with 5V supply) * 50,000g shock survival * 2.70V to 5.25V Single Supply * On-chip mixed signal processing * Continuous sensors self test * Temperature sensor output (Tout) 5mV/K * Packaged in 8 pin LCC SMD or 10 pin TO-100 THRU-HOLE * Hermetically sealed packaging * Reference voltage (VREF) 2.50V
Applications
* Automotive - Vehicle Security/Active Suspension/ABS/HED Angle Control * Security - Gas Line/Elevator/Fatigue Sensing * Office Automation Equipment - Computer Peripherals/Disk Drives/PDA's/Mouse Smart Pens/Cell Phones/Printer Head Acceleration Sensor * Gaming - Joystick/RF Interface/Menu Selection * White Goods - Spin/Vibration Control
Block Diagram of MX20XX
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implications or otherwise under any patent or patent rights of MEMSIC. Technical information. Subject to change without notice.
MX205Q ANALOG Data Sheet M 8/1/01 (R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 2 of 8
MX205Q SPECIFICATIONS Analog Electrical Characteristics
Measurements @ 25C Acceleration = 0g unless otherwise noted VDD, VDA = 5.0V unless otherwise specified
Parameter
SENSOR Measurement Range1 Nonlinearity Alignment Error2 SENSITIVITY ANALOG OUTPUTS Sensitivity Temperature Changes
8
Conditions
Each axis
MEMSIC MX205Q Min Typ Max
+/- 5.0
Units
NOTES
1
Guarantee by measurements of initial offset and sensitivity.
Best Fit Straight Line Each axis 90
2% +/- 1.0
+/- 2.5
g % of FS degrees
2
Alignment error is specified as the angle between the true and indicated axis of sensitivity. Cross-axis sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors. Specification refers to the maximum change in parameter from its initial value at 25C to its worst case value at Tmin to Tmax of the specified temperature range. Noise density (g/Hz rms) is the average noise at any frequency in the bandwidth of the device. The voltage is required to ramp full scale before making a measurement.
3
100
110
mV/g
4
Delta from 25C per formula SIN X (TIN)2.67 = SFIN X (TFIN)2.67 X sensor to Y sensor Each axis 2.0 +/- 2 2.2 2.0 2.4 % V mg/C
Cross-Axis Sensitivity3 ZERO g BIAS LEVEL 0g Offset vs. Temperature4 NOISE PERFORMANCE Noise Density 5 in 40 Hz Bandwidth FREQUENCY RESPONSE 3 dB Bandwidth 3 dB Bandwidth7 Tout Voltage Temp sensor sensitivity V REFERENCE 9 SELF TEST Voltage Delta at outputs @5V Supply @2.7V Supply X, Y OUTPUTS10
11
5
6
7
@ +25C
750
1000
g/Hz rms
Note: Frequency compensating circuit will achieve 160 Hz operations. See Application Note (AN-00MX-002) . Application boards available. Defined as the output change from ambient to maximum temperature or minimum. For more details refer to Application Note (AN-00MX-002). For more details refer to Application Note (AN-00MX-001). Operating at maximum current drive capabilities, shifting of baseline sensitivity may occur. Ratiometric analog output voltage will be 44.0% of VDD, VDA supply. All min and max specifications are subject to change without notification. Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implications or otherwise under any patent or patent rights of MEMSIC. Technical information. Subject to change without notice.
8
40 160 25C 25C Continuous, Output rails with failure Current drive capabilities, source/sink -2.5 1.23 2.4 1.25 2.5 1.27 5 2.6
Hz Hz V mV/K V
9
10
5.0 2.7 +2.5
V V mA
11
POWER SUPPLY Operating Voltage Range Specified Performance Quiescent Supply Current @ 5V Quiescent Supply Current @ 2.7V Turn-On Time6 TEMPERATURE RANGE Operating Range
2.7 3.0 4.0 200 -40
5.25 3.5 4.5 400 125
V mA mA ms C
MX205Q ANALOG Data Sheet N 8/1/01 (R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 3 of 8
ABSOLUTE MAXIMUM RATINGS*
Symbol
VDD TSTG
Parameter
Supply Voltage to Ground Potential Storage Temperature Acceleration
Rating
-0.5 to 7.0 -65 to +150 50,000
Units
Volts Deg C g
TO-100
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only; the functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE CHARACTERISTICS
Package TO-100 LCC-8 ThetaJA 150C/W 110C/W ThetaJC 25C/W 22C/W Device Weight 0.04 oz 0.02 oz
TOP VIEW Y +g
X +g
ORDERING GUIDE
Model MX205QC MX205QL Package Style TO-100 Metal Can LCC-8 SMD * LCC-8
TO-100 Axes of Sensitivity
* LCC parts are shipped in tape and reel packaging. NOTE
Drops onto hard surfaces can cause shocks of greater than 50,000g and exceed the absolute maximum rating of the device. Care should be exercised in handling to avoid damage.
Y +g
CAUTION
ESD (electrostatic discharge) sensitive device.
TOP VIEW
X +g
LCC-8 Axes of Sensitivity
MX205Q ANALOG Data Sheet N 8/1/01 (R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 4 of 8
Pin Function Descriptions TOP-100 and LCC-8
PIN DESCRIPTION: TO -100 Package
Pin 1 2 3 4 5 6 7 8 9 10 Name VDD TOUT AOUTY GND n/c VDA AOUTX VREF SCK RBias Description Digital Supply Voltage Temperature Acceleration Signal Ground no connection Analog Supply Voltage Acceleration Signal 2.50V Reference Voltage Serial Clock no connection
1 2 3 4
10
9 8 7
*
5
6
Top View
PIN DESCRIPTION: LCC-8 Package
Pin 1 2 3 4 5 6 7 8 Name TOUT AOUTY GND VDA AOUTX VREF SCK VDD Description Temperature Acceleration Signal Ground Analog Supply Voltage Acceleration Signal 2.50V Reference Voltage Serial Clock Digital Supply Voltage
*
*
Optional external clock factory programmed per customer request
Top View
MX205Q ANALOG Data Sheet N 8/1/01
(R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 5 of 8
Pin Definition
VDD - This is the digital power supply input for the MX20XX. The DC voltage should be between 2.70 and 5.25 volts. VDA - This is the analog power supply input for the MX20XX. VDA should always be connected to VDD. GND - This is the ground pin for the MX20XX. AOUTX - This pin is the output of the x-acceleration sensor. AOUTY - This pin is the output of the y-acceleration sensor. TOUT - This pin is the buffered output of the temperature sensor. The voltage at TOUT is an indication of the die temperature. This voltage can be measured and used to compensate out the temperature dependence of accelerometer sensitivity. SCK - Standard product is delivered with an Internal Clock option. Ground this pin when operating with the Internal Clock. The External Clock must be ordered special from the factory. VREF - A reference voltage is output from this pin.
MX205Q ANALOG Data Sheet N 8/1/01 (R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 6 of 8
Package Outline LCC-8 mm (in)
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implications or otherwise under any patent or patent rights of MEMSIC. Preliminary technical information. Subject to change without notice.
MX205Q ANALOG Data Sheet N 8/1/01 (R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 7 of 8
Package Outline TO-100 mm (in)
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implications or otherwise under any patent or patent rights of MEMSIC. Preliminary technical information. Subject to change without notice. MX205Q ANALOG Data Sheet N 8/1/01
(R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com
Data Sheet
MX205Q
Page 8 of 8
Printed Circuit Board Layout and Filter Requirements
R3= C3=
R4= C4=
Layout Notes
1. Use robust low inductance ground wiring 2. Liberal use of ceramic bypass capacitors 3. The capacitors should be located as close as possible to the device supply pins (VDA, VDD). 4. The capacitor lead length should be as short as possible. Surface mount capacitors are preferred.
Filtering Notes
1. Low pass filter - 200Hz, -3db 2. Ceramic capacitors C3, C4 3. f = 1/2RC 4. Resistor R3, R4 - 1/8 Watt, 5% tolerance 5. Reference Application Note # AN-00MX-004
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implications or otherwise under any patent or patent rights of MEMSIC. Technical information. Subject to change without notice.
MX201Q ANALOG Data Sheet N 8/1/01
(R)MEMSIC, Inc. 2000. 100 Burtt Road, Andover, MA 01810 Tel: 978.623.8188 * Fax: 978.623.9945 www.memsic.com


▲Up To Search▲   

 
Price & Availability of MX205Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X