Part Number Hot Search : 
SL100 MPXHZ MSM511 55C3V3 PQ20WZ51 KSD5074 M16C6N TPA270
Product Description
Full Text Search
 

To Download MUR4100EG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR480E, MUR4100E SWITCHMODEt Power Rectifiers
Ultrafast "E'' Series with High Reverse Energy Capability
These state-of-the-art devices are designed for use in switching power supplies, inverters and as free wheeling diodes.
Features http://onsemi.com
* 20 mJ Avalanche Energy Guaranteed * Excellent Protection Against Voltage Transients in Switching * * * * * * *
Inductive Load Circuits Ultrafast 75 Nanosecond Recovery Time 175C Operating Junction Temperature Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Reverse Voltage to 1000 V These are Pb-Free Devices*
ULTRAFAST RECTIFIER 4.0 AMPERES, 800-1000 VOLTS
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.1 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead Temperature for Soldering Purposes: * * *
260C Max. for 10 Seconds Shipped in Plastic Bags, 5,000 per Bag Available Tape and Reel, 1,500 per Reel, by Adding a "RL'' Suffix to the Part Number Polarity: Cathode indicated by Polarity Band Leads are Readily Solderable
AXIAL LEAD CASE 267 STYLE 1
MARKING DIAGRAM
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Symbol VRRM VRWM VR IF(AV) IFSM Value Unit V 800 1000 4.0 @ TA = 35C 70 A A
A MUR 4xxx YYWW G G
MUR480E MUR4100E
Average Rectified Forward Current (Square Wave; Mounting Method #3 Per Note 2) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating Junction and Storage Temperature Range
A = Assembly Location MUR4xxx = Device Number (see page 2) YY = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
TJ, Tstg
-65 to +175
C
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev. 7
Publication Order Number: MUR480E/D
MUR480E, MUR4100E
THERMAL CHARACTERISTICS
Rating Maximum Thermal Resistance, Junction-to-Ambient Symbol RqJA Value See Note 2 Unit C/W
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (Note 1) (iF = 3.0 Amps, TJ = 150C) (iF = 3.0 Amps, TJ = 25C) (iF = 4.0 Amps, TJ = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 150C) (Rated dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amp/ms) (IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp) Maximum Forward Recovery Time (IF = 1.0 Amp, di/dt = 100 Amp/ms, Recovery to 1.0 V) Controlled Avalanche Energy (See Test Circuit in Figure 6) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. Symbol vF 1.53 1.75 1.85 iR 900 25 trr 100 75 tfr WAVAL 75 20 ns mJ ns mA Max Unit V
ORDERING INFORMATION
Device MUR480E MUR480EG MUR480ERL MUR480ERLG MUR480ES MUR480ESG MUR4100E MUR4100EG MUR4100E MUR4100ERL MUR4100ERLG Axial Lead* Axial Lead* 1500 / Tape & Reel 1500 / Tape & Reel MUR480ES MUR480E Marking Package Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Shipping 500 Units / Bulk 500 Units / Bulk 1500 / Tape & Reel 1500 / Tape & Reel 500 Units / Bulk 500 Units / Bulk 500 Units / Bulk 500 Units / Bulk
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
MUR480E, MUR4100E
MUR480E, MUR4100E
20 IR, REVERSE CURRENT (m A) 1000 400 200 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.04 0.02 0.01 0.004 0.002 0.001
TJ = 175C 100C
TJ = 175C 10 100C 7.0 5.0
25C
25C
i F , INSTANTANEOUS FORWARD CURRENT (AMPS)
3.0 2.0
*The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
0
100
200
300
400
500
600
700
800
900 1000
1.0 0.7 0.5 IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 0.3 0.2 10
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
8.0
Rated VR RqJA = 28C/W
0.1 0.07 0.05
6.0
4.0 SQUARE WAVE
dc
2.0 0 0
0.03 0.02 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2
50
100
150
200
250
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (C)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating (Mounting Method #3 Per Note 2)
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUAREWAVE (Capacitive IPK =20 IAV Load) 10 dc TJ = 175C 5.0 C, CAPACITANCE (pF)
70 60 50 40 TJ = 25C 30 20
10 9.0 8.0 7.0 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS) 50
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
http://onsemi.com
3
MUR480E, MUR4100E
+VDD IL 40 mH COIL BVDUT VD MERCURY SWITCH S1 ID ID IL DUT VDD t0 t1 t2 t
Figure 6. Test Circuit
Figure 7. Current-Voltage Waveforms
The unclamped inductive switching circuit shown in Figure 6 was used to demonstrate the controlled avalanche capability of the new "E'' series Ultrafast rectifiers. A mercury switch was used instead of an electronic switch to simulate a noisy environment when the switch was being opened. When S1 is closed at t0 the current in the inductor IL ramps up linearly; and energy is stored in the coil. At t1 the switch is opened and the voltage across the diode under test begins to rise rapidly, due to di/dt effects, when this induced voltage reaches the breakdown voltage of the diode, it is clamped at BVDUT and the diode begins to conduct the full load current which now starts to decay linearly through the diode, and goes to zero at t2. By solving the loop equation at the point in time when S1 is opened; and calculating the energy that is transferred to the diode it can be shown that the total energy transferred is equal to the energy stored in the inductor plus a finite amount of energy from the VDD power supply while the diode is in breakdown (from t1 to t2) minus any losses due to finite
EQUATION (1): BV 2 DUT W [ 1 LI LPK AVAL 2 BV -V DUT DD
CH1 CH2 500V 50mV
component resistances. Assuming the component resistive elements are small Equation (1) approximates the total energy transferred to the diode. It can be seen from this equation that if the VDD voltage is low compared to the breakdown voltage of the device, the amount of energy contributed by the supply during breakdown is small and the total energy can be assumed to be nearly equal to the energy stored in the coil during the time when S1 was closed, Equation (2). The oscilloscope picture in Figure 8, shows the information obtained for the MUR8100E (similar die construction as the MUR4100E Series) in this test circuit conducting a peak current of one ampere at a breakdown voltage of 1300 V, and using Equation (2) the energy absorbed by the MUR8100E is approximately 20 mjoules. Although it is not recommended to design for this condition, the new "E'' series provides added protection against those unforeseen transient viruses that can produce unexplained random failures in unfriendly environments.
A
20ms
953 V
VERT
CHANNEL 2: IL 0.5 AMPS/DIV.
EQUATION (2): 2 W [ 1 LI LPK AVAL 2
CHANNEL 1: VDUT 500 VOLTS/DIV.
TIME BASE: 20 ms/DIV. 1 CH1 ACQUISITIONS SAVEREF SOURCE CH2 217:33 HRS STACK REF REF
Figure 8. Current-Voltage Waveforms
http://onsemi.com
4
MUR480E, MUR4100E
NOTE 2 - AMBIENT MOUNTING DATA
Data shown for thermal resistance junction-to-ambient (RqJA) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured.
TYPICAL VALUES FOR RqJA IN STILL AIR Mounting Method 1 2 RqJA 3 Lead Length, L (IN) 1/8 1/4 1/2 3/4 55 50 51 53 63 58 59 61 28 Units C/W C/W C/W
MOUNTING METHOD 1 P.C. Board Where Available Copper Surface area is small.
L
L
EEEEEEEEEEE EEEEEEEEEEE
MOUNTING METHOD 2 Vector Push-In Terminals T-28
L L
EEEEEEEEEEEE EEEEEEEEEEEE
MOUNTING METHOD 3 P.C. Board with 1-1/2 x 1-1/2 Copper Surface
EE EE EE EE EE EE EE EE
L = 1/2
Board Ground Plane
http://onsemi.com
5
MUR480E, MUR4100E
PACKAGE DIMENSIONS
AXIAL LEAD CASE 267-05 (DO-201AD) ISSUE G
K D
1
A
2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.287 0.374 0.189 0.209 0.047 0.051 1.000 --- MILLIMETERS MIN MAX 7.30 9.50 4.80 5.30 1.20 1.30 25.40 ---
B
K
DIM A B D K
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MUR480E/D


▲Up To Search▲   

 
Price & Availability of MUR4100EG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X