Part Number Hot Search : 
BU409 RN73H1J MAX14 MAX1600 F1001 0ZEG334 W005M 30F5013
Product Description
Full Text Search
 

To Download MSM5116400F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDD5116400F-01
1 Semiconductor MSM5116400F
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
This version: May 2001 Previous version :
DESCRIPTION The MSM5116400F is a 4,194,304-word x 4-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM5116400F achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5116400F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP. FEATURES
4,194,304-word x 4-bit configuration Single 5V power supply, 10% tolerance Input : TTL compatible, low input capacitance Output : TTL compatible, 3-state Refresh : 4096 cycles/64ms Fast page mode, read modify write capability CAS before RAS refresh, hidden refresh, RAS-only refresh capability Packages 26/24-pin 300mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM5116400F-xxSJ) 26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM5116400F-xxTS-K)
xx indicates speed rank. PRODUCT FAMILY
Access Time (Max.)
Family
tRAC 50ns 60ns 70ns
tAA 25ns 30ns 35ns
tCAC 13ns 15ns 20ns
tOEA 13ns 15ns 20ns
Cycle Time (Min.) 90ns 110ns 130ns
Power Dissipation Operating (Max.) 413mW 385mW 358mW Standby (Max.) 5.5mW
MSM5116400F
1/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
PIN CONFIGURATION (TOP VIEW)
VCC DQ1 DQ2 WE RAS A11 A10 A0 A1 A2 A3 VCC
1 2 3 4 5 6 8 9 10 11 12 13
26 25 24 23 22 21 19 18 17 16 15 14
VSS DQ4 DQ3 CAS OE A9 A8 A7 A6 A5 A4 VSS
VCC DQ1 DQ2 WE RAS A11
1 2 3 4 5 6
26 25 24 23 22 21 19 18 17 16 15 14
VSS DQ4 DQ3 CAS OE A9 A8 A7 A6 A5 A4 VSS
A10 8 A0 9 A1 10 A2 11 A3 12 VCC 13
26/24-Pin Plastic SOJ
26/24-Pin Plastic TSOP (K Type)
Pin Name A0-A11 RAS CAS DQ1-DQ4 OE WE VCC VSS NC
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5V) Ground (0V) No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
BLOCK DIAGRAM
RAS CAS
Timing Generator Timing Generator
10
Column Address Buffers Internal Address Counter Row Address Buffers
10
Column Decoders
Write Clock Generator
WE OE
4 Output Buffers 4 4 4 Input Buffers 4
A0 - A11
Refresh Control Clock
Sense Amplifiers
4
I/O Selector
4
DQ1 - DQ4
12
12
Row Decoders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
3/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on Any Pin Relative to VSS Voltage VCC Supply relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD* Topr Tstg Value -0.5 to VCC+0.5 -0.5 to 7.0 50 1 0 to 70 -55 to 150 Unit V V mA W C C
*: Ta = 25C
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 - 0.5*2 Typ. 5.0 0 Max. 5.5 0 VCC + 0.5 0.8
*1
Unit V V V V
Notes: *1. The input voltage is VCC + 1.0V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 1.0V when the pulse width is less than 20ns (the pulse width respect to the point at which VSS is applied).
PIN CAPACITANCE
(Vcc = 5V 10%, Ta = 25C, f = 1 MHz) Parameter Input Capacitance (A0 - A11) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ4) Symbol CIN1 CIN2 CI/O Min. -- -- -- Min. 5 7 7 Unit pF pF pF
4/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
DC CHARACTERISTICS
(VCC = 5V 10%, Ta = 0 to 70C) MSM5116400 F-50 Min. Output High Voltage Output Low Voltage Input Leakage Current Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) VOH VOL IOH = -5.0mA IOL = 4.2mA 0V VI 6.5V; ILI All other pins not under test = 0V DQ disable 0V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC - 0.2V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable RAS = cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tPC = Min. 70 65 60 mA 1,3 5 5 5 mA 1 75 70 65 mA 1,2 - 10 10 - 10 10 - 10 10 A 2.4 0 Max. VCC 0.4 MSM5116400 F-60 Min. 2.4 0 Max. VCC 0.4 MSM5116400 F-70 Unit Note Min. 2.4 0 Max. VCC 0.4 V V
Parameter
Symbol
Condition
ILO
- 10
10
- 10
10
- 10
10
A
ICC1
75
70
65
mA
1,2

2 1

2 1

2 mA 1 1
ICC6
75
70
65
mA
1,2
Notes: 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while RAS = VIL. 3. The address can be changed once or less while CAS = VIH.
5/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
AC CHARACTERISTICS (1/2)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3,11,12 Parameter Symbol MSM5116400 F-50 Min. Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time tRC tRWC tPC 90 131 35 76 0 0 0 3 30 50 50 13 13 7 13 50 5 30 17 12 0 Max. 50 13 25 30 13 13 13 50 64 10,000 100,000 10,000 37 25 MSM5116400 F-60 Min. 110 155 40 85 0 0 0 3 40 60 60 15 15 10 15 60 5 35 20 15 0 Max. 60 15 30 35 15 15 15 50 64 10,000 100,000 10,000 45 30 MSM5116400 F-70 Min. 130 185 45 100 0 0 0 3 50 70 70 20 20 10 20 70 5 40 20 15 0 Max. 70 20 35 40 20 20 20 50 64 10,000 ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 4, 5, 6 4, 5 4, 6 4 4 4 7 7 3 Unit Note
Fast Page Mode Read Modify Write tPRWC Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turnoff Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tRP tRAS
RAS Pulse Width (Fast Page Mode) tRASP RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time tRSH tROH tCP tCAS tCSH tCRP
100,000 ns 10,000 50 35 ns ns ns ns ns ns ns ns ns ns 5 6
RAS Hold Time from CAS Precharge tRHCP RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time tRCD tRAD tASR
6/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
AC CHARACTERISTICS (2/2)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3,11,12 Parameter Symbol MSM5116400 F-50 Min. Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to RAS Precharge Time (CAS before RAS) WE Hold Time from RAS (CAS before RAS) tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tWRP tWRH 7 0 7 25 0 0 0 0 7 7 13 13 13 0 7 13 36 48 73 53 5 10 10 10 10 10 10 Max. MSM5116400 F-60 Min. 10 0 10 30 0 0 0 0 10 10 15 15 15 0 10 15 40 55 85 60 5 10 10 10 10 10 10 Max. MSM5116400 F-70 Min. 10 0 15 35 0 0 0 0 15 10 20 20 20 0 15 20 50 65 100 70 5 10 10 10 10 10 10 Max. ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 9 9 9 9 10 10 8 8 9 Unit Note
RAS to WE Set-up Time (Test Mode) tWTS RAS to WE Hold Time (Test Mode) tWTH
7/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
Notes: 1. A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 5ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. -50 is measured with a load circuit equivalent to 2TTL load and 50pF, and -60/-70 is measured with a load circuit equivalent to 2TTL load and 100pF. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition and are not referenced to output voltage levels. 8. tRCH or tRRH must be satisfied for a read cycle. 9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.), tRWD tRWD(Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 10. These parameters are referenced to the CAS, leading edges in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. In a test CA8 and CA9 are not used and each DQ pin now access 4-bit locations. Since all 4 DQ pins are used, a total 16 data bits can be written in parallel into the memory array. In a read cycle, if 4 data bits are equal, the DQ pin will indicate a high level. If the 4 data bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 12. In a test mode read cycle, the value of access time parameter is delayed for 5ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.
8/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
TIMING CHART
Read Cycle
RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC DQ VOH VOL tCLZ Open Valid Data-out "H" or "L" tAA tROH tOEA tCAC tOEZ tRCH tRAD tRAL tRAH tASC Column tRCS tRRH tCAH tRCD tCSH tRSH tCAS tCRP tRC tRAS tRP
Row
WE
OE
tOFF
Write Cycle (Early Write)
VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAL tRAH tASC tCAH Column tCWL tWCS tWP tWCH tRCD tRC tRAS tRP tCSH tRSH tCAS tCRP
RAS
Row
WE
VIH VIL VIH VIL VIH VIL
tRWL
OE
tDS
tDH Open "H" or "L"
DQ
Valid Data-in
9/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
Read Modify Write Cycle
tRWC RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAH tASC Colum tRCS tRWD WE VIH VIL VIH VIL tRAC DQ VI/OH VI/OL tCLZ
Valid Data-out
tRAS tRP tCSH tRCD tRSH tCAS tCWL tRWL tCRP
tCAH
Row
tCWD
tWP
tAWD tAA tOEA tOED tCAC tOEZ tDS
Valid Data-in
tOEH
OE
tDH
"H" or "L"
10/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
Fast Page Mode Read Cycle
tRASP RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC tCAC DQ VOH VOL tCLZ tCPA tOFF tOEZ
Valid Data-out
tRP tPC tRHCP tCP tCAS tRSH tCAS tRAL tCAH tASC Column tRCH tAA tOEA tCPA tOFF tOEA tRRH tRCS tRCH tCAH
tRCD tCAS tRAD tCSH tRAH tASC tCAH
tCP
tCRP
tASC
Row tRCS
Column tRCH tAA tOEA
Column tRCS tAA
WE
OE
tCAC tCLZ
tCAC tOEZ
Valid Data-out
tOFF
tOEZ t CLZ
Valid Data-out
"H" or "L"
Fast Page Mode Write Cycle (Early Write)
tRASP RAS VIH VIL VIH VIL tASR Address VIH VIL Row tRAD tRAH tASC tCSH tCAH tASC tCAH tASC tRAL tCAH Column tRWL tCWL tWCS WE VIH VIL tDS DQ VIH VIL
Valid * Data-in tCWL
tRP tPC tRHPC tCP tCAS tRSH tCAS tCRP
tCRP
tRCD tCAS
tCP
CAS
Column
Column tCWL tWCS tWCH tWP tWCS
tWCH tWP
tWP
tWCH
tDH
tDS
Valid * Data-in
tDH
tDS
Valid * Data-in
tDH
Note: OE = "H" or "L"
"H" or "L"
11/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
Fast Page Mode Read Modify Write Cycle
tRASP RAS VIH VIL VIH VIL tRAH tASR Address VIH VIL
Row
tCSH tRCD tRAD tASC
Column
tPRWC tCAS tCP tCAS tCAH tCAH tCWL tASC tCWL
Column Column
tRSH tCP tCAS tCAH tASC tCRP
tRP
CAS
tRAL
tRCS WE VIH VIL tRAC tAA
tRWD tCWD tAWD tWP tDH tOEA tDS tOED tCAC tOEZ
Out
tRCS
tCPWD
tRCS
tCPWD
tCWL tRWL
tCWD tAWD tCPA tAA tOEA tOED tOEZ tCAC In tCLZ Out tDS In tCLZ tCAC tWP tDH tAA
tCWD tAWD tWP tROH tCPA tOEA tOED tOEZ tDH tDS
OE
VIH VIL VI/OH VI/OL tCLZ
DQ
Out
In
Note: In = Valid Data-in, Out = Valid Data-out
"H" or "L"
RAS-only Refresh Cycle RAS
tRC RAS VIH VIL tCRP CAS VIH VIL VIH VIL VOH VOL tASR tRAH tRPC tRAS tRP
Address
Row tOFF Open Note: WE, OE = "H" or "L" "H" or "L"
DQ
12/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
CAS before RAS Refresh Cycle
tRP RAS VIH VIL VIH VIL VIH VIL tOFF DQ VOH VOL Open Note: OE, Address = "H" or "L" "H" or "L" tWRP tRPC tCP tCSR tCHR tWRH tWRP tRAS tRP tRPC tRC
CAS
WE
Hidden Refresh Read Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAD tRAH Row tRCS WE tASC Column tCAC tRAL tAA tROH OE VIH VIL VOH VOL tRAC tCLZ Open Valid Data-out "H" or "L" tOEA tOEZ tWRP tWRH tOFF tRRH tCAH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
DQ
13/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
Hidden Refresh Write Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL tRAD tRAH Row tASC tCAH Column tRAL tRWL tWP tWCH tWRP tWRH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
WE
VIH VIL tWCS VIH VIL VIH VIL tDS
OE
tDH Valid Data-in
DQ
"H" or "L"
Test Mode-in Cycle
tRC tRP RAS VIH VIL VIH VIL tWTS WE VIH VIL VIH VIL tOFF Open Note: OE, Address = "H" or "L" "H" or "L" tWTH tRPC tCP tCSR tCHR tRAS
CAS
DQ
14/15
FEDD5116400F-01
1 Semiconductor
MSM5116400F
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. 3. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. 4. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. 5. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. 6. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. 7. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. 8. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2001 Oki Electric Industry Co., Ltd.
15/15


▲Up To Search▲   

 
Price & Availability of MSM5116400F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X