Part Number Hot Search : 
90N06 2N3887 MJ160 90N06 21143 8062M 2N4949 GP1007
Product Description
Full Text Search
 

To Download MMBTA13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
SOT 23
MMBTA13 14
FEATURES
1. BASE
TRANSISTOR NPN(c)
2. EMITTER 3. COLLECTOR
Power dissipation PCM : 0.3W Tamb=25ae(c) Collector current ICM: 0.3A Collector-base voltage V(BR)CBO : 30V Operating and storage junction temperature range T J T stg: -55aeto +150 ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) * DC current gain hFE(2) * Collector-emitter saturation voltage Base-emitter voltage Transition frequency VCE (sat) * VBE * VCE=5 V, IC= 100mA
Unit : mm
unless
Test
otherwise
specified(c)
MIN 30 30 10 0.1 0.1 MAX UNIT V V V |I A |I A
conditions
Ic= 100|I A IE=0 Ic= 100uAIB=0 IE= 100|I AIc=0 VCB=30 V , IE=0 VEB= 10V , IC=0 MMBTA13 MMBTA14 MMBTA13 MMBTA14 IC=100 mA, IB=0.1mA VCE=5V,IC= 100mA VCE=5V, I = 10mA C
VCE=5V, IC= 10m A
5000 10000 10000 20000 1.5 2.0 125 V V MHz
fT
f=100MHz
* Pulse Test : pulse widthU 300|I duty cycle U s 2% Marking : MMBTA13:1M MMBTA14 1N
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A L Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100


▲Up To Search▲   

 
Price & Availability of MMBTA13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X