Part Number Hot Search : 
MY141C NJU6397C ISO120G DTSPU HMC605 G78LXX SC486 BP5811
Product Description
Full Text Search
 

To Download LA5618 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN5672A
Monolithic Linear IC
LA5618
Multi-System Power Supply for Audio Equipment
Overview
The LA5618 is a multi-system power supply IC with a built-in on/off control function. It is optimal for use as the power supply IC in CD players, mini-component stereo systems, and other microcontroller controlled audio equipment.
Package Dimensions
unit: mm 3049B-SIP12H
[LA5618]
Functions
* Power supply IC with 7.5 V outputs (1.5 A) and an on/off control function. * The LA5618 is pin compatible with the LA5617.
27.0 20.0
4.0
7.0
1.0min
1
2.5 2.0 0.5 1.0
12
6.0
13.2max
8.4
R1.7 11.8
0.4 2.0
SANYO: SIP12H
Specifications
Maximum Ratings at Ta = 25C
Parameter Input voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC/VEE max Pd max Topr Tstg With no heat sink Conditions Ratings 18 2.4 -20 to +85 -55 to +150 Unit V W C C
Operating Conditions at Ta = 25C
Parameter Input voltage Output current Symbol VCC/VEE IOUT1 IOUT2 Conditions Ratings 9.5 to 16 0 to 1.5 -1.5 to 0 Unit V A A
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52804TN (OT) No. 5672-1/4
LA5618 Operating Characteristics at Ta = 25C, VCC/VEE = 9.5 V, in the specified test circuit.
Parameter Symbol Conditions Ratings min typ max Unit
[+7.5 V Power Supply Block] IOUT1 = 500 mA, COUT1 = 100 F Output voltage Dropout voltage Line regulation Load regulation Peak output current Output short current Output off voltage Ripple rejection VO1 VDROP1-1 VDROP1-2 IOUT1 = 300 mA VOLN1 VOLD1 IOP1 IOSC1 VO1OFF Rrej1 VEN = 0.4 V f = 120 Hz, 8.5 V VCC 16 V, CN1 = 1 F -8.0 65 9 V VCC 16 V 5 mA IOUT1 1 A VCC/VEE = 12 V 1.5 7.0 7.5 1.5 1.0 20 80 1.8 1.0 0.3 8.0 2.0 1.5 100 200 V V V mV mV A A V dB
[-7.5 V Power Supply Block] IOUT2 = 500 mA, COUT2 = 100 F Output voltage Dropout voltage Line regulation Load regulation Peak output current Output short current Output off voltage Ripple rejection VO2 VDROP2-1 VDROP2-2 IOUT2 = -300 mA VOLN2 VOLD2 IOP2 IOSC2 VO2 OFF Rrej2 VEN = 0.4 V f = 120 Hz, 16 V VEE -8.5 V, CN2 = 1 F VO1, VO2: Off IOUT1 = 0, IOUT2 = 0 IOUT1 = 1.5 A, IOUT2 = 0 IOUT1 = 0, IOUT2 = 0 IOUT1 = 0, IOUT2 = -1.5 A 5.0 7.0 -5.0 -12.0 -0.3 50 -16 V VEE -9 V -1 A IOUT2 -5 mA VCC/VEE = 12 V -7.5 1.5 1.0 200 80 -1.8 -1.0 -7.0 2.0 1.5 300 200 -1.5 V V V mV mV A A V dB
[Common Circuit Block] COUT1 = 100 F, COUT2 = 100 F Output off control voltage Current drain (positive voltage power supply block) Current drain (negative voltage power supply block) VENL IQP1 IQP2 IQM1 IQM2 0.4 V mA mA mA mA
Pd max -- Ta
14
Allowable power dissipation, Pd max -- W
13.0 12 10.4 10
With an arbitrarily large heat sink 100 x 100 x 1.5mm3
8 6.25 6
50 x 50 x 1.5mm3
5.4
4 2.4 2
Independent IC
3.25
1.25 0 -20 0 20 40 60 80 100
Ambient temperature, Ta -- C
Pin Assignment
LA5618
1 NC 2 VO1 3 VCC 4 CN1 5 EN 6 TP 7 GND 8 NC 9 CN2 10 VEE 11 VO2 12 NC
Top view
Note: The TP pin is used for IC testing. It must be left open during normal operation. The NC pins must also be left open during normal operation.
A06997
No. 5672-2/4
LA5618 Equivalent Circuit Block Diagram
VCC 3
VO1 CN1
2
Error amplifier
VREF
4
Startup circuit
VREF
GND
7
ON/OFF Thermal protection circuit Current limiter
Current limiter
VMUTE VCC
140 A ON/OFF CN2 VCC 100 k 9 100 Error amplifier VREF 60 k Comparator 1.8 V 30 k
VO2
11
VEE
10
5 EN
6 TP
Note: The TP pin is used for IC testing. It must be left open during normal operation.
A06998
No. 5672-3/4
LA5618 Sample Application Circuit: Mini-component stereo system power supply
LA5618
CN1 4 VCC 3 VO1 and VO2 blocks 2 11
1 F
7.5V Audio circuit block -7.5V
VO1 VO2
VEE
10
9 CN2 1 F
Bias blocks
5 EN On/off control
7
GND
A06999
Notes: 1. The VO1 and VO2 output capacitors must have values of at least 100 F and capacitors with low temperature coefficients must be used to prevent oscillation at low temperatures. 2. External noise can be suppressed and ripple rejection improved by adding capacitors between CN1 and VO1 and between CN2 and VO2.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of May, 2004. Specifications and information herein are subject to change without notice. PS No. 5672-4/4


▲Up To Search▲   

 
Price & Availability of LA5618

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X