Part Number Hot Search : 
WHD250FE HER0802G SA5211 EV6180 VN808SR 002D2 MPR031 12F34
Product Description
Full Text Search
 

To Download KBU800G06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBU800G - KBU810G
Pb
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
! Glass Passivated Die Construction A
KBU Dim Min Max 22.70 23.70 A 3.60 4.10 B 4.20 4.70 C 1.70 2.20 D 10.30 11.30 E 4.50 5.60 G 4.60 5.60 H 25.40 -- J -- 19.30 K 16.80 17.80 L 6.60 7.10 M 4.10 4.60 N 1.20 1.30 P All Dimensions in mm
! Low Forward Voltage Drop B C ! High Current Capability D ! High Reliability ! High Surge Current Capability KL ! Ideal for Printed Circuit Boards -~~+ E ! Recognized File # E157705 J
Mechanical Data
! ! ! ! ! ! ! Case: KBU, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 8.0 grams (approx.) Mounting Position: Any Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 H M
G
N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBU 800G 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO
KBU 801G 100 70
KBU 802G 200 140
KBU 804G 400 280 8.0
KBU 806G 600 420
KBU 808G 800 560
KBU 810G 1000 700
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage @IF = 4.0A @TA = 25C @TA = 125C
IFSM VFM IR RJA RJC Tj, TSTG
300 1.0 10 1.0 18 3.0 -65 to +150
A V A mA C/W C/W C
Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range
Note: 1. Mounted on 75 x 75 x 3.0mm Al. plate. 2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
KBU800G - KBU810G
1 of 4
(c) 2006 Won-Top Electronics
6
IF, INSTANTANEOUS FORWARD CURRENT (A)
8 I(AV), AVERAGE FORWARD CURRENT (A)
100
10
4
1.0
2
Mounted on Al. Plate 12.7 mm lead length
Tj = 25 C Pulse width = 300 s
0 0 50 100 150 TA , AMBIENT TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.1 0.6 0.8 1.0 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
1000
Tj = 25 C f = 1 MHz
300 IF, PEAK FWD SURGE CURRENT (A)
Tj = 125 C 8.3 ms Single half-sine-wave
250
CJ, CAPACITANCE (pF)
200
100
150
100
50
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Forward Surge Current
0.1
1
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance per element
IR, INSTANTANEOUS REVERSE CURRENT ( A)
10
Tj = 100 C
1.0
0.1
Tj = 25 C
0.01 0 40 80 120 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
KBU800G - KBU810G
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE
KBU 8xxG
- AC +
WTE KBU8xxG xx Polarity
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 268 x 227 x 51 Quantity (PCS) 400 Carton Size L x W x H (mm) 463 x 283 x 185 Quantity (PCS) 2,400 Approx. Gross Weight (KG) 20.5
Note: 1. Paper box, white or brown color.
KBU800G - KBU810G
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBU800G KBU801G KBU802G KBU804G KBU806G KBU808G KBU810G
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBU800G-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBU800G - KBU810G
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBU800G06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X