Part Number Hot Search : 
TJA105 50N60 P55N06L STB15N25 JS28F128 2SA133 50N60 CPH3338
Product Description
Full Text Search
 

To Download HMC591LP5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
5
AMPLIFIERS - SMT
Typical Applications
The HMC591LP5 / HMC591LP5E is ideal for use as a power amplifier for: * Point-to-Point Radios * Point-to-Multi-Point Radios * Test Equipment & Sensors * Military End-Use * Space
Features
Saturated Output Power: +33 dBm @ 20% PAE Output IP3: +41 dBm Gain: 18 dB DC Supply: +7.0 V @ 1340 mA 50 Ohm Matched Input/Output QFN Leadless SMT Packages, 25 mm2
Functional Diagram
General Description
The HMC591LP5 & HMC591LP5E are high dynamic range GaAs PHEMT MMIC 2 Watt Power Amplifiers which operate from 6 to 9.5 GHz. The amplifier provides 18 dB of gain, +33 dBm of saturated power, and 19% PAE from a +7.0V supply. This 50 Ohm matched amplifier does not require any external components and the RF I/Os are DC blocked for robust operation. For applications which require optimum OIP3, Idd should be set for 940 mA, to yield +41 dBm OIP3. For applications which require optimum output P1dB, Idd should be set for 1340 mA, to yield +33 dBm Output P1dB.
Electrical Specifications, TA = +25 C, Vdd = +7V, Idd = 1340 mA[1]
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd) [1] Adjust Vgg between -2 to 0V to achieve Idd= 1340 mA typical. [2] Measurement taken at 7V @ 940mA, Pin/Tone = -15 dBm
[2]
Min.
Typ. 6-8
Max.
Min.
Typ. 6 - 9.5
Max.
Units GHz dB dB/ C dB dB dBm dBm dBm mA
16
19 0.05 14 12
15
18 0.05 12 10
30
32 32.5 41 1340
30
33 33 41 1340
5 - 598
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
Broadband Gain & Return Loss
25 20 15 RESPONSE (dB) 10 5 0 -5 -10 -15 -20 -25 4 5 6 7 8 9 10 11 12 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
28 26 24 22 GAIN (dB) 20 18 16 14 12 10 8 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -40C
5
AMPLIFIERS - SMT
5 - 599
Input Return Loss vs. Temperature
0
Output Return Loss vs. Temperature
0
-5 RETURN LOSS (dB) RETURN LOSS (dB)
+25C +85C -40C
-5
-10
-10
-15
-15
+25C +85C -40C
-20
-20
-25 4 5 6 7 8 9 10 11 12 FREQUENCY (GHz)
-25 4 5 6 7 8 9 10 11 12 FREQUENCY (GHz)
P1dB vs. Temperature
36 35 34 33 P1dB (dBm) 32 31 30 29 28 27 26 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -40C
Psat vs. Temperature
36 35 34 33 Psat (dBm) 32 31 30 29 28 27 26 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
5
AMPLIFIERS - SMT
P1dB vs. Current
36 35 34 33 P1dB (dBm) 32 31 30 29 28 27 26 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
940 mA 1140 mA 1340 mA
Psat vs. Current
36 35 34 33 Psat (dBm) 32 31 30 29 28 27 26 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
940 mA 1140 mA 1340 mA
Output IP3 vs. Temperature 7V @ 940 mA, Pin/Tone = -15 dBm
46 44 42 40 OIP3 (dBm) 38 36 34 32 30 28 26 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -40C
Power Compression @ 8 GHz, 7V @ 1340 mA
35 Pout(dBm), GAIN (dB), PAE(%) 30 25 20 15 10 5 0 -14 -12 -10 -8 -6 -4 -2 0
Pout Gain PAE
2
4
6
8 10 12 14 16 18
INPUT POWER (dBm)
Output IM3, 7V @ 940 mA
100 90 80 70 IM3 (dBc) 60 50 40 30 20 10 -20 -18 -16 -14 -12 -10 -8
6 GHz 7 GHz 8 GHz 9 GHz 10 GHz
Output IM3, 7V @ 1340 mA
100 90 80 70 IM3 (dBc) 60 50 40 30 20 10 -20 -18 -16 -14 -12 -10 -8
6 GHz 7 GHz 8 GHz 9 GHz 10 GHz
-6
-4
-2
0
2
4
6
8
-6
-4
-2
0
2
4
6
8
Pin/Tone (dBm)
Pin/Tone (dBm)
5 - 600
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
Gain & Power vs. Supply Current @ 8 GHz
36 GAIN (dB), P1dB (dBm), Psat(dBm) 34 32 30 28 26 24 22 20 18 16 940 1140 Idd SUPPLY CURRENT (mA) 1340
Gain P1dB Psat
Gain & Power vs. Supply Voltage @ 8 GHz
36 34 32 30 28 26 24 22 20 18 16 6.5 7 Vdd SUPPLY VOLTAGE (Vdc) 7.5
Gain P1dB Psat
5
AMPLIFIERS - SMT
5 - 601
Reverse Isolation vs. Temperature, 7V @ 1340 mA
0 -10 -20 ISOLATION (dB) -30 -40 -50 -60 -70 -80 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
Power Dissipation
10 9.5 POWER DISSIPATION (W)
GAIN (dB), P1dB (dBm), Psat(dBm)
+25C +85C -40C
9 8.5 8 7.5 7 6.5 6 -14 -12 -10 -8
6 GHz 7 GHz 8 GHz 9 GHz 10 GHz
-6
-4
-2
0
2
4
6
8
10 12 14
INPUT POWER (dBm)
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) Gate Bias Voltage (Vgg) RF Input Power (RFin)(Vdd = +7.0 Vdc) Channel Temperature Continuous Pdiss (T= 75 C) (derate 104.3 mW/C above 75 C) Thermal Resistance (channel to package bottom) Storage Temperature Operating Temperature +8 Vdc -2.0 to 0 Vdc +15 dBm 175 C 10.43 W 9.59 C/W -65 to +150 C -40 to +85 C
Typical Supply Current vs. Vdd
Vdd (V) +6.5 +7.0 +7.5 Idd (mA) 1350 1340 1330
Note: Amplifier will operate over full voltage ranges shown above Vgg adjusted to achieve Idd = 1340 mA at +7.0V
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
5
AMPLIFIERS - SMT
Outline Drawing
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Package Information
Part Number HMC591LP5 HMC591LP5E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H591 XXXX H591 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
5 - 602
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
Pad Descriptions
Pad Number 1, 2, 6 - 8, 10 - 12, 14, 15, 17 - 19, 23, 24, 26, 27, 29 - 31 3, 5, 20, 22 Function Description Interface Schematic
5
Not connected.
N/C
GND
Package bottom has an exposed metal paddle that must be connected to RF/DC ground. This pad is AC coupled and matched to 50 Ohms.
4
RFIN
9
Vgg
Gate control for amplifier. Adjust to achieve Idd of 1340 mA. Please follow "MMIC Amplifier Biasing Procedure" Application Note. External bypass capacitors of 100 pF and 2.2 F are required.
13, 16, 25, 28, 32
Vdd 1-5
Power Supply Voltage for the amplifier. External bypass capacitors of 100 pF and 2.2 F are required.
21
RFOUT
This pad is AC coupled and matched to 50 Ohms.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 603
AMPLIFIERS - SMT
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
5
AMPLIFIERS - SMT
Application Circuit
Component C1 - C6 C7 - C12 Value 100pF 2.2F
5 - 604
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC591LP5 / 591LP5E
v02.0107
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
Evaluation PCB
5
AMPLIFIERS - SMT
List of Materials for Evaluation PCB 108190
Item J1 - J2 J3 - J4 C1 - C6 C7 - C12 U1 PCB [2] Description PCB Mount SMA Connector DC Pin 100pF Capacitor, 0402 Pkg. 2.2 F Capacitor, 1206 Pkg HMC591LP5 / HMC591LP5E 109001 Evaluation PCB
[1]
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 605


▲Up To Search▲   

 
Price & Availability of HMC591LP5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X