Part Number Hot Search : 
GT61G 13NM6 BY396 FRM430H DT79R464 OP491GPZ 1N4135 29F80
Product Description
Full Text Search
 

To Download HDG320240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDG320240
Dimensional Drawing
9.0 0.5 5.0
1
Chip On Glass technology
320 X 240 Dots Graphics
8.0075 6.5 MAX 1.0
4.0
0.225
0.225
0.015
19.0
MIN 26.8 MAX 46.8 ACTIVE AREA 57.585 VIEWING AREA 60.6 69.10.3
B
32.0 MAX 1.0
0.015
18
5.0 1.0 P1.0X17=17.00.2 W=0.7 B DETAIL Dimension tolerance: +/-0.3mm
SUPPORT 0.30.03
MAX 1.0
ACTIVE AREA 76.785 VIEWING AREA 79.8 88.30.3
3.5075 2.0 2.2 MAX
5.0 CONDUCTORS 83.30.3
Features Features Backlight.........................................................................NONE Options...................................Gray STN / Yellow STN / FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None Physical Data Module Size.....................................88.3W x 69.1H x 2.2T mm Viewing Area Size.......................................79.8W x 60.6H mm Dot Pitch.....................................................0.24W x 0.24H mm Dot Size..................................................0.225W x 0.225H mm Weight..............................................................................24.5g
Power Supply
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VL-VSS VIN TOP TSTG MIN -0.3 -0.3 -20 -30 MAX 7.0 36.0 7.0 70 80 UNIT V V V C C
Pin Connections
PIN NO. 1 2 3 4 5 6 UNIT V V V V V mA mA Hz 7 8 9 10 11 12 13 14 15 16 17 18 SYMBOL VL V6 V3 V4 V5 VSS VSS VDD FLM CL2 M CL1 INHX VSS DB3 DB2 DB1 DB0 +5v H/L H/HAEL H/L H/HAEL H/L H/L H/L H/L H/L Data bus Ground Ground Logic Power Supply Frame Pulse Data Shift Liquid Crystal AC drive signal Data latch signal 1=Display ON, 0=Display OFF Ground Bias voltage FUNCTION Operating voltage for LC
Electrical Characteristics (VDD=3.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT LOW VOLTAGE SUPPLY VOLTAGE POWER SUPPLY CURRENT FRAME FREQUENCY DRIVE METHOD SYM CONDITION VIH VIL VOL VDD VL IDD IL fFP IOH=0.4mA IOL=0.4mA VDD=3.0V VEE=21.5V 0 VDD-0.4 2.75 15.2 65 MIN 0.8 VDD TYP 3.0 15.4 0.1 0.55 72 MAX VDD 0.4 3.25 15.6 0.3 1.0 80
0.2 VDD V
OUTPUT HIGH VOLTAGE VOH
1/240 DUTY
Page 88


▲Up To Search▲   

 
Price & Availability of HDG320240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X