Part Number Hot Search : 
1N137 AO4498E Z90213 BA7745 AW56W 025PR LCA110 PA431807
Product Description
Full Text Search
 

To Download GCA300AA120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT MODULE
GCA300AA120
SanRex IGBT Module GCA300AA120 is designed for high speed, high current switching applications. This Module is electrically isolated and contains two IGBTs connected in series with a fast switching, soft recovery diode (trr=0.1 s) reverse connected across each IGBT. Ic 300A VCES 1200V VCE sat 3.0V Typ tf 0.10 s Typ Soft recovery diode Applications Inverter for motor control (VVVF) UPS, AC servo DC power supply, Welder
Unit mm
UL;E76102 M
Maximum Ratings
Symbol VCES VGES Ic ICP Ic PT Tj Tstg VISO Item Collector-Emitter Voltage Gate-Emitter Voltage Collector Current DC Pulse ms Reverse Collector Current Total Power Dissipation Junction Temperature Storage Temperature Isolation Voltage R.M.S. Mounting Torque Mass Mounting Terminal 6 5 A.C. minute Recommended Value 2.5 3.9 25 40 Recommended Value 1.5 2.5 15 25 Typical Value Tc 25 Conditions with gate terminal shorted to emitter with collector shorted to emitter
Unless otherwise Tj 25 Ratings GCA300AA120 1200 20 300 600 300 2100 150 40 125 2500 4.7 48 2.7 28 450 V V V A A
Unit
W
Nm kgf cm g
Eiectrical Characteristics
Symbol IGES ICES V
BR CES th sat
Item Gate Leakage Current Collector Cut-Off Current Collector-Emitter Breakdown Voltage Gate Threshold Voltage Collector-Emitter Saturation Voltage Input Capacitance Rise Time Switching Time Turn-on Delay Time Fall Time Turn-off Delay Time Emitter-Collector Voltage Reverse Recovery Time Thermal Resistance VGE
Conditions 20V VCE 0V mA
Unless otherwise Tj 25 Ratings Min. Typ. Max. 500 1.00 1200 4.5 3.00 30.00 0.10 0.15 0.10 0.30 2.50 0.15 7.50 3.40 60.00 0.25 0.35 0.35 0.60 3.50 0.25 0.06 0.15 V
Unit
nA mA V V V nF
VCE 1200V VGE 0V VGE 0V Ic VCE 10V Ic 30mA Ic 300A VGE 15V VCE 10V VGE 0V f 1MHz Ic 300A VGE 15V/ 5V Vcc 600V RG 1.0 Ic 300A VGE 0V Ic 300A VGE IGBT-Case Diode-Case 10V di / dt 600A/ s
VGE VCE
Cies tr td on tf td off VECS trr Rth j-c
s
s /W
28
GCA300AA120
29
GCA300AA120
30


▲Up To Search▲   

 
Price & Availability of GCA300AA120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X