Part Number Hot Search : 
7805S 3N212 IK2804D 7805S 3N212 3N212 3N212 4C256
Product Description
Full Text Search
 

To Download FMMT62006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMMT620
SuperSOTTM 80V NPN SILICON LOW SATURATION TRANSISTOR
SUMMARY VCEO=80V; RSAT = 90m ; IC= 1.5A
DESCRIPTION Enhancing the existing SuperSOT range this 80V NPN transistor utilises the Zetex matrix structure combined with advanced assembly techniques. Users are provided with high Hfe and very low sat performance ensuring low on state losses. FEATURES * * * * * * * * * Extremely Low Equivalent On Resistance Extremely Low Saturation Voltage hFE characterised up to 3.0A IC=1.5A Continuous Collector Current SOT23 package
SOT23
APPLICATIONS DC - DC Modules Power Management Functions CCFL Backlighting Inverters Motor control and drive functions
E C B
TAPE WIDTH (mm) 8mm embossed 8mm embossed QUANTITY PER REEL 3000 units 10000 units
Top View
ORDERING INFORMATION DEVICE FMMT620TA
FMMT620TC
REEL SIZE (inches) 7 13
DEVICE MARKING 620
ISSUE 2 - JUNE 2006 1
SEMICONDUCTORS
FMMT620
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at TA=25C (a) Linear Derating Factor Power Dissipation at TA=25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB PD LIMIT 80 80 5 5 1.5 500 625 5 806 6.4 -55 to +150 UNIT V V V A A mA mW mW/C mW mW/C C
PD
T j :T stg
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 200 155 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs.
ISSUE 2 - JUNE 2006
SEMICONDUCTORS
2
FMMT620
TYPICAL CHARACTERISTICS
10 0.7
Max Power Dissipation (W)
IC Collector Current (A)
0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120 140 160
1
DC 1s 100ms 10ms 1ms 100s Single Pulse Tamb=25C
100m
10m 100m
1
10
100
VCE Collector-Emitter Voltage (V)
Temperature (C)
Safe Operating Area
200
Derating Curve
Thermal Resistance (C/W)
150
D=0.5
100
D=0.2 Single Pulse D=0.05 D=0.1
50
0 100
1m
10m
100m
1
10
100
1k
Pulse Width (s)
Transient Thermal Impedance
ISSUE 2 - JUNE 2006 3
SEMICONDUCTORS
FMMT620
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) 15 45 145 160 0.86 0.82 200 300 110 60 20 100 450 450 170 90 30 10 160 11.5 86 1128 18 MIN. 100 80 7 TYP. 180 110 8 100 100 100 20 60 185 200 1.0 0.95 900 MAX. UNIT V V V nA nA nA mV mV mV mV V V CONDITIONS. I C =100 A I C =10mA* I E =100 A V CB =80V V EB =5.5V V CES =80V I C =0.1A, I B =10mA* I C =0.5A, I B =50mA* I C =1A, I B =20mA* I C =1.5A, I B =50mA* I C =1.5A, I B =50mA* I C =1.5A, V CE =2V* I C =10mA, V CE =2V* I C =200mA, V CE =2V* I C =1A, V CE =2V* I C =1.5A, V CE =2V* I C =3A, V CE =2V* I C =5A, V CE =2V* MHz pF ns ns I C =50mA, V CE =10V f=100MHz V CB =10V, f=1MHz V CC =10V, I C =500mA I B1 =I B2 =25mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width 300s. Duty cycle 2%
ISSUE 2 - JUNE 2006
SEMICONDUCTORS
4
FMMT620
TYPICAL CHARACTERISTICS
ISSUE 2 - JUNE 2006 5
SEMICONDUCTORS
FMMT620
PACKAGE DIMENSIONS PAD LAYOUT DETAILS
PACKAGE DIMENSIONS
Millimeters DIM A B C D F G 0.37 0.085 Min 2.67 1.20 Max 3.05 1.40 1.10 0.53 0.15 0.015 0.0034 Inches Min 0.105 0.047 Max 0.120 0.055 0.043 0.021 0.0059 DIM H K L M N Millimeters Min 0.33 0.01 2.10 0.45 Max 0.51 0.10 2.50 0.64 Inches Max 0.013 0.0004 0.083 0.018 Max 0.020 0.004 0.0985 0.025
0.95 NOM
0.0375 NOM
1.90 NOM
0.075 NOM
(c) Zetex Semiconductors plc 2006
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park Chadderton, Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 2 - JUNE 2006
SEMICONDUCTORS
6


▲Up To Search▲   

 
Price & Availability of FMMT62006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X