Part Number Hot Search : 
MMBZ5 S3700 M16G45 NJU26207 ENA1011 5KE18 74VHC244 STR715FR
Product Description
Full Text Search
 

To Download EM78P211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Contents
EM78P211/2N
8-Bit Microcontroller with OTP ROM
Product Specification
DOC. VERSION 1.0
ELAN MICROELECTRONICS CORP.
March 2007
Product Specification (V1.0) 03.20.2007
* iii
Contents
Specification Revision History
Doc. Version 1.0 Revision Description Preliminary version. Date 2007/03/20
iv*
Product Specification (V1.0) 03.20.2007
EM78P211/2N
8-Bit Microprocessor with OTP ROM
1
General Description
EM78P211N and EM78P212N are 8-bit microprocessors designed and developed with low-power and high-speed CMOS technology. Each device in the series has as an on-chip 2Kx13-bit Electrical One Time Programmable Read Only Memory (OTP-ROM). Each provides a protection bit to prevent intrusion of user's OTP memory code. Two Code option bits are also available to meet user's requirements. With its enhanced OTP-ROM features, each device provides a convenient way of developing and verifying user's programs. Moreover, this OTP devices offer the advantages of easy and effective program updates, using development and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
Drift Rate Internal RC Voltage Frequency Temperature Process (-40C+85C) (2.1V~5.5V) Total
* 2Kx13 bits on-chip OTP-ROM * 80x8 bits on-chip registers (SRAM) * 8-level stacks for subroutine nesting * 3 programmable Level Voltage Reset (LVR) : 4.0V, 3.0V, 2.5V * Less than 1.5 mA at 5V/4MHz * Typically 15 A, at 3V/32kHz * Typically 2 A, during sleep mode I/O port configuration * 4 bidirectional I/O ports: P5, P6, P7 and P8 * Wake-up port : P6 * 22 I/O pins * 8 programmable pull-down I/O pins * 8 programmable pull-high I/O pins * 8 programmable open-drain I/O pins * 16 Programmable high sink current I/O pins * 8 Programmable high drive current I/O pins * External interrupt : P77, P71 Operating voltage range: * OTP version: Operating voltage range: 2.1V~5.5V (commercial) Operating voltage range: 2.3V~5.5V (industrial) Operating temperature range: Operating temperature range: 0C~70C (commercial) Operating temperature range: -40C~85C (industrial) Operating frequency range * Crystal mode: DC~12MHz/2 clks @ 4.0V; DC~166ns inst. cycle @ 4.0V DC ~ 8MHz/2 clks @ 3V; DC~250ns inst. Cycle @ 3V * ERC mode: DC ~ 16MHz/2 clks @ 4.5V; DC~125ns inst. cycle @ 4.5V DC ~ 8MHz/2 clks @ 3V; DC ~ 250ns inst. Cycle @ 3V * IRC mode: Oscillation mode: 16MHz, 4 MHz, 1 MHz, 455kHz Process deviation: Typ 3%, Max. 5% Temperature deviation: 5% (-40C~85C)
4MHz 16MHz 1MHz 455MHz
5% 5% 5% 5%
5% 5% 5% 5%
4% 4% 4% 4%
14% 14% 14% 14%
All these four main frequencies can be trimmed by programming with four calibrated bits in the ICE220N Simulator. OTP is auto trimmed by ELAN Writer (DWTR). Fast set-up time requires only 800s (VDD:5V, Crystal: 4MHz, C1/C2: 30pF) in HXT2 mode and 64s in IRC mode (VDD:5V IRC:4MHz) Peripheral configuration 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt * One comparator (offset voltage is smaller than 10mV) Five available interrupts TCC overflow interrupt Input-port status changed interrupt (wake up from sleep mode) * Two External interrupts * Comparator high/low interrupt Special Features Programmable free running Watchdog Timer Two clocks per instruction cycle Power-on voltage detector available (1.8 V 0.1V) High EFT immunity (better performance at 4MHz or below * Power saving Sleep mode * Selectable Oscillation mode Package Type: * * * * * * 20-pin DIP 300mil 20-pin SOP 300mil 20-pin SSOP 209mil 24-pin skinny DIP 300mil 24 pin SOP 300mil 24 pin SSOP 209mil : : : : : : EM78P211NPS/NPJ EM78P211NMS/NMJ EM78P211NAMS/NAMJ EM78P212NKS/NKJ EM78P212NMS/NMJ EM78P212NAMS/NAMJ * * * * * * *
Product Specification (V1.0) 03.20.2007
(This specification is subject to change without further notice)
*1
EM78P211/2N
8-Bit Microprocessor with OTP ROM
3
Pin Assignment
(1) 24-Pin DIP/SOP/SSOP (2) 20-Pin DIP/SOP/SSOP
P55 P56/TCC VDD VSS P77/INT0 P60 P61 P62 P63 P64 P50 P51
1 2 3 4 EM78P212N 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
P81//RESET P53/OSCI P52/OSCO P70 P71/CO/INT1 P72/CIN+ P73/CINP67 P66 P65 P57 P54
P55 P56/TCC VDD VSS P77/INT0 P60 P61 P62 P63 P64
1 2 3 EM78P211N 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
P81//RESET P53/OSCI P52/OSCO P70 P71/CO/INT1 P72/CIN+ P73/CINP67 P66 P65
Fig. 3-1 EM78P212NK/M/AM Pin Assignment
Fig. 3-2 EM78P211NP/M/AM Pin Assignment
2*
Product Specification (V1.0) 03.20.2007
(This specification is subject to change without further notice)


▲Up To Search▲   

 
Price & Availability of EM78P211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X