Part Number Hot Search : 
QVA21314 ZTB947E 40002 2NC81A22 BAS70W 1N519 BSTL4960 TA0245A
Product Description
Full Text Search
 

To Download DAN222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAN222
Diodes
Switching diode
DAN222
Application Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm)
1.0 0.5 0.5
0.150.05
1.60.2
0.80.1
1.60.2
Features 1) Ultra small mold type. (EMD3) 2) High reliability.
0.30.1 0.05 (3)
0.7
0.7 0.7
00.1 0.1Min
0.6
EMD3
0.6
Construction Silicon epitaxial planar
0.20.1 -0.05
(2) 0.5 0.5 1.00.1
(1) 0.550.1 0.70.1
Structure
ROHM : EMD3 JEDEC : SOT-416 JEITA : SC-75A dot (year week factory)
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.550.1 0 1.750.1 0.30.1
3.50.05
1.80.2
5.50.2
1.80.1
0.50.1
00.1
8.00.2
1.3
0.90.2
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Forward current (single) Average rectified forward voltage (single) Surge current t=1us Power dissipation Junction temperature Storage temperature Rated in slash put frequency Symbol VRM VR IFM Io Isurge Pd Tj Tstg Limits 80 80 300 100 4 150 150 -55 to +150 100 Unit V V mA mA A mW MHz
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.1 3.5 4 Unit V A pF ns Conditions IF=100mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50
Rev.A
1/2
DAN222
Diodes
Electrical characteristic curves (Ta=25C)
Ta=150 100 Ta=75 Ta=125 10 Ta=25 Ta=150 Ta=-25 1 10000 1000 Ta=75 100 Ta=25 10 1 0.1 0.01 0 100 200 300 400 500 600 700 800 900 100 0 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 80 Ta=-25 Ta=125 10 f=1MHz
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1
0.1
0.1 0 5 10 15 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 20
950
100
10 Ta=25 VR=80V n=10pcs 9 Ta=25 VR=6V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
70 60 50 40 30 20 10 0 AVE:9.655n
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
940 930 920 910 AVE:921.7mV 900
Ta=25 IF=100mA n=30pcs
90 80
8 7 6 5 4 3 2 1 0 AVE:1.17pF
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
20
10
5
PEAK SURGE FORWARD CURRENT:IFSM(A)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
1cyc 8.3ms
RESERVE RECOVERY TIME:trr(ns)
9 8 7 6 5 4 3 2 1 0 AVE:1.93ns
Ta=25 VR=6V IF=5mA RL=50 n=10pcs
4 3 2 1 0 1
Ifsm 8.3ms 8.3ms 1cyc
10
5 AVE:3.50A 0 IFSM DISRESION MAP
trr DISPERSION MAP
10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
100
100
1000
10
Rth(j-a)
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
9
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm
ELECTROSTATIC DDISCHARGE TEST ESD(KV)
t
8 7 6 5 4 3 2 1 0 AVE:0.97kV AVE:2.54kV
100
Rth(j-c)
Mounted on erpoxy board IM=1mA IF=10mA
10
10
1ms time
300us
1 0.1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 1 100
1 0.001
0.01
1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
0.1
1000
C=200pF R=0
C=100pF R=1.5k
ESD DISPERSION MAP
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DAN222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X