Part Number Hot Search : 
MMBT2369 1N6020UR GBPC4000 NJM2140 H100M 1N6020UR 15N12 IM45TS
Product Description
Full Text Search
 

To Download CSA950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSA950 TO-92 Plastic Package
E
CB
Complementary CSC2120 Audio Power Amplifier Application.
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current Emitter Current Collector Power Dissipation Operating And Storage Junction Temperature Range SYMBOL VCEO VCBO VEBO IC IE PC Tj, Tstg VALUE 30 35 5 800 800 600 -55 to +150 UNIT V V V mA mA mW C
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION Collector Emitter Voltage Collector Cut off Current Emitter Cut off Current DC Current Gain SYMBOL TEST CONDITION V(BR)CEO IC=10mA,IB=0 ICBO IEBO hFE (1) hFE (2) VCB=35V, IE = 0 VEB=5V, IC = 0 VCE=1V,IC=100mA VCE=1V,IC=700mA 100 35 0.7 0.5 0.5 120 0.8 V V V MHz MIN 30 0.1 0.1 320 TYP MAX UNIT V A A
Collector Emitter Saturation Voltage VCE(sat)* IC=500mA,IB=20mA CSA950 CSC2120 Base Emitter On Voltage Transition Frequency Collector Output Capacitance CSA950 CSC2120 VBE (on) VCE = 5V, IC= 10mA fT Cob IC=10mA, VCE=5V VCB=10V, IE=0 f=1MHz
19 13 Y : 160-320
pF pF
CLASSIFICATION hFE (1) O : 100-200 *Pulse Condition: Width < 300s, Duty Cycle < 2%.
Continental Device India Limited
Data Sheet
Page 1 of 3
CSA950 TO-92 Plastic Package TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack B
Dimension With 'L'
Ammo Pack Style
MECHANICAL DATA
T P h A A1 (p)
Adhesive Tape on Top Side
ED FE
Carrier Strip
Uncontrolled
h
LABEL
FLAT SIDE
A
183
H1
H0 L
W2
Wo W1 W
L
t1
Solderability Ensured
t
F1 F P2 Po
F2
Do
Beyond 'L'
K
1 2 3 D G AA
42
331
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
All dimensions in mm unless specified otherwise
D 3 E 2 1
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT FEED HOLE PITCH FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS COMPONENT ALIGNMENT TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCEF1, CLINCH HEIGHT PULL - OUT FORCE
SYMBOL A1 A T P Po P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
SEC AA DIM MIN. MAX.
F
F
321
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
A B C D E F G H K L
4.32 5.33 4.45 5.20 3.18 4.19 0.41 0.55 0.35 0.50 5 DEG 1.14 1.40 1.14 1.53 12.70 -- 1.982 2.082
SPECIFICATION REMARKS MIN. NOM. MAX. TOL . 4.0 4.8 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH 6.35 0.4 TO BE MEASURED AT BOTTOM OF CLINCH +0.6 5.08 -0.2 1 0 AT TOP OF BODY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0.6 2.54 +0.4 -0.1 3 6N
H
C
All diminsions in mm.
NOTES 1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm. 2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES. 3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE. 4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED. 5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT. 6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Packing Detail
PACKAGE
Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box
STANDARD PACK
Net Weight/ Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size
INNER CARTON BOX
Qty 5K 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8"
OUTER CARTON BOX
Qty 80K 32K Gr Wt 23 kgs 12.5 kgs 17" x 15" x 13.5" 17" x 15" x 13.5"
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CSA950 TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CSA950_CSC2120 Rev200901D
Continental Device India Limited
CDIL is a registered Trademark of
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSA950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X