Part Number Hot Search : 
TC0194A 01502 MAX168 EPA3284G 1N4746P CEB14G04 MST9220 MAX168
Product Description
Full Text Search
 

To Download CD5290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5283 THRU 1N5314 AVAILABLE IN JANHC AND JANKC PER MIL-PRF-19500/463 * CURRENT REGULATOR CHIPS * ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE * ELECTRICALLY EQUIVALENT TO 1N5283 THRU 1N5314 * CONSTANT CURRENT OVER WIDE VOLTAGE RANGE * COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES, WITH THE EXCEPTION OF SOLDER REFLOW
CD5283 thru CD5314
MAXIMUM RATINGS
Operating Temperature: -55C to +175C Storage Temperature: -55C to +175C Peak Operating Voltage: 100 VOLTS ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed
13 MILS
MAXIMUM LIMITING VOLTAGE @ lL = 0.8 lp (min) VL (VOLTS) 1.00 1.00 1.00 1.00 1.00 1.05 1.05 1.05 1.10 1.13 1.15 1.20 1.25 1.29 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.75 1.85 1.95 2.00 2.15 2.25 2.35 2.50 2.60 2.75 2.90 2.75 2.35 1.95 1.60 1.35 1.00 0.870 0.750 0.560 0.470 0.400 0.335 0.290 0.240 0.205 0.180 0.155 0.135 0.115 0.105 0.092 0.074 0.061 0.052 0.044 0.035 0.029 0.024 0.020 0.017 0.014 0.012
TYPE NUMBER NOM CD5283 CD5284 CD5285 CD5286 CD5287 CD5288 CD5289 CD5290 CD5291 CD5292 CD5293 CD5294 CD5295 CD5296 CD5297 CD5298 CD5299 CD5300 CD5301 CD5302 CD5303 CD5304 CD5305 CD5306 CD5307 CD5308 CD5309 CD5310 CD5311 CD5312 CD5313 CD5314 0.22 0.24 0.27 0.30 0.33 0.39 0.43 0.47 0.56 0.62 0.68 0.75 0.82 0.91 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.80 2.00 2.20 2.40 2.70 3.00 3.30 3.60 3.90 4.30 4.70
REGULATOR CURRENT lp (mA) @ VT = 25V (Note 3) MIN 0.198 0.216 0.243 0.270 0.297 0.351 0.387 0.423 0.504 0.558 0.612 0.675 0.738 0.819 0.900 0.990 1.08 1.17 1.26 1.35 1.44 1.62 1.80 1.98 2.16 2.43 2.70 2.97 3.24 3.51 3.87 4.23 MAX 0.242 0.264 0.297 0.330 0.363 0.429 0.473 0.517 0.616 0.682 0.748 0.825 0.902 1.001 1.100 1.210 1.32 1.43 1.54 1.65 1.76 1.98 2.20 2.42 2.64 2.97 3.30 3.63 3.96 4.29 4.73 5.17
MINIMUM DYNAMIC IMPEDANCE @VT = 25V ZT (M ) (Note 1) 25.0 19.0 14.0 9.0 6.6 4.10 3.30 2.70 1.90 1.55 1.35 1.15 1.00 0.880 0.800 0.700 0.640 0.580 0.540 0.510 0.475 0.420 0.395 0.370 0.345 0.320 0.300 0.280 0.265 0.255 0.245 0.235
MINIMUM KNEE IMPEDANCE @VK = 6.0 V ZK (M ) (Note 2)
BACKSIDE IS CATHODE A = Anode
DESIGN DATA
METALLIZATION: Top: (Anode).......................Al Back: (Cathode)..................Au AL THICKNESS.......25,000 A Min GOLD THICKNESS...4,000 A Min CHIP THICKNESS.............10 Mils TOLERANCES: ALL Dimensions + 2 mils, Except Anode Pad Where Tolerance is + 0.1 mils.
NOTE 1 NOTE 2 NOTE 3
ZT is derived by superimposing A 90Hz RMS signal equal to 10% of VT on VT. ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK. IP is read using a pulse measurement, 10 milliseconds maximum.
6 LAKE STREET, LAWRENCE, PHONE (978) 620-2600 WEBSITE: http://www.microsemi.com
M A S S A C H U S E T T S 01841 FAX (978) 689-0803
205
28 MILS
CD5283
TC,TEMPERATURE COEFFICIENT (% / C)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0.2 0.3 0.4 0.5 0.6 0.7
thru
CD5314
0.8 0.9 1.0
2.0
3.0
4.0
5.0
lp. NOMINAL PINCH-OFF CURRENT (mA)
FIGURE 2 TEMPERATURE COEFFICIENT
TC,TEMPERATURE COEFFICIENT
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 2.0 3.0 4.0 5.0 RANGE TYPICAL
lp. NOMINAL PINCH-OFF CURRENT (mA)
FIGURE 3 TEMPERATURE COEFFICIENT
0.1 0
lp,CURRENT CHANGE (mA)
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 -1.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 2.0 3.0 4.0 5.0
lp NOMINAL PINCH-OFF CURRENT (mA)
FIGURE 4 TEMPERATURE COEFFICIENT
206


▲Up To Search▲   

 
Price & Availability of CD5290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X