Part Number Hot Search : 
2SD1929 BD4850G 645ETTTS B0824 3EZ15D5 D5FB10 IRG7PH BA221
Product Description
Full Text Search
 

To Download BTP953L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 1/6
PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3
Features
* 5 Amps continuous current, up to 10 Amps peak current * Very low saturation voltage * Excellent gain characteristics specified up to 10 Amps * Ptot=3Watts * Extremely low equivalent on resistance, RCE(SAT)=70m at 4A * Pb-free package
Symbol
BTP953L3
Outline
SOT-223
C
E
BBase CCollector EEmitter
C B
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Base Current Power Dissipation @TA=25C Operating and Storage Temperature Range Symbol VCBO VCEO VEBO IC ICP IB Pd Tj ; Tstg Limits -140 -100 -6 -5 -10 -1 3 (Note) -55 ~ +150 Unit V V V A A A W C
Note: The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 4 square inch minimum.
BTP953L3 CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C, unless otherwise specified)
Symbol BVCBO BVCER BVCEO BVEBO ICBO ICER IEBO *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VCE(sat)4 *VBE(sat) *VBE(on) hFE1 hFE2 *hFE3 *hFE4 *hFE5 fT Cob ton toff Min. -140 -140 -100 -6 100 100 50 30 Typ. -170 -170 -120 -8 -18 -85 -155 -280 -990 -910 200 200 90 50 15 125 65 110 460 Max. -50 -50 -10 -50 -115 -220 -420 -1170 -1160 300 320 Unit V V V V nA nA nA mV mV mV mV mV mV MHz pF ns ns
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 2/6
Test Conditions IC=-100A IC=-1A, RBE1k IC=-10mA IE=-100A VCB=-100V VCE=-100V, RBE1k VEB=-5V IC=-100mA, IB=-10mA IC=-1A, IB=-100mA IC=-2A, IB=-200mA IC=-4A, IB=-400mA IC=-4A, IB=-400mA VCE=-1V, IC=-4A VCE=-1V, IC=-10mA VCE=-1V, IC=-1A VCE=-1V, IC=-3A VCE=-1V, IC=-4A VCE=-1V, IC=-10A VCE=-10V, IC=-100mA, f=50MHz VCB=-10V, f=1MHz IC=-2A, IB1=-200mA, IB2=200mA, VCC=-10V
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Ordering Information
Device BTP953L3 Package SOT-223 (Pb-free) Shipping 1000 pcs / Tape & Reel Marking 953
BTP953L3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 10000 VCE(SAT) Saturation Voltage---(mV) Current Gain---HFE 1000
IC=50IB
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 3/6
Saturation Voltage vs Collector Current
100
VCE=2V
100
VCE=1V
10
IC=10IB IC=20IB
10 1 10 100 1000 10000 Collector Current---IC(mA)
1 1 10 100 1000 10000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV)
VBE(SAT) @ IC=10IB
On Vottage vs Collector Current
10000
VBE(ON)@VCE=1V
1000
On Voltage---(mV) 1 10 100 1000 Collector Current---IC(mA) 10000
1000
100
100 1 10 100 1000 Collector Current---IC(mA) 10000
Power Derating Curve
3.5 3 Power Dissipation---PD(W) 2.5 2 1.5 1 0.5 0 0 50 100 150 Ambient Temperature---TA() 200
BTP953L3
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 4/6
BTP953L3
CYStek Product Specification
CYStech Electronics Corp.
Carrier Tape Dimension
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 5/6
BTP953L3
CYStek Product Specification
CYStech Electronics Corp.
SOT-223 Dimension
A
Spec. No. : C657L3 Issued Date : 2005.01.07 Revised Date : 2005.03.04 Page No. : 6/6
Marking:
B 1 2 3
C
953
D E F G H a1 I a2
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead SOT-223 Plastic Surface Mounted Package CYStek Package Code: L3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1142 0.1220 0.2638 0.2874 0.1299 0.1457 0.0236 0.0315 *0.0906 0.2480 0.2638
Millimeters Min. Max. 2.90 3.10 6.70 7.30 3.30 3.70 0.60 0.80 *2.30 6.30 6.70
DIM G H I a1 a2
Inches Min. Max. 0.0551 0.0709 0.0098 0.0138 0.0008 0.0039 o *13 0o 10 o
Millimeters Min. Max. 1.40 1.80 0.25 0.35 0.02 0.10 o *13 0o 10 o
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTP953L3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTP953L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X