Part Number Hot Search : 
MBR3035 TS522I AUIRF 035150 D1B1200 E100N20 PA3202 DBLS206G
Product Description
Full Text Search
 

To Download BLV2046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BLV2046 UHF power transistor
Product specification 1997 Aug 22
Philips Semiconductors
Product specification
UHF power transistor
FEATURES * Emitter ballasting resistors for optimum temperature profile * Gold metallization ensures excellent reliability * Internal input and output matching to achieve high power gain and collector efficiency for an easy design of wideband circuits. APPLICATIONS * Common emitter class-AB operation in PCN and PCS applications in the 1800 to 1990 MHz frequency range.
2
BLV2046
PINNING - SOT460A PIN 1 2 3 SYMBOL c b e base emitter, connected to flange DESCRIPTION collector
handbook, halfpage
1
3 Top view
MBK093
DESCRIPTION NPN silicon planar transistor in a 2-lead SOT460A flange package with a ceramic cap. The emitter is connected to the flange. QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter test circuit MODE OF OPERATION CW, class-AB 2-tone, class-AB f (MHz) 1 990 f1 = 1990.0; f2 = 1990.1 VCE (V) 26 26 PL (W) 50 50 (PEP)
Fig.1 Simplified outline.
Gp (dB) 7.5 typ. 8
C (%) 40 typ. 33
dim (dBc) - typ. -30
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1997 Aug 22
2
Philips Semiconductors
Product specification
UHF power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation storage temperature operating junction temperature Tmb = 25 C open emitter open base open collector CONDITIONS
BLV2046
MIN. MAX. UNIT - - - - - - -65 - 60 27 2.5 12 12 195 +150 200 V V V A A W C C
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h PARAMETER thermal resistance from junction to mounting-base thermal resistance from mounting-base to heatsink CONDITIONS Pdis = 195 W; Tmb = 25 C MAX. 0.9 0.2 UNIT K/W K/W
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO hFE Cc Cre Note 1. Die only. PARAMETER collector-base breakdown voltage emitter-base breakdown voltage collector-base leakage current DC current gain collector capacitance feedback capacitance CONDITIONS IC = 20 mA; open emitter MIN. 65 27 - 20 - - TYP. MAX. UNIT - - - - - 60 40 - - - 4 100 - - pF pF V V V mA
collector-emitter breakdown voltage IC = 60 mA; open base VCB = 40 V; IE = 0 VCE = 5 V; IC = 1 A VCB = 26 V; IE = ie = 0; f = 1 MHz; note 1 VCE = 26 V; IC = 0; f = 1 MHz
IE = 20 mA; IB = 30 mA; open collector 3.2
1997 Aug 22
3
Philips Semiconductors
Product specification
UHF power transistor
APPLICATION INFORMATION RF performance at Th = 25 C in a common-emitter test circuit. MODE OF OPERATION CW class-AB f (MHz) 1990 VCE (V) 26 26 ICQ (mA) 200 200 PL (W) 50 50 (PEP) Gp (dB) 7.5 typ. 8
BLV2046
C
(%) 40 typ. 33
dim (dBc) - typ. -30
2-tone class-AB f1 = 1990.0; f2 = 1990.1 Ruggedness in class-AB operation
The BLV2046 is capable of withstanding a load mismatch corresponding to VSWR = 2:1 through all phases under the following conditions: f1 = 1990.0 MHz; f2 = 1990.1 MHz; VCE = 26 V; ICQ = 200 mA; PL = 50 W (PEP) and Th = 25 C.
handbook, halfpage
10 Gp
MDA208
(dB) 8
Gp
50 C (%) 40
handbook, halfpage
60
MDA209
PL (W) 40
6
C
30
4
20 20
2
10
0 0 20 40 PL (W) 60
0
0 0 2 4 6 8 PD (W) 10
VCE = 26 V; ICQ = 200 mA; f = 1990 MHz.
VCE = 26 V; ICQ = 200 mA; f = 1990 MHz.
Fig.2
Power gain and efficiency as a function of load power; typical values.
Fig.3
Load power as a function of drive power; typical values.
1997 Aug 22
4
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
handbook, halfpage
(1) (2)
10 Gp 8
MDA213
MDA214
handbook, halfpage
(1) (2)
10 Gp 8
(dB)
(dB)
(3)
(3)
6
(4)
6
(4)
4
4
2
2
0 10-3
10-2
10-1
1
PD (W)
10
0 0 1 10
102 PL (PEP) (W)
VCE = 26 V; f = 1990 MHz. (1) ICQ = 600 mA. (2) ICQ = 400 mA.
(3) (4)
ICQ = 200 mA. ICQ = 100 mA.
VCE = 26 V; f1 = 1990 MHz; f2 = 1990.1 MHz. (3) ICQ = 200 mA. (1) ICQ = 600 mA. (4) ICQ = 100 mA. (2) ICQ = 400 mA.
Fig.4
Power gain expansion as a function of drive power; typical values.
Fig.5
Power gain expansion as a function of load power; typical values.
handbook, halfpage
0
MDA215
d3 (dBc) -10
handbook, halfpage
0
MDA216
dim (dBc) -20
-20
(1)
-30
(2) (3)
d3 -40 d5
-40
(4)
-50
-60 0 20 40 PL (PEP) (W) 60 0 20 40 PL (PEP) (W) 60
VCE = 26 V; f1 = 1990 MHz; f2 = 1990.1 MHz. (3) ICQ = 400 mA. (1) ICQ = 100 mA. (4) ICQ = 600 mA. (2) ICQ = 200 mA.
VCE = 26 V; ICQ = 200 mA; f1 = 1990 MHz; f2 = 1990.1 MHz.
Fig.6
Intermodulation distortion as a function of load power; typical values.
Fig.7
Intermodulation distortion as a function of load power; typical values.
1997 Aug 22
5
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
handbook, full pagewidth VCE (+26 V)
VCE (+26 V)
C9
C10
R1 TR1 C5 C4 R3 P1 D1 D2 C11 C6 F1 C7 L2
R2
input 50
,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,, ,,,,,,,
L1 L9 S3 L8 L10 L11 L14 L4 S1 T1 L7 L12 L13 L15 L3 L5 L6 C8 C1 S2 C3 S4 C2
output 50
MGK450
Fig.8 Class-AB test circuit for 1990 MHz.
List of components COMPONENT C1, C8 C2, C3 C4, C5 C6, C7 C9 C10 C11 L1 L2 L3 L4 L5 1997 Aug 22 DESCRIPTION multilayer ceramic chip capacitor; note 1 trimmer capacitor feedthrough bypass capacitor tantal SMD capacitor electrolytic capacitor multilayer ceramic chip capacitor electrolytic capacitor 5 turns enamelled 0.5 mm copper wire 2 turns enamelled 0.5 mm copper wire stripline; note 2 stripline; note 2 stripline; note 2 6 48.8 17 48.8 VALUE 30 pF 0.4 to 2.5 pF 1500 pF 10 F; 35 V 10 F; 100 V 22 nF 10 F; 63 V int. dia. = 4 mm; length = 6.7 mm int. dia. = 4 mm; length = 2.7 mm 5.34 x 0.59 mm 1.2 x 3.23 mm 2.93 x 0.59 mm 2222 629 08223 DIMENSIONS CATALOGUE NO.
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
COMPONENT L6 L7 L8 L9 L10 L11 L12 L13 L14 L15 S1 S2 S3 S4 T1 F1 P1 R1 R2 R3 TR1 D1 D2 Notes
DESCRIPTION stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stub; note 2 stub; note 2 stub; note 2 stub; note 2 taper; note 2 grade 4B1 ferrite bead linear potentiometer resistor resistor resistor transistor diode, note 3 diode, note 4
VALUE 48.8 17.1 6.8 6.8 16.6 10.9 31.9 48.8 11.9 48.8
DIMENSIONS 6.63 x 0.59 mm 1.6 x 3.2 mm 6 x 9.6 mm 9.11 x 9.6 mm 5.09 x 3.32 mm 0.85 x 5.59 mm 9.26 x 1.3 mm 0.24 x 0.59 mm 1.15 x 5.04 mm 2.5 x 0.59 mm 2.4 x 2.17 mm 2.4 x 3.04 mm 0.9 x 8.63 mm 0.9 x 7.29 mm 1.3 x 2.7 / 3.2 mm
CATALOGUE NO.
4330 030 43081 5 k 100 , 3 W 1 k, 0.25 W 56 , 3 W BD241C BY239 BY239
1. American Technical Ceramics type 100A (C1), type 100B (C8) or capacitor of same quality. 2. The striplines are on a double copper-clad PCB with duroid 6 010 dielectric (r = 10.2); thickness 0.635 mm. 3. In thermal contact with TR1. 4. In thermal contact with DUT.
1997 Aug 22
7
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
handbook, full pagewidth
30
30
40
+VBE C4 C5
+VCE
input 50
C6 L1 C1
F1
C7 L2
output 50
C8 C3 C2
MGK451
Dimensions in mm. The components are situated on one side of the copper-clad board, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization.
Fig.9 Component layout and printed-circuit board for 1990 MHz class-AB test circuit.
1997 Aug 22
8
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
handbook, halfpage
3
MDA210
handbook, halfpage
4
MDA211
Zi ()
ri
ZL () 2
RL
2 xi 0
1 -2 XL
0 1800
1850
1900
1950
f (MHz)
2000
-4 1800
1850
1900
1950
f (MHz)
2000
VCE = 26 V; ICQ = 400 mA; PL = 50 W; Tmb = 25 C. VCE = 26 V; ICQ = 400 mA; PL = 50 W; Tmb = 25 C.
Fig.10 Input impedance as function of the frequency (series components); typical values.
Fig.11 Load impedance as a function of the frequency (series components); typical values.
handbook, halfpage
16
MDA212
Gp (dB) 12
handbook, halfpage
8
Zi
4
ZL
MBA451
0 1800
1850
1900
1950 f (MHz)
2000
VCE = 26 V; ICQ = 200 mA; PL = 50 W; Tmb = 25 C.
Fig.12 Gain as a function of the frequency; typical values.
Fig.13 Definition of transistor impedance.
1997 Aug 22
9
Philips Semiconductors
Product specification
UHF power transistor
PACKAGE OUTLINE Flanged hermetic ceramic package; 2 mounting holes; 2 leads
BLV2046
SOT460A
D
A F
3
U1 q C
B c
1
L
U2
E
A L
p
w1 M A B
2
b w2 M C Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm A 5.39 4.49 b 9.78 9.52 c 0.16 0.07 D 12.45 11.68 E 6.94 6.22 F 1.66 1.39 L 6.10 5.33 p 3.28 3.02 Q 2.37 1.95 q 17.98 U1 22.99 22.73 U2 6.43 6.17 w1 0.51 w2 1.02
OUTLINE VERSION SOT460A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-05-23
1997 Aug 22
10
Philips Semiconductors
Product specification
UHF power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV2046
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Aug 22
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
127067/00/01/pp12
Date of release: 1997 Aug 22
Document order number:
9397 750 01823


▲Up To Search▲   

 
Price & Availability of BLV2046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X