Part Number Hot Search : 
P30NM60N 090221 BUL741 ML3371 Z0103NN RCWE0603 2S6B3 DI815C
Product Description
Full Text Search
 

To Download BDP952 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDP952...BDP956
PNP Silicon AF Power Transistors For AF driver and output stages High current gain Low collector-emitter saturation voltage Complementary types: BDP951...BDP955 (NPN)
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

4
3 2 1
VPS05163
Type BDP952 BDP954 BDP956
Maximum Ratings Parameter
Marking BDP 952 BDP 954 BDP 956 1=B 1=B 1=B
Pin Configuration 2=C 2=C 2=C 3=E 3=E 3=E 4=C 4=C 4=C
Package SOT223 SOT223 SOT223
Symbol VCEO VCBO VEBO
BDP952 80 100 5
BDP954 100 120 5
BDP956 Unit 120 140 5 V
Collector-emitter voltage Collector-base voltage Emitter-base voltage
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 99 C Junction temperature Storage temperature
Thermal Resistance
IC ICM IB IBM Ptot Tj Tstg
RthJS
3 5 200 500 3 150 -65 ... 150
A mA W C
Junction - soldering point1)
17
K/W
Jul-06-2001
BDP952...BDP956
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 BDP952 BDP954 BDP956 Collector-base breakdown voltage IC = 100 A, IB = 0 BDP952 BDP954 BDP956 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 100 V, IE = 0 Collector cutoff current VCB = 100 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 4 V, IC = 0 DC current gain 1) IC = 10 mA, VCE = 5 V IC = 500 mA, VCE = 1 V IC = 2 A, VCE = 2 V Collector-emitter saturation voltage1) IC = 2 A, IB = 0.2 A Base-emitter saturation voltage 1) IC = 2 A, IB = 0.2 A VBEsat 1.5 VCEsat hFE 25 40 15 475 0.8 IEBO 100 ICBO 20 ICBO 100 V(BR)EBO V(BR)CBO 100 120 140 5 V(BR)CEO 80 100 120 typ. max.
Unit
V
nA A nA -
V
AC Characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz
1) Pulse test: t =300s, D = 2%
fT Ccb
-
100 40
-
MHz pF
2
Jul-06-2001
BDP952...BDP956
Total power dissipation Ptot = f (TS )
Permissible Pulse Load RthJS = f (tp)
3.2
W
10 3
K/W
10 2 2.4
P tot
2
RthJS
10 1
1.6 10 0 1.2
0.8
10 -1
0.4 10 -2 -6 10
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
0 0
20
40
60
80
100
120 C
150
10
-5
10
-4
10
-3
10
-2
s
10
0
TS
tp
Permissible Pulse Load
DC current gain hFE = f (IC)
Ptotmax / PtotDC = f (tp)
10 3
VCE = 2V
10 3
Ptotmax / PtotDC
100C 25C
hFE
10 2
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
-50C
10 2
10 1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 1 0 10
10
1
10
2
10
3
mA 10
4
tp
IC
3
Jul-06-2001
BDP952...BDP956
Collector cutoff current ICBO = f (TA )
Collector-emitter saturation voltage
VCB = 45V
10 5
nA
IC = f (VCEsat), hFE = 10
10 4
mA
10 4 10 3
ICBO
10 3
IC
max
10
2
10
2
100C 25C -50C
10 1
typ
10 1
10 0
10 -1 0
20
40
60
80
100
120 C
150
10 0 0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
TA
VCEsat
Base-emitter saturation voltage
Collector current I C = f (VBE)
IC = f (VBEsat ), hFE = 10
10 4
mA
VCE = 2V
10 4
mA
10 3
10 3
10 2
-50C 25C 100C
IC
IC
10 2
-50C 25C 100C
10 1
10 1
10 0 0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
10 0 0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
VBEsat
VBE
4
Jul-06-2001


▲Up To Search▲   

 
Price & Availability of BDP952

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X