Part Number Hot Search : 
BFG17 KV2163 2SB645 MAZX240 05024 UPA1816 MN6500KT 18107
Product Description
Full Text Search
 

To Download BCX5616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 - MARCH 2001
BCX5616
C
COMPLEMENTARY TYPE - BCX5316 PARTMARKING DETAIL - BL C B
SOT89
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC P tot T j:T stg VALUE 100 80 5 2 1 1 -65 to +150 UNIT V V V A A W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO V CE(sat) V BE(on) h FE 25 100 25 150 15 MIN. 100 80 5 0.1 20 20 0.5 1.0 TYP. MAX. UNIT CONDITIONS. V V V IC =100A IC =10mA I E =10A V CB =30V V CB =30V, T amb =150C V EB =4V I C =500mA, I B =50mA* I C =500mA, V CE =2V* I C =5mA, V CE =2V* I C =150mA, V CE =2V* I C =500mA, V CE =2V* MHz pF I C =50mA, V CE =10V, f=100MHz V CB =10V, f=1MHz
A A
nA V V
250
fT C obo
*Measured under pulsed conditions.
TBA


▲Up To Search▲   

 
Price & Availability of BCX5616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X