Part Number Hot Search : 
FSD12C UPA804 CPC1726 00LB144I 07590 SSR1645C B1200 651G0
Product Description
Full Text Search
 

To Download B43520A3687M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors with 4 Snap-In Terminals and Solder Pins Miniaturized - 85 C B43510, B43520
Long-life grade capacitors Applications
I Frequency converters I Switch-mode power supplies in industrial
B43510 B43520
and consumer electronics
I Uninterruptible power supplies
Features
I I I I
Extremely small dimensions High ripple current capability Many different case sizes Pinning ensures correct insertion
KAL0409-D
B43510
B43520
Construction
I Charge-discharge proof, polar I Aluminum case, fully insulated I Overload protection by preset break point in case
Terminals
I 4 snap-in terminals (6,3 mm and 4,5 mm length) I Solder pin mounting on printed circuit boards,
pins fit standardized spacings on PCB
178 10/02
B43510 / B43520 Miniaturized - 85 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Leakage current IL (5 min, 20 C) Self-inductance ESL Useful life 85 C; UR; I~R 40 C; UR; 1,1 * I~R > 5 000 h > 250 000 h 385 ... 500 VDC 1,1 * UR 390 ... 2 700 F 20 % M
C R U R 0,7 I L 0,3 A ae ------- ------- o + 4 A e F V o
Approx. 20 nH Requirements: C/C ESR IL 30 % of initial value 3 times initial specified limit initial specified limit
Failure percentage: 1 % Failure rate: 40 fit ( 40 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 85 C; UR 2 000 h Post test requirements: C/C 10 % of initial value ESR 1,3 times initial specified limit IL initial specified limit To IEC 60068-2-6, test Fc: displacement amplitude 0,35 mm, frequency range 10 ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h To IEC 60068-1: UR 400 VDC: 40/085/56 (- 40 C/+ 85 C/56 days damp heat test) UR > 400 VDC: 25/085/56 (- 25 C/+ 85 C/56 days damp heat test) Similar to CECC 30301-805 IEC 60384-4
Vibration resistance
IEC climatic category
Detail specification Sectional specification
179 10/02
B43510 / B43520 Miniaturized - 85 C
Dimensional drawings B43510, 4 snap-in terminals
PluspolPlus pole marking Kennzeichnung
Mounting holes Montagelochung
Dimensions (mm) Approx. d +1 l 2 lmax weight (g) 35 35 35 35 35 40 40 40 40 40 40 45 45 45 45 45 45 50 60 70 80 100 40 50 60 70 80 100 40 50 60 70 80 100
d = 40 mm
2
Packing units (pieces) 60 36 36 36 36 33 33 33 33 33 33 28 28 28 28 28 28
30 3
30
30
Minus pole marking Minuspol Kennzeichnung
20,1 22,50,1
54 64 74 84 104 44 54 64 74 84 104 -- -- -- -- -- --
63 76 88 101 126 71 89 107 125 143 178 90 113 136 158 181 226
0
ll
d
6,31 6,31
Standard snap-in terminals: length (6,3 1) mm. Also available with a length of (4,5 - 1) mm. For ordering example cf. page 181 B43520, solder pins
d = 35 mm
_ 0,1 0,8 +0,2 _ 0,1 0,8 +0,2 1,50,2 1,50,2
0,8 0,8
KAL0401-H KAL0401-H
+ 1
15 15
1) 1)
+ 1
4
d
-
200,1 7,50,1 o1,3+0,1
-
3
l max
4,50,5
Mounting holes (view onto solder side) Montagelochung (Ansicht von der Lotseite)
o1,3+0,1
+ 1
150,1
+ 1
4
3
200,1
l
1) Permissible range of positions for pole identification marks
- -
2 17,50,1 2 3 17,50,1
3 0,8x1,1 _ 0,1
KAL0400-9
Pole markings: Plus: +; Minus: - All pin holes must be drilled into the PC-board, since the unconnected pins serve as mountings. These pins must be soldered to isolated pads or pads with the same potential as the negative pole (solder pin and 4 snap-in terminals). 180 10/02
Packing
B43510 / B43520 Miniaturized - 85 C
Packing of 4 snap-in terminals and solder pins
For ecological reasons the packing is pure cardboard. Ordering codes 4 snap-in terminals Version Standard terminals (6,3 1) mm Short terminals (4,5 -1) mm Identification in 3rd block of ordering code M000 M007
181 10/02
B43510 / B43520 Miniaturized - 85 C
Overview of available types
UR (VDC) CR (F)
390 470 560 680 820 1 000 1 200 1 500 1 800 2 200 2 700
385
400
420
450
500 35 x 60
Case dimensions d x l (mm) 35 x 70 35 x 70 40 x 60 35 x 100 40 x 70 35 x 100 40 x 80 40 x 100 45 x 70 45 x 100 45 x 100
35 x 60 35 x 40 x 35 x 40 x 50 50 60 50 35 x 40 x 35 x 40 x 60 50 60 50 35 x 40 x 35 x 40 x 60 50 70 60 35 x 40 x 35 x 40 x 70 50 80 60
35 x 70 40 x 60 35 x 80 40 x 70 40 x 80 45 x 60 40 x 100 45 x 70 40 x 100 45 x 100
35 x 70 40 x 60 45 x 50 35 x 100 40 x 70 35 x 100 40 x 80 45 x 70 40 x 100 45 x 80 45 x 100 45 x 100
35 x 80 40 x 60 40 x 70 40 x 100 45 x 70 40 x 100 45 x 80
35 x 100 40 x 70 45 x 60 40 x 80 45 x 70 40 x 100 45 x 80 45 x 100 45 x 100
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request. Capacitors with solder pins are only available in 35 and 40 mm case diameters.
182 10/02
B43510 / B43520 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 385
CR 100 Hz 20 C F
680 680 820 820 1000 1000 1200 1200 1500 1500 1800 1800 2200 2700
Case dimensions dxl mm 35 x 50 40 x 50 35 x 60 40 x 50 35 x 70 40 x 60 35 x 80 40 x 70 40 x 80 45 x 60 40 x 100 45 x 70 40 x 100 45 x 100 35 x 60 40 x 50 35 x 60 40 x 50 35 x 70 40 x 60 45 x 50 35 x 100 40 x 70 35 x 100 40 x 80 45 x 70 40 x 100 45 x 80 45 x 100 45 x 100
ESRmax 100 Hz 20 C m
190 190 160 160 130 130 110 110 90 90 80 80 60 50 190 190 160 160 130 130 130 110 110 90 90 90 80 80 60 50
Zmax 10 kHz 20 C m
150 150 130 130 110 110 90 90 70 70 60 60 50 40 150 150 130 130 110 110 110 90 90 70 70 70 60 60 50 40
I~max 100 Hz 40 C A
7,7 8,1 9,0 8,9 10,6 10,5 12,3 12,2 14,4 12,9 17,2 14,9 19,1 21,1 8,2 8,1 9,0 8,9 10,6 10,5 9,9 13,5 12,2 15,0 14,4 13,6 17,2 15,7 19,0 21,1
I~R 100 Hz 85 C A
3,5 3,7 4,1 4,0 4,8 4,8 5,6 5,5 6,5 5,9 7,8 6,8 8,7 9,6 3,7 3,7 4,1 4,0 4,8 4,8 4,5 6,1 5,5 6,8 6,5 6,2 7,8 7,2 8,6 9,6
Ordering code 1) * 1 = 4 snap-in 2 = solder pin B435*0A3687M000 B435*0B3687M000 B435*0A3827M000 B435*0B3827M000 B435*0A3108M000 B435*0B3108M000 B435*0A3128M000 B435*0B3128M000 B435*0A3158M000 B43510B3158M000 B435*0A3188M000 B43510B3188M000 B435*0A3228M000 B43510A3278M000 B435*0A9687M000 B435*0B9687M000 B435*0A9827M000 B435*0B9827M000 B435*0A9108M000 B435*0B9108M000 B43510C9108M000 B435*0A9128M000 B435*0B9128M000 B435*0A9158M000 B435*0B9158M000 B43510C9158M000 B435*0A9188M000 B43510B9188M000 B43510A9228M000 B43510A9278M000
400
680 680 820 820 1000 1000 1000 1200 1200 1500 1500 1500 1800 1800 2200 2700
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
1) For capacitors with short 4 snap-in terminals, see page 181.
183 10/02
B43510 / B43520 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 420
CR 100 Hz 20 C F
680 680 820 820 1000 1000 1200 1500 1500 1800
Case dimensions dxl mm 35 x 60 40 x 50 35 x 70 40 x 60 35 x 80 40 x 60 40 x 70 40 x 100 45 x 70 40 x 100 45 x 80 35 x 60 35 x 70 40 x 50 35 x 80 40 x 60 35 x 100 40 x 70 45 x 60 40 x 80 45 x 70 40 x 100 45 x 80 45 x 100 45 x 100
ESRmax 100 Hz 20 C m
300 300 250 250 200 200 170 140 140 120 120 360 300 300 250 250 200 200 200 170 170 140 140 120 100
Zmax 10 kHz 20 C m
240 240 200 200 160 160 140 110 110 90 90 290 240 240 200 200 160 160 160 140 140 110 110 90 80
I~max 100 Hz 40 C A
8,2 8,1 9,6 9,5 11,2 10,5 12,2 15,7 13,6 17,2 15,7 7,5 8,7 8,1 10,1 9,5 12,3 11,1 10,5 12,8 12,2 15,7 14,4 17,2 19,0
I~R 100 Hz 85 C A
3,7 3,7 4,4 4,3 5,1 4,8 5,5 7,2 6,2 7,8 7,2 3,4 4,0 3,7 4,6 4,3 5,6 5,1 4,8 5,8 5,5 7,2 6,5 7,8 8,6
Ordering code 1) * 1 = 4 snap-in 2 = solder pin B435*0A0687M000 B435*0B0687M000 B435*0A0827M000 B435*0B0827M000 B435*0A0108M000 B435*0B0108M000 B435*0A0128M000 B435*0A0158M000 B43510B0158M000 B435*0A0188M000 B43510B0188M000 B435*0A5567M000 B435*0A5687M000 B435*0B5687M000 B435*0A5827M000 B435*0B5827M000 B435*0A5108M000 B435*0B5108M000 B43510C5108M000 B435*0A5128M000 B43510B5128M000 B435*0A5158M000 B43510B5158M000 B43510A5188M000 B43510A5228M000
450
1800 560 680 680 820 820 1000 1000 1000 1200 1200 1500 1500 1800 2200
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
1) For capacitors with short 4 snap-in terminals, see page 181.
184 10/02
B43510 / B43520 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 500
CR 100 Hz 20 C F
390 470 560 560 680 680 820 820 1000 1000 1200 1500
Case dimensions dxl mm 35 x 60 35 x 70 35 x 70 40 x 60 35 x 100 40 x 70 35 x 100 40 x 80 40 x 100 45 x 70 45 x 100 45 x 100
ESRmax 100 Hz 20 C m
520 430 360 360 300 300 250 250 200 200 170 140
Zmax 10 kHz 20 C m
410 340 290 290 240 240 200 200 160 160 140 110
I~max 100 Hz 40 C A
4,1 4,8 5,2 5,1 6,6 6,0 7,3 7,0 8,4 7,3 9,2 10,3
I~R 100 Hz 85 C A
1,9 2,2 2,4 2,3 3,0 2,7 3,3 3,2 3,8 3,3 4,2 4,7
Ordering code 1) * 1 = 4 snap-in 2 = solder pin B435*0A6397M000 B435*0A6477M000 B435*0A6567M000 B435*0B6567M000 B435*0A6687M000 B435*0B6687M000 B435*0A6827M000 B435*0B6827M000 B435*0A6108M000 B43510B6108M000 B43510A6128M000 B43510A6158M000
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
1) For capacitors with short 4 snap-in terminals, see page 181.
185 10/02
B43510 / B43520 Miniaturized - 85 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1)
2,5
KAL0568-J
~ ~R
B43510/520 2,0
1,5
1,0
250 000 h
100 000 h
50 000 h
20 000 h
10 000 h
0,5
0 40
50
60
70
80
C 90 TA
Frequency factor of permissible ripple current I~ versus frequency f
1,5 ~f B43510/520 ~100 Hz 1,3 1,2 1,1 1,0 0,9
KAL0569-S
Frequency characteristics of ESR Typical behavior
5 000 h
2,5
KAL0570-V
ESR f ESR 100 Hz
2,0
B43510/520
_ < 400 V > 400 V
1,5
1,0 20 C 0,5 > 60 C
0,8 0,7 1 10 10 2 10 3 10 4
Hz f
01 10
5 10 2
5 10 3
Hz 10 4 f
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
186 10/02
B43510 / B43520 Miniaturized - 85 C
Impedance Z at f = 10 kHz versus frequency f Typical behavior at 20 C
10 2
KAL0577-I
Z
10 1
B43510/520
10 0
470 F/450 V 680 F/450 V 1800 F/400 V
10
_1
10
_2
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
187 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B43520A3687M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X