Part Number Hot Search : 
MBR201 MEGA16U 00F1T SMAJ5305 BDE0200G UC3550 PFS7324L SSG4910N
Product Description
Full Text Search
 

To Download B25838K4225K001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKV AC Capacitors
B25832
MKV AC capacitors
Damping, Commutating
Ordering code: Date:
B25838 September 2005
(c) EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
MKV AC Capacitors Damping
Features
High dielectric strength High peak-current capability
B25838
Applications
For damping and commutating in the upper frequency range
Construction

Self-healing Plastic dielectric Oil-impregnated tubular windings (no PCB) Metal-sprayed end faces ensure reliable contacting Cylindrical aluminum case Ceramic lead-throughs Mounting bolts M8 or M12
Terminals
Screw terminals M10 Tab connectors 6.3 mm Dual tab connectors 6.3 mm
Mounting
If the vibration stress is 5 g and the capacitors are 60 mm in diameter
and 160 mm in height the bolt is used for mounting.
Grounding
Mounting bolt for grounding in accordance with VDE 0100 Grounding identification in accordance with DIN 40 011
Individual data sheets Individual data sheets contain detailed specification incl. thermal data. Upon request, these data sheets are available for each capacitor type.
Please read Cautions and warnings and Important notes at the end of this document.
2
09/05
MKV AC Capacitors Damping
Technical data Standards IEC 1071-1/2 EN 61071-1/2 VDE 0560 part 120 and 121 tan 0 2 * 10 -4 10% (dv/dt)max (dv/dt)s Tmin Tmax FQ(co) tLD(co) Tstg i --C IS --C - 25 C + 85 C 95 % 300 failures per 109 component hours 100 000 h - 55/+ 85 C 25/085/56
B25838
Dielectric dissipation factor Capacitance tolerance Max. repetitive rate of voltage rise Max. non-repetitive rate of voltage rise Climatic data: Min. operating temperature Max. operating temperature Average relative humidity Failure quota Load duration Storage temperature limit IEC climatic category (IEC 68-1 and 2) Test data: AC test voltage between terminals between terminals and case
V TT VTC
1,25 * V R, 50 Hz, 10 s (or DC 1.75 x V R, 10 s) 2 * V i + 1000 V, 50 Hz, 10 s Insulating voltage Vi = max. recurrent peak voltage v / 2 CR 1 F: 10 000 M CR > 1 F: 10 000 s 3 . 10 -4
Insulation resistance Self-discharge time constant Dissipation factor (50 Hz)
R ins =R ins * C tan
Please read Cautions and warnings and Important notes at the end of this document.
3
09/05
MKV AC Capacitors Damping
Characteristics and ordering codes CR1) F Imax A i A Is A Rins Lself Dimensions Fig. 20 C dxl m nH mm v = 750 V vs = 1000 V 8.0 4.5 2.4 2.2 1.7 1.4 1.1 60 70 90 140 140 140 140 40.0 x 57 40.0 x 95 64.2 x 115 79.2 x 194 79.2 x 194 79.2 x 194 79.2 x 194 3 2 1 1 1 1 1 Appr. Ordering code weight g VTT = AC 750 V, 10 s VTC = AC 2100 V, 10 s 90 140 450 1100 1100 1100 1100
B25838
VR = AC 600 V 2.2 4.7 10 15 22 33 47 20 40 80 80 80 80 80 350 880 750 1900 1600 4000 2400 6000 3500 8800 5300 13000 7500 19000
B25838K4225K001 B25838K4475K009 B25838L4106K004 B25838L4156K004 B25838L4226K004 B25838L4336K004 B25838L4476K004
VR = AC 900 V 1.0 2.2 4.7 6.8 10 12 15 22 33 20 20 40 80 80 80 80 80 80 280 700 620 1500 1300 3300 1900 4800 2800 7000 3400 8400 4200 10500 6200 15000 9200 23000
v = 1100 V vs = 1500 V 9.6 4.9 3.1 2.0 1.9 1.7 1.5 1.2 1.1 60 60 70 90 140 140 140 140 140 40.0 x 57 50.0 x 57 50.0 x 95 64.2 x 115 79.2 x 194 79.2 x 194 79.2 x 194 79.2 x 194 89.3 x 194 3 3 2 1 1 1 1 1 1
VTT = AC 1150 V, 10 s VTC = AC 2600 V, 10 s 90 130 220 450 1100 1100 1100 1100 1500 B25838K6105K001 B25838K6225K001 B25838K6475K009 B25838L6685K004 B25838L6106K004 B25838L6126K004 B25838L6156K004 B25838L6226K004 B25838L6336K004
VR = AC 1100 V 1,0 2,2 4,7 10 12 15 18 22 20 20 80 80 80 80 80 80 600 1300 2800 6000 7200 9000 11000 13000
v = 1400 V vs = 1900 V 1500 13,0 3300 6,5 7000 3,5 15000 2,1 18000 2,0 23000 1,7 27000 1,5 33000 1,4 90 70 170 170 170 170 170 170 40,0 x 95 50,0 x 95 64,2 x 194 79,2 x 194 89,3 x 194 89,3 x 194 89,3 x 194 89,3 x 194 3 3 1 1 1 1 1 1
VTT = AC 1400 V, 10 s VTC = AC 3000 V, 10 s 140 220 750 1100 1500 1500 1500 1500 B25838K8105K001 B25838K8225K001 B25838L8475K004 B25838L8106K004 B25838L8126K004 B25838L8156K004 B25838L8186K004 B25838L8226K004
1) Other capacitance values upon request
Please read Cautions and warnings and Important notes at the end of this document.
4
09/05
MKV AC Capacitors Damping
Dimensional drawing 1 Screw terminals M10
M10
24,5 _ 2
B25838
Dimensional drawing 2 Dual tab connectors 6.3 mm
Hex nut M10 DIN 439 Washer 10,5 DIN 433
57 _ 3
l1
Tab connector A 6,3 x 0,8 DIN 46 244
k
~4
l
l1
od 1
16+1
M12
d
d
l2
l
9 min.
13 min. 35
1) KLK1440-3
211
Dimensions in mm
KLK1441-B
Dimensions in mm
d -1,2 I -4 d1 -0,4 I1 min Creepage distance k 64.2 115 60.2 78 20 64.2 194 60.2 150 20 79.2 194 75.2 150 20 89.3 194 85.2 150 20 Max. torque terminals*) 7 Nm
Clearance 13 13 13 13
d +0,5 -0,2
40 50
I +1 -2
95 95
l1 max l 2 +1**) Creepage distance 28 8 10 32 12 14
Clearance 9 9
**) 8 mm = threaded bolt M8 12 mm = threaded bolt M12
*) The terminal torque must not act upon the ceramic. So the lead should be locked between to nuts. 1) Dimensions only for orientation, subject for modifications
Mounting parts (included in delivery) Threaded bolt M8 M12 Max. torque 4 Nm 10 Nm 5 Toothed washer J 8.2 DIN 6797 J 12.5 DIN 6797 09/05 Hex nut M 8 DIN 439 M12 DIN 439
Please read Cautions and warnings and Important notes at the end of this document.
MKV AC Capacitors Damping
Dimensional drawing 3 Tab connectors 6.3 mm
B25838
l1
Tab connector A 6,3 x 0,8 DIN 46 244
d
l2
l
9 min. 211
KLK1442-J
Dimensions in mm
d +0,5 -0,2
40 40 40 50 50
I +1 -2
57 57 95 57 95
l1 max l 2 +1*) Creepage distance 28 8 10**) 32 8 14 32 8 14 32 12 14 32 12 14
Clearance 9 9 9 9 9
*) 8 mm =
threaded bolt M 8, 12 mm =threaded bolt M12
**) Type B25838K4225K001
Mounting parts (included in delivery) Threaded bolt M8 M12 Max. torque 4 Nm 10 Nm Toothed washer J 8,2 DIN 6797 J 12,5 DIN 6797 Hex nut M 8 DIN 439 M 12 DIN 439
Please read Cautions and warnings and Important notes at the end of this document.
6
09/05
MKV AC Capacitors Damping, Commutating
Cautions and warnings Safety
B25838
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all. This applies also in cases of oil leakage.
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or prop-

erty damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Observe appropriate safety precautions during operation (self-recharging phenomena and the high energy contained in capacitors). Handle capacitors carefully, because they may still be charged even after disconnection. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice. Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Thermal load After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions (see www.epcos.com/thermal_design). Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments, regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. Overpressure disconnector To ensure full functionality of an overpressure disconnector, the following must be observed:
The elastic elements must not be hindered, i.e.
- connecting lines must be flexible leads (cables), - there must be sufficient space (minimum 12 mm) above the connections for expansion of the overpressure disconnector, - folding crimps must not be retained by clamps. Stress parameters of the capacitor must be within the IEC61071 specification. Service life expectancy Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors too. The maximum service life expectancy may vary depending on the application the capacitor is used in.
7
09/05
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SilverCap, SIFI, SIMID, SIKOREL, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
8
09/05


▲Up To Search▲   

 
Price & Availability of B25838K4225K001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X