Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download AG-240128I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AG-240128I AG-240128G
AG-240128I
FEATURE
1.Construction : STN/FSTN LCD, Bezel, Heat Seal, Zebra and PCB. 2.Optional LED/EL/CCFL back-light, white edge-light LED availble. 3.Built-in Controller/Pure Driver. 4.5V single power input. Built-in DC/DC converter for LCD driving. 5.Normal / Extended temperature type.
240x128 dots 1/128 Duty POWER SUPPLY
ELECTRICAL CHARACTERISTICS
Item LCD Driving Voltage Supply Current (Controller) Supply Current (Driver) Symbol VDD-VO IDD IDD Condition Typ.Value 25oC VDD=5.0V VDD=5.0V 18.9 25 15 Unit. V mA mA
BUILT-IN CONTROLLER
1 VSS 11 DB4 2 VDD 12 DB5 3 VO 13 DB6 4 C/D 14 DB7 5 /RD 15 /CE 6 /WR 16 /RES 7 DB0 17 VEE 8 DB1 18 MD2 9 DB2 19 FS 10 DB3 20 NC
PURE DRIVER
1 FLM 11 D3 2 CP 12 VO 3
w
w
w
t a .D
S a
e h
U t4 e
4 LP 13 M 14
5
.c
6
m o
7 8 DO 9 D1 10 D2
VDD VSS VEE 15
/DISPOFF A/EL1 K/EL2
THICKNESS: T1 T2 VERSION _ EL & NO BACKLIGHT 5.5 + 0.3 12.0Max _ LED,CCFL BACKLIGHT 9.0 + 0.3 15.0Max
A _ 133.2 + 0.3 _ 130.7 + 0.3
w
w
w
.D
a
aS t
ee h
4U t
om .c
A BLOCK
37


▲Up To Search▲   

 
Price & Availability of AG-240128I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X