Part Number Hot Search : 
TM128160 P4KE15 ATA6612 08A50 ACTF8100 ACT8897 KTA1073T MAX703
Product Description
Full Text Search
 

To Download AG-240128B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AG-240128B
FEATURE
1.Construction : STN/FSTN LCD, Bezel, Heat Seal, Zebra and PCB. 2.Optional : LED , EL or CCFL back-light. 3.Controller :T6963C 4.Besides+5V for logic circuit, -20V is needed for LCD driving(Optional DC/DC converter available). 5.Normal / Extended temperature type.
240x128 dots 1/128 Duty BLOCK DIAGRAM & POWER SUPPLY
ELECTRICAL CHARACTERISTICS
Item LCD Driving Voltage Supply Current Symbol VDD-VO IDD Condition 25oC VDD=5.0V Typ.Value 18.5 15 Unit. V mA
INTERFACE
1 FG 11 DB0 2 3 4 VO 14 DB3 5 /WR 15 DB4 6 /RD 16 DB5 7 /CE 17 DB6 8 C/D 18 DB7 9 NC 19 FS 10 /RES 20 NC
VSS VDD 12 DB1 13 DB2
w
THICKNESS: VERSION EL & NO BACKLIGHT CCFL BACKLIGHT
w
w
t a .D
S a
e h
U t4 e
.c
m o
T1 T2 _ 7.5 + 0.3 14.0Max. _ 7.5 + 0.3 14.0Max.
34
w
w
w
.D
a
aS t
ee h
4U t
om .c
A BLOCK


▲Up To Search▲   

 
Price & Availability of AG-240128B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X