Part Number Hot Search : 
TC9203 AP432IA TSL256 00BZX D2089 M66311P 141X1L MGF1302
Product Description
Full Text Search
 

To Download AD693ACHIPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Instrumentation Amplifier Front End Loop-Powered Operation Precalibrated 30 mV or 60 mV Input Spans Independently Adjustable Output Span and Zero Precalibrated Output Spans: 4-20 mA Unipolar 0-20 mA Unipolar 12 8 mA Bipolar Precalibrated 100 RTD Interface 6.2 V Reference with Up to 3.5 mA of Current Available Uncommitted Auxiliary Amp for Extra Flexibility Optional External Pass Transistor to Reduce Self-Heating Errors
Loop-Powered 4-20 mA Sensor Transmitter AD693
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
PRODUCT HIGHLIGHTS
The AD693 is a monolithic signal conditioning circuit which accepts low-level inputs from a variety of transducers to control a standard 4-20 mA, two-wire current loop. An on-chip voltage reference and auxiliary amplifier are provided for transducer excitation; up to 3.5 mA of excitation current is available when the device is operated in the loop-powered mode. Alternatively, the device may be locally powered for three-wire applications when 0-20 mA operation is desired. Precalibrated 30 mV and 60 mV input spans may be set by simple pin strapping. Other spans from 1 mV to 100 mV may be realized with the addition of external resistors. The auxiliary amplifier may be used in combination with on-chip voltages to provide six precalibrated ranges for 100 RTDs. Output span and zero are also determined by pin strapping to obtain the standard ranges: 4-20mA, 12 8 mA and 0-20 mA. Active laser trimming of the AD693's thin-film resistors result in high levels of accuracy without the need for additional adjustments and calibration. Total unadjusted error is tested on every device to be less than 0.5% of full scale at +25C, and less than 0.75% over the industrial temperature range. Residual nonlinearity is under 0.05%. The AD693 also allows for the use of an external pass transistor to further reduce errors caused by self-heating. For transmission of low-level signals from RTDs, bridges and pressure transducers, the AD693 offers a cost-effective signal conditioning solution. It is recommended as a replacement for discrete designs in a variety of applications in process control, factory automation and system monitoring. The AD693 is packaged in a 20-pin ceramic side-brazed DIP, 20-pin Cerdip, and 20-pin LCCC and is specified over the -40C to +85C industrial temperature range. REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
1. The AD693 is a complete monolithic low-level voltage-tocurrent loop signal conditioner. 2. Precalibrated output zero and span options include 4-20 mA, 0-20 mA, and 12 8 mA in two- and three-wire configurations. 3. Simple resistor programming adds a continuum of ranges to the basic 30 mV and 60 mV input spans. 4. The common-mode range of the signal amplifier input extends from ground to near the device's operating voltage. 5. Provision for transducer excitation includes a 6.2 V reference output and an auxiliary amplifier which may be configured for voltage or current output and signal amplification. 6. The circuit configuration permits simple linearization of bridge, RTD, and other transducer signals. 7. A monitored output is provided to drive an external pass transistor. This feature off-loads power dissipation to extend the temperature range of operation, enhance reliability, and minimize self-heating errors. 8. Laser-wafer trimming results in low unadjusted errors and affords precalibrated input and output spans. 9. Zero and span are independently adjustable and noninteractive to accommodate transducers or user defined ranges. 10. Six precalibrated temperature ranges are available with a 100 RTD via pin strapping.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD693-SPECIFICATIONS R = 250
Model LOOP-POWERED OPERATION TOTAL UNADJUSTED ERROR1, 2 TMIN to TMAX 100 RTD CALIBRATION ERROR3 LOOP POWERED OPERATION Zero Current Error4
2
(@ +25 C and VS = +24 V. Input Span = 30 mV or 60 mV. Output Span = 4-20 mA, , VCM = 3.1 V, with external pass transistor unless otherwise noted.) L
Conditions AD693AD/AQ/AE Min Typ Max Units
0.25 0.4 (See Figure 17) Zero = 4 mA Zero = 12 mA Zero = 0 mA5 Zero = 4 mA 12 V VOP 36V6 0 V VCM 6.2 V (See Figure 3) 0 V VCM 6.2 V VSIG = 0 30 mV Input Span 60 mV Input Span 0 V VCM 6.2 V 30 mV Input Span 60 mV Input Span 30 mV Input Span 60 mV Input Span +12 Into Pin 9 +21 +500 +25 0.5 25 40 +35 0.5 3.0 10 +5 +7 0.5 0.5333 0.2666 0.05 0.03 0.05 20 0.01 0.02
0.5 0.75 2.0 80 120 +100 1.5 5.6 +VOP - 4 V6 30 +20 +25 3.0
% Full Scale % Full Scale C A A A A/C V/V V V/V nA nA nA A/V A/V % %/V %/V ppm/C % of Span % of Span V A mA
+7
vs. Temp. Power Supply Rejection (RTI) Common-Mode Input Range Common-Mode Rejection (RTI) Input Bias Current7 TMIN to TMAX Input Offset Current7 Transconductance Nominal Unadjusted Error vs. Common-Mode
0
0.2 0.04 0.06 50 0.05 0.07 +36 +700 +32
Error vs. Temp. Nonlinearity8 OPERATIONAL VOLTAGE RANGE Operational Voltage, VOP6 Quiescent Current OUTPUT CURRENT LIMIT COMPONENTS OF ERROR SIGNAL AMPLIFIER9 Input Voltage Offset vs. Temp Power Supply Rejection V/I CONVERTER9, 10 Zero Current Error Power Supply Rejection Transconductance Nominal Unadjusted Error 6.200 V REFERENCE9, 12 Output Voltage Tolerance vs. Temp. Line Regulation Load Regulation11 Output Current13
12 V VOP 36 V6 0 V VCM 6.2 V Output Span = 4-20 mA 12 V VOP 36 V6
40 1.0 3.0
200 2.5 5.6
V V/C V/V
30 1.0
80 3.0
A A/V A/V % mV ppm/C V/V mV/mA mA mA
0.2666 0.05 0.2 3 20 200 0.3 +3.5 +5.0 12 50 300 0.75
12 V VOP 36 V6 0 mA IREF 3 mA Loop Powered, (Figure 10) 3-Wire Mode, (Figure 15)
+3.0
-2-
REV. A
AD693
Model Conditions AUXILIARY AMPLIFIER Common-Mode Range Input Offset Voltage Input Bias Current Input Offset Current Common-Mode Rejection Power Supply Rejection Output Current Range Output Current Error TEMPERATURE RANGE Case Operating14 Storage Min 0 AD693AD Typ Max +VOP - 4 V6 200 +20 3.0 +5 Units V V nA nA dB dB mA % C C
50 +5 +0.5 90 105 0.005
Pin IX OUT Pin VX - Pin IX TMIN to TMAX
+0.01
-40 -65
+85 +150
NOTES 1 Total error can be significantly reduced (typically less than 0.1%) by trimming the zero current. The remaining unadjusted error sources are transconductance and nonlinearity. 2 The AD693 is tested as a loop powered device with the signal amp, V/I converter, voltage reference, and application voltages operating together. Specifications are valid for preset spans and spans between 30 mV and 60 mV. 3 Error from ideal output assuming a perfect 100 RTD at 0 and +100C. 4 Refer to the Error Analysis to calculate zero current error for input spans less than 30 mV. 5 By forcing the differential signal amplifier input sufficiently negative the 7 A zero current can always be achieved. 6 The operational voltage (V OP) is the voltage directly across the AD693 (Pin 10 to 6 in two-wire mode, Pin 9 to 6 in local power mode). For example, VOP = VS - (ILOOP x RL) in two-wire mode (refer to Figure 10). 7 Bias currents are not symmetrical with input signal level and flow out of the input pins. The input bias current of the inverting input increases with input signal voltage, see Figure 2. 8 Nonlinearity is defined as the deviation of the output from a straight line connecting the endpoints as the input is swept over a 30 mV and 60 mV input span. 9 Specifications for the individual functional blocks are components of error that contribute to, and that are included in, the Loop Powered Operation specifications. 10 Includes error contributions of V/I converter and Application Voltages. 11 Changes in the reference output voltage due to load will affect the Zero Current. A 1% change in the voltage reference output will result in an error of 1% in the value of the Zero Current. 12 If not used for external excitation, the reference should be loaded by approximately 1 mA (6.2 k to common). 13 In the loop powered mode up to 5 mA can be drawn from the reference, however, the lower limit of the output span will be increased accordingly. 3.5 mA is the maximum current the reference can source while still maintaining a 4 mA zero. 14 The AD693 is tested with a pass transistor so T A TC. Specifications subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V Reverse Loop Current . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA Signal Amp Input Range . . . . . . . . . . . . . . . . . . -0.3 V to VOP Reference Short Circuit to Common . . . . . . . . . . . . Indefinite Auxiliary Amp Input Voltage Range . . . . . . . . . . 0.3 V to VOP Auxiliary Amp Current Output . . . . . . . . . . . . . . . . . . . 10 mA Storage Temperature . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature, 10 sec Soldering . . . . . . . . . . . . . +300C Max Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150C
AD693 PIN CONFIGURATION (AD, AQ, AE Packages)
ORDERING GUIDE
Model AD693AD AD693AQ AD693AE
Package Description Ceramic Side-Brazed DIP Cerdip Leadless Ceramic Chip Carrier (LCCC)
Package Option D-20 Q-20 E-20A
Functional Diagram
REV. A
-3-
AD693-Typical Characteristics
Figure 1. Maximum Load Resistance vs. Power Supply
Figure 4. Bandwidth vs. Series Load Resistance
Figure 7. Input Current Noise vs. Frequency
Figure 2. Differential Input Current vs. Input Signal Voltage Normalized to +IN
Figure 5. Signal Amplifier PSRR vs. Frequency
Figure 8. Input Voltage Noise vs. Frequency
Figure 3. Maximum Common-Mode Voltage vs. Supply
Figure 6. CMRR (RTI) vs. Frequency
-4-
REV. A
AD693
FUNCTIONAL DESCRIPTION
The operation of the AD693 can be understood by dividing the circuit into three functional parts (see Figure 9). First, an instrumentation amplifier front-end buffers and scales the lowlevel input signal. This amplifier drives the second section, a V/I converter, which provides the 4-to-20mA loop current. The third section, a voltage reference and resistance divider, provides application voltages for setting the various "live zero" currents. In addition to these three main sections, there is an on-chip auxiliary amplifier which can be used for transducer excitation.
VOLTAGE-TO-CURRENT (V/I) CONVERTER
converter's inverting input (Pin 12). Arranging the zero offset in this way makes the zero signal output current independent of input span. When the input to the signal amp is zero, the noninverting input of the V/I is at 6.2 V. Since the standard offsets are laser trimmed at the factory, adjustment is seldom necessary except to accommodate the zero offset of the actual source. (See "Adjusting Zero.")
SIGNAL AMPLIFIER
The output NPN transistor for the V/I section sinks loop current when driven on by a high gain amplifier at its base. The input for this amplifier is derived from the difference in the outputs of the matched preamplifiers having gains, G2. This difference is caused to be small by the large gain, +A, and the negative feedback through the NPN transistor and the loop current sampling resistor between IIN and Boost. The signal across this resistor is compared to the input of the left preamp and servos the loop current until both signals are equal. Accurate voltage-to-current transformation is thereby assured. The preamplifiers employ a special design which allows the active feedback amplifier to operate from the most positive point in the circuit, IIN. The V/I stage is designed to have a nominal transconductance of 0.2666 A/V. Thus, a 75 mV signal applied to the inputs of the V/I (Pin 16, noninverting; Pin 12, inverting) results in a full-scale output current of 20 mA. The current limiter operates as follows: the output of the feedback preamp is an accurate indication of the loop current. This output is compared to an internal setpoint which backs off the drive to the NPN transistor when the loop current approaches 25 mA. As a result, the loop and the AD693 are protected from the consequences of voltage overdrive at the V/I input.
VOLTAGE REFERENCE AND DIVIDER
The Signal Amplifier is an instrumentation amplifier used to buffer and scale the input to match the desired span. Inputs applied to the Signal Amplifier (at Pins 17 and 18) are amplified and referred to the 6.2 V reference output in much the same way as the level translation occurs in the V/I converter. Signals from the two preamplifiers are subtracted, the difference is amplified, and the result is fed back to the upper preamp to minimize the difference. Since the two preamps are identical, this minimum will occur when the voltage at the upper preamp just matches the differential input applied to the Signal Amplifier at the left. Since the signal which is applied to the V/I is attenuated across the two 800 resistors before driving the upper preamp, it will necessarily be an amplified version of the signal applied between Pins 17 and 18. By changing this attenuation, you can control the span referred to the Signal Amplifier. To illustrate: a 75 mV signal applied to the V/I results in a 20 mA loop current. Nominally, 15 mV is applied to offset the zero to 4 mA leaving a 60 mV range to correspond to the span. And, since the nominal attenuation of the resistors connected to Pins 16, 15 and 14 is 2.00, a 30 mV input signal will be doubled to result in 20 mA of loop current. Shorting Pins 15 and 16 results in unity gain and permits a 60 mV input span. Other choices of span may be implemented with user supplied resistors to modify the attenuation. (See section "Adjusting Input Span.") The Signal Amplifier is specially designed to accommodate a large common-mode range. Common-mode signals anywhere up to and beyond the 6.2 V reference are easily handled as long as VIN is sufficiently positive. The Signal Amplifier is biased with respect to VIN and requires about 3.5 volts of headroom. The extended range will be useful when measuring sensors driven, for example, by the auxiliary amplifier which may go above the 6.2 V potential. In addition, the PNP input stage will continue to operate normally with common-mode voltages of several hundred mV, negative, with respect to common. This feature accommodates self-generating sensors, such as thermocouples, which may produce small negative normal-mode signals as well as common-mode noise on "grounded" signal sources.
AUXILIARY AMPLIFIER
A stabilized bandgap voltage reference and laser-trimmed resistor divider provide for both transducer excitation as well as precalibrated offsets for the V/I converter. When not used for external excitation, the reference should be loaded by approximately 1 mA (6.2 k to common). The 4 mA and 12 mA taps on the resistor divider correspond to -15 mV and -45 mV, respectively, and result in a live zero of 4 mA or 12 mA of loop current when connected to the V/I
The Auxiliary Amplifier is included in the AD693 as a signal conditioning aid. It can be used as an op amp in noninverting applications and has special provisions to provide a controlled current output. Designed with a differential input stage and an unbiased Class A output stage, the amplifier can be resistively loaded to common with the self-contained 100 resistor or with a user supplied resistor. As a functional element, the Auxiliary Amplifier can be used in dynamic bridges and arrangements such as the RTD signal conditioner shown in Figure 17. It can be used to buffer, amplify and combine other signals with the main Signal Amplifier. The Auxiliary Amplifier can also provide other voltages for excitation -5-
Figure 9. Functional Flock Diagram
REV. A
AD693
if the 6.2 V of the reference is unsuitable. Configured as a simple follower, it can be driven from a user supplied voltage divider or the precalibrated outputs of the AD693 divider (Pins 3 and 4) to provide a stiff voltage output at less than the 6.2 level, or by incorporating a voltage divider as feedback around the amplifier, one can gain-up the reference to levels higher than 6.2 V. If large positive outputs are desired, IX, the Auxiliary Amplifier output current supply, should be strapped to either VIN or Boost. Like the Signal Amplifier, the Auxiliary requires about 3.5 V of headroom with respect to VIN at its input and about 2 V of difference between IX and the voltage to which VX is required to swing. The output stage of the Auxiliary Amplifier is actually a high gain Darlington transistor where IX is the collector and VX is the emitter. Thus, the Auxiliary Amplifier can be used as a V/I converter when configured as a follower and resistively loaded. IX functions as a high-impedance current source whose current is equal to the voltage at VX divided by the load resistance. For example, using the onboard 100 resistor and the 75 mV or 150 mV application voltages, either a 750 A or 1.5 mA current source can be set up for transducer excitation. The IX terminal has voltage compliance within 2 V of VX. If the Auxiliary Amplifier is not to be used, then Pin 2, the noninverting input, should be grounded.
REVERSE VOLTAGE PROTECTION FEATURE USING AN EXTERNAL PASS TRANSISTOR
The emitter of the NPN output section, IOUT, of the AD693 is usually connected to common and the negative loop connection (Pins 7 to 6). Provision has been made to reconnect IOUT to the base of a user supplied NPN transistor as shown in Figure 11. This permits the majority of the power dissipation to be moved off chip to enhance performance, improve reliability, and extend the operating temperature range. An internal hold-down resistor of about 3k is connected across the base emitter of the external transistor. The external pass transistor selected should have a BVCEO greater than the intended supply voltage with a sufficient power rating for continuous operation with 25 mA current at the supply voltage. Ft should be in the 10 MHz to 100 MHz range and should be greater than 10 at a 20 mA emitter current. Some transistors that meet this criteria are the 2N1711 and 2N2219A. Heat sinking the external pass transistor is suggested. The pass transistor option may also be employed for other applications as well. For example, IOUT can be used to drive an LED connected to Common, thus providing a local monitor of loop fault conditions without reducing the minimum compliance voltage.
ADJUSTING ZERO
In the event of a reverse voltage being applied to the AD693 through a current-limited loop (limited to 200 mA), an internal shunt diode protects the device from damage. This protection mode avoids the compliance voltage penalty which results from a series diode that must be added if reversal protection is required in high-current loops.
Applying the AD693
CONNECTIONS FOR BASIC OPERATION
Figure 10 shows the minimal connections for basic operation: 0-30 mV input span, 4-20 mA output span in the two-wire, loop-powered mode. If not used for external excitation, the 6.2 V reference should be loaded by approximately 1 mA (6.2 k to common).
In general, the desired zero offset value is obtained by connecting an appropriate tap of the precision reference/voltage divider network to the inverting terminal of the V/I converter. As shown in Figure 9, precalibrated taps at Pins 14, 13 and 11 result in zero offsets of 0 mA, 4 mA and 12 mA, respectively, when connected to Pin 12. The voltages which set the 4 mA and 12 mA zero operating points are 15 mV and 45 mV negative with respect to 6.2 V, and they each have a nominal source resistance of 450 . While these voltages are laser trimmed to high accuracy, they may require some adjustment to accommodate variability between sensors or to provide additional ranges. You can adjust zero by pulling up or down on the selected zero tap, or by making a separate voltage divider to drive the zero pin. The arrangement of Figure 12 will give an approximately linear adjustment of the precalibrated options with fixed limits. To find the proper resistor values, first select IA, the desired range
Figure 10. Minimal Connection for 0-30 mV Unipolar Input, 4-20 mA Output
-6-
REV. A
AD693
Figure 11. Using an External Pass Transistor to Minimize Self-Heating Errors
of adjustment of the output current from nominal. Substitute this value in the appropriate formula below for adjustment at the 4 mA tap. RZ1 = (1.6 V/IA) - 400 and RZ2 = RZ1 x 3.1 V/(15 mV + IA x 3.75 ) Use a similar connection with the following resistances for adjustments at the 12 mA tap. RZ1 = (4.8 V/IA) - 400 and RZ2 = RZ1 x 3.1 V/(45 mV + IA x 3.75 ) These formulae take into account the 10% tolerance of tap resistance and insure a minimum adjustment range of IA. For example, choosing IA = 200 A will give a zero adjustment range of 1% of the 20 mA full-scale output. At the 4 mA tap the maximum value of: RZ1 = 1.6 V/200 A - 400 = 7.6 k and RZ2 = 7.6 k x 3.1 V/(15 mV + 200 A x 3.75 ) = 1.49 M
0-to-75 mV signal in the 0-to-20 mA mode). The gain of this amplifier is trimmed to 2.00 so that an input signal ranging from 0-to-30 mV will drive the V/I section to produce 4-to -20 mA. Joining P1 and P2 (Pins 15 and 16) will reduce the Signal Amplifier gain to one, thereby requiring a 60 mV signal to drive the V/I to a full 20 mA span. To produce spans less than 30 mV, an external resistor, RS1, can be connected between P1 and 6.2 V. The nominal value is given by: 400 RS1 = 30 mV -1 S where S is the desired span. For example, to change the span to 6 mV a value of: 400 RS1 = = 100 30 mV -1 6 mV is required. Since the internal, 800 gain setting resistors exhibit an absolute tolerance of 10%, RS1 should be provided with up to 10% range of adjustment if the span must be well controlled. For spans between 30 mV and 60 mV a resistor RS2 should be connected between P1 and P2. The nominal value is given by:
60 mV 400 1- S RS2 = 30 mV -1 S
For example, to change the span to 40 mV, a value of:
60 mV 400 1 - 40 mV = = 800 30 mV -1 40 mV
RS2
Figure 12. Optional 4 mA Zero Adjustment (12 mA Trim Available Also)
These can be rounded down to more convenient values of 7.5 k and 1.3 M, which will result in an adjustment range comfortably greater than 200 A.
ADJUSTING INPUT SPAN
Input Span is adjusted by changing the gain of the Signal Amplifier. This amplifier provides a 0-to-60 mV signal to the V/I section to produce the 4-to-20 mA output span (or a REV. A -7-
is required. Remember that this is a nominal value and may require adjustment up to 10%. In many applications the span must be adjusted to accommodate individual variations in the sensor as well as the AD693. The span changing resistor should, therefore, include enough adjustment range to handle both the sensor uncertainty and the absolute resistance tolerance of P1 and P2. Note that the temperature coefficient of the internal resistors is nominally -17 ppm/C, and that the external resistors should be comparably stable to insure good temperature performance.
AD693
An alternative arrangement, allowing wide range span adjustment between two set ranges, is shown in Figure 13. RS1 and RS2 are calculated to be 90% of the values determined from the previous formulae. The smallest value is then placed in series with the wiper of the 1.5 k potentiometer shown in the figure. For example, to adjust the span between 25 mV and 40 mV, RS1 and RS2 are calculated to be 2000 and 800 , respectively. The smaller value, 800 , is then reduced by 10% to cover the possible ranges of resistance in the AD693 and that value is put in place.
S RE 2 = RD - 1.0024 S - 60 mV
and RE1 = 412 RE2 Figure 14 shows a scheme for adjusting the modified span and 4 mA offset via RE3 and RE4. The trim procedure is to first connect both signal inputs to the 6.2 V Reference, set RE4 to zero and then adjust RE3 so that 4 mA flows in the current loop. This in effect, creates a divider with the same ratio as the internal divider that sets the 4 mA zero level (-15 mV with respect to 6.2 V). As long as the input signal remains zero the voltage at Pin 12, the zero adjust, will remain at -15 mV with respect to 6.2 V.
Figure 13. Wide Range Span Adjustment
A number of other arrangements can be used to set the span as long as they are compatible with the pretrimmed noninverting gain of two. The span adjustment can even include thermistors or other sensitive elements to compensate the span of a sensor. In devising your own adjustment scheme, remember that you should adjust the gain such that the desired span voltage at the Signal Amplifier input translates to 60 mV at the output. Note also that the full differential voltage applied to the V/I converter is 75 mV; in the 4-20 mA mode, -15 mV is applied to the inverting input (zero pin) by the Divider Network and +60 mV is applied to the noninverting input by the Signal Amplifier. In the 0-20 mA mode, the total 75 mV must be applied by the Signal Amplifier. As a result, the total span voltage will be 25% larger than that calculated for a 4-20 mA output. Finally, the external resistance from P2 to 6.2 V should not be made less than 1 k unless the voltage reference is loaded to at least 1.0 mA. (A simple load resistor can be used to meet this requirement if a low value potentiometer is desired.) In no case should the resistance from P2 to 6.2 V be less than 200 . Input Spans Between 60 mV and 100 mV Input spans of up to 100 mV can be obtained by adding an offset proportional to the output signal into the zero pin of the V/I converter. This can be accomplished with two resistors and adjusted via the optional trim scheme shown in Figure 14. The resistor divider formed by RE1 and RE2 from the output of the Signal Amplifier modifies the differential input voltage range applied to the V/I converter. In order to determine the fixed resistor values, RE1 and RE2, first measure the source resistance (RD) of the internal divider network. This can be accomplished (power supply disconnected) by measuring the resistance between the 4 mA of offset (Pin 13) and common (Pin 6) with the 6.2 V reference (Pin 14) connected to common. The measured value, RD, is then used to calculate RE1 and RE2 via the following formula:
Figure 14. Adjusting for Spans between 60 mV and 100 mV (RE1 and RE2) with Fine-Scale Adjust (RE3 and RE4)
After adjusting RE3 place the desired full scale (S) across the signal inputs and adjust RE4 so that 20 mA flows in the current loop. An attenuated portion of the input signal is now added into the V/I zero to maintain the 75 mV maximum differential. If there is some small offset at the input to the Signal Amplifier, it may be necessary to repeat the two adjustments.
LOCAL-POWERED OPERATION FOR 0-20 mA OUTPUT
The AD693 is designed for local-powered, three-wire systems as well as two-wire loops. All its usual ranges are available in threewire operation, and in addition, the 0-20 mA range can be used. The 0-20 mA convention offers slightly more resolution and may simplify the loop receiver, two reasons why it is sometimes preferred. The arrangement, illustrated in Figure 15, results in a 0-20 mA transmitter where the precalibrated span is 37.5 mV. Connecting P1 to P2 will double the span to 75 mV. Sensor input and excitation is unchanged from the two-wire mode except for the 25% increase in span. Many sensors are ratiometric so that an increase in excitation can be used instead of a span adjustment. In the local-powered mode, increases in excitation are made easier. Voltage compliance at the IIN terminal is also improved; the loop voltage may be permitted to fall to 6 volts at the AD693, easing the trade-off between loop voltage and loop resistance. Note that the load resistor, RL, should meter the current into Pin 10, IIN, so as not to confuse the loop current with the local power supply current. -8- REV. A
AD693
Figure 15. Local Powered Operation with 0-20 mA Output INTERFACING PLATINUM RTDS Input filtering is recommended for all applications of the The AD693 has been specially configured to accept inputs from AD693 due to its low input signal range. An RC filter network 100 Platinum RTDs (Resistance Temperature Detectors). at each input of the signal amplifier is sufficient, as shown in Referring to Figure 17, the RTD and the temperature stable Figure 16. In the case of a resistive signal source it may be 100 resistor form a feedback network around the Auxiliary necessary only to add the capacitors, as shown in Figure 18. Amplifier resulting in a noninverting gain of (1 + RT/100 ), The capacitors should be placed as close to the AD693 as where RT is the temperature dependent resistance of the RTD. possible. The value of the filter resistors should be kept low to The noninverting input of the Auxiliary Amplifier (Pin 2) is minimize errors due to input bias current. Choose the 3 dB then driven by the 75 mV signal from the Voltage Divider (Pin point of the filter high enough so as not to compromise the 4). When the RTD is at 0, its 100 resistance results in an bandwidth of the desired signal. The RC time constant of the amplifier gain of +2 causing VX to be 150 mV. The Signal filter should be matched to preserve the ac common-mode Amplifier compares this voltage to the 150 mV output (Pin 3) so rejection. that zero differential signal results. As the temperature (and therefore, the resistance) of the RTD increases, VX will likewise increase according to the gain relationship. The difference between this voltage and the zero degree value of 150 mV drives the Signal Amp to modulate the loop current. The AD693 is precalibrated such that the full 4-20mA output span corresponds to a 0 to 104C range in the RTD. (This assumes the European Standard of = 0.00385.) A total of 6 precalibrated ranges for three-wire (or two-wire) RTDs are available using only the pin strapping options as shown in Table I.
OPTIONAL INPUT FILTERING
Figure 16. Optional Input Filtering
A variety of other temperature ranges can be realized by using different application voltages. For example, loading the Voltage Divider with a 1.5 k resistor from Pin 3 to Pin 6 (common) will approximately halve the original application voltages and allow for a doubling of the range of resistance (and therefore, temperature) required to fill the two standard spans. Likewise,
Table I. Precalibrated Temperature Range Options Using a European Standard 100 RTD and the AD693 Temperature Range 0 to + 104C 0 to +211C Pin Connections
12 to 13 12 to 13, and 15 to 16 +25C to +130C 12 to 14 +51C to +266C 12 to 14, and 15 to 16 -50C to +51C 12 to 11 -100C to +104C 12 to 11 and 15 to 16
Figure 17. 0-to-104C Direct Three-Wire 100 RTD lnterface, 4-20mA Output
REV. A
-9-
AD693
increasing the application voltages by adding resistance between Pins 14 and 3 will decrease the temperature span. An external voltage divider may also be used in conjunction with the circuit shown to produce any range of temperature spans as well as providing zero output (4 mA) for a non 0 temperature input. For example, measuring VX with respect to a voltage 2.385 times the excitation (rather than 2 times) will result in zero input to the Signal Amplifier when the RTD is at 100C (or 138.5 ). As suggested in Table I, the temperature span may also be adjusted by changing the voltage span of the Signal Amplifier. Changing the gain from 2 to 4, for example, will halve the temperature span to about 52C on the 4-20mA output configuration. (See section "Adjusting Input Span.") The configuration for a three-wire RTD shown in Figure 17 can accommodate two-wire sensors by simply joining Pins 1 and 5 of the AD693.
INTERFACING LOAD CELLS AND METAL FOIL STRAIN GAGES
external voltage divider; the Aux-Amp is then used as a follower to make a stiff drive for the bridge. Similar applications with higher resistance sensors can use proportionally higher voltage. Finally, to accommodate the 2 mV/V sensitivity of the bridge, the full-scale span of the Signal Amplifier must be reduced. Using the load cell in both tension and compression with 1 V of excitation, therefore, dictates that the span be adjusted to 4 mV. By substituting in the expression, RS1 = 400 /[(30 mV/S) - 1], the nominal resistance required to achieve this span is found to be 61.54 . Calculate the minimum resistance required by subtracting 10% from 61.54 to allow for the internal resistor tolerance of the AD693, leaving 55.38 (See "Adjusting Input Span.") The standard value of 54.9 is used with a 20 potentiometer for full-scale adjustment. If a load cell with a precalibrated sensitivity constant is to be used, the resultant full-scale span applied to the Signal Amplifier is found by multiplying that sensitivity by the excitation voltage. (In Figure 18, the excitation voltage is actually (10 k/62.3 k) (6.2 V) = 0.995 V).
THERMOCOUPLE MEASUREMENTS
The availability of the on-chip Voltage Reference, Auxiliary Amplifier and 3 mA of excitation current make it easy to adapt the AD693 to a variety of load cells and strain gages. The circuit shown in Figure 18 illustrates a generalized approach in which the full flexibility of the AD693 is required to interface to a low resistance bridge. For a high impedance transducer the bridge can be directly powered from the 6.2 V Reference. Component values in this example have been selected to match the popular standard of 2 mV/V sensitivity and 350 bridge resistance. Load cells are generally made for either tension and compression, or compression only; use of the 12 mA zero tap allows for operation in the tension and compression mode. An optional zero adjustment is provided with values selected for +2% FS adjustment range. Because of the low resistance of most foil bridges, the excitation voltage must be low so as not to exceed the available 4 mA zero current. About 1 V is derived from the 6.2 V Reference and an
The AD693 can be used with several types of thermocouple inputs to provide a 4-20 mA current loop output corresponding to a variety of measurement temperature ranges. Cold junction compensation (CJC) can be implemented using an AD592 or AD590 and a few external resistors as shown in Figure 19. From Table II simply choose the type of thermocouple and the appropriate average reference junction temperature to select values for RCOMP and RZ. The CJC voltage is developed across RCOMP as a result of the AD592 1 A/K output and is added to the thermocouple loop voltage. The 50 potentiometer is biased by RZ to provide the correct zero adjustment range appropriate for the divider and also translates the Kelvin scale of the AD592 to Celsius. To calibrate the circuit, put the thermocouple in an ice bath (or use a thermocouple simulator set to 0) and adjust the potentiometer for a 4 mA loop current. The span of the circuit in C is determined by matching the signal amplifier input voltage range to its temperature equivalent
Figure 18. Utilizing the Auxiliary Amplifier to Drive a Load Cell, 12 mA 8 mA Output
-10-
REV. A
AD693
Figure 19. Thermocouple Inputs with Cold Junction Compensation
Table II. Thermocouple Application--Cold Junction Compensation
AMBIENT TEMP RCOMP 25 75 25 K E - + - COPPER-NICKEL COPPER T COPPER-NICKEL 75 75 25 75 25 51.7 53.6 40.2 42.2 60.4 64.9 40.2 45.3 30 mV TEMP RANGE 546C 294K 392K 721C 374K 261K 413C 243K 392K USE WITH GAIN >2 340K 787C -- 60 mV TEMP RANGE 1035C
POLARITY + - + _ +
MATERIAL IRON CONSTANTAN NICKEL-CHROME NICKEL-ALUMINUM NICKEL-CHROME
TYPE J
RZ 301K
via a set of thermocouple tables referenced to C. For example, the output of a properly referenced type J thermocouple is 60 mV when the hot junction is at 1035C. Table II lists the maximum measurement temperature for several thermocouple types using the preadjusted 30 mV and 60 mV input ranges. More convenient temperature ranges can be selected by determining the full-scale input voltages via standard thermocouple tables and adjusting the AD693 span. For example, suppose only a 300C span is to be measured with a type K thermocouple. From a standard table, the thermocouple output is 12.207 mV; since 60 mV at the signal amplifier corresponds to a 16 mA span at the output a gain of 5, or more precisely 60 mV/ 12.207 mV = 4.915 will be needed. Using a 12.207 mV span in the gain resistor formula given in "Adjusting Input Span" yields a value of about 270 as the minimum from P1 to 6.2 V. Adding a 50 potentiometer will allow ample adjustment range. With the connection illustrated, the AD693 will give a full-scale indication with an open thermocouple.
ERROR BUDGET ANALYSIS
Table III lists the expressions required to calculate the total error. The AD693 is tested with a 250 load, a 24 V loop supply
Table III. RTI Contributions to Span and Offset Error
RTI Contributions to Offset Error Error Source IZE Zero Current Error PSRR Power Supply Rejection Ratio CMRR Common-Mode Rejection Ratio IOS Input Offset Current RTI Contributions to Span Error Error Source Transconductance Error XSE XPSRR Transconductance PSRR 1 XCMRR Transconductance CMRR XNL Nonlinearity IDIFF Differential Input Current 2 Expression for RTI Error at Zero IZE/XS (|VLOOP - 24 V| + [|RL - 250 | x IZ]) x PSRR |VCM - 3.1 V| x CMRR RS x IOS Expression for RTI Error at Full Scale VSPAN x XSE |RL - 250 | x IS x PSRR |VCM - 3.1 V| x VSPAN x XCMRR VSPAN x XNL RS x IDIFF
Loop-Powered Operation specifications refer to parameters tested with the AD693 operating as a loop-powered transmitter. The specifications are valid for the preset spans of 30 mV, 60 mV and those spans in between. The section, "Components of Error," refers to parameters tested on the individual functional blocks, (Signal Amplifier, V/I Converter, Voltage Reference, and Auxiliary Amplifier). These can be used to get an indication of device performance when the AD693 is used in local power mode or when it is adjusted to spans of less than 30 mV. REV. A
Abbreviations Zero Current (usually 4 mA) IZ Output span (usually 16 mA) IS RS Input source impedance RL Load resistance VLOOP Loop supply voltage VCM Input common-mode voltage VSPAN Input span XS Nominal transconductance in A/V
1
The 4-20 mA signal, flowing through the metering resistor, modulates the power supplyvoltage seen by the AD693. The change in voltage causes a power supply rejection error that varies with the output current, thus it appears as a span error. The input bias current of the inverting input increases with input signal voltage. The differential input current, IDIFF, equals the inverting input current minus the noninverting input current; see Figure 2. IDIFF , flowing into an input source impedance, will cause an input voltage error that varies with signal. If the change in differential input current with input signal is approximated as a linear function, then any error due to source impedance may be approximated as a span error. To calculate IDIFF, refer to Figure 2 and find the value for IDIFF/ + In corresponding to the full-scale input voltage for your application. Multiply by + In max to get IDlFF. Multiply IDIFF by the source impedance to get the input voltage error at full scale.
2
-11-
AD693
and an input common-mode voltage of 3.1 V. The expressions below calculate errors due to deviations from these nominal conditions. The total error at zero consists only of offset errors. The total error at full scale consists of the offset errors plus the span errors. Adding the above errors in this manner may result in an error as large as 0.8% of full scale, however, as a rule, the AD693 performs better as the span and offset errors do not tend to add worst case. The specification "Total Unadjusted Error," (TUE), reflects this and gives the maximum error as a % of full scale for any point in the transfer function when the device is operated in one of its preset spans, with no external trims. The TUE is less than the error you would get by adding the span and offset errors worst case. Thus, an alternative way of calculating the total error is to start with the TUE and add to it those errors that result from operation of the AD693 with a load resistance, loop supply voltage, or common-mode input voltage different than specified. (See Example 1 below.)
ERROR BUDGET FOR SPANS LESS THAN 30 mV
Error it is necessary to add an error of only (5 - 2) x VOS to the error budget. Note that span error may by reduced to zero with the span trim, leaving only the offset and nonlinearity of the AD693.
EXAMPLE I
C1050a-9-10/87 PRINTED IN U.S.A.
The AD693 is configured as a 4-20mA loop powered transmitter with a 60 mV FS input. The inputs are driven by a differential voltage at 2 V common mode with a 300 balanced source resistance. A 24 V loop supply is used with a 500 metering resistance. (See Table IV below.) Trimming the offset and span for your application will remove all span and offset errors except the nonlinearity of the AD693.
Table IV. Example 1
OFFSET ERRORS IZ PSRR Already included in the TUE spec . VLOOP = 24 V RL = 500 IZ = 4 mA CMRR CMRR = 30 V/V; |2 V -3.1 V| x 30 V/V = VCM = 2 V IOS IOS = 3 nA, RS = 300 ; 300 x 3 nA = 0.9 V 39.5 V 0.053 % of FS 0.0 V 22.4 V 39.6 V 12.0 V Total Additional Error at 4 mA As % of full scale; (39.5 V x 0.2666 A/V)/20 mA x 100% = SPAN ERRORS XSE XPSRR XCMRR IDIFF Already included in the TUE spec PSRR = 5.6 V/V; (|500 - 250 | x 16 mA) x 5.6 V/V = RL = 500 , IS = 16 mA XCMRR = 0.06%/V; |2 V - 3. 1 V| x 60 mV x 0.06%/V = VCM = 2 V, VSPAN = 60 mV VSPAN = +60 mV; 300 x 2 x 20 nA IDIFF/ + In = 2 from Figure 2) XNL Already included in the TUE + = 39.5 V + 74.0 V = = 0.5% +0.151% = 0.0 V 74.0 V
SPAN
0.0 V
PSRR = 5.6 V/V; (|24 V - 24 V| + [| 500 - 250 x 4 mA]) x 5.6 V/V =5.6 V
33.0 V
An accommodation must be made to include the input voltage offset of the signal amplifier when the span is adjusted to less than 30 mV. The TUE and the Zero Current Error include the input offset voltage contribution of the signal amplifier in a gain of 2. As the input offset voltage is multiplied by the gain of the signal amplifier, one must include the additional error when the signal amplifier is set to gains greater than 2. For example, the 300K span thermocouple application discussed previously requires a 12.207 mV input span; the signal amplifier must be adjusted to a gain of approximately 5. The loop transconductance is now 1.333 A/V, (5 x 0.2666 A/V). Calculate the total error by substituting the new values for the transconductance and span into the equations in Table III as was done in Example I. The error contribution due to VOS is 5 x VOS, however, since 2 x VOS is already included in the TUE and the Zero Current
Total Additional Span Error at Full Scale Total Additional Error at Full Scale;
OFFSET
113.5 V 0.151% of FS 0.651% of FS
As % of Full Scale; (113.5 V x 0.2666A V)/20 mA x 100% = New Total Unadjusted Error @ FS;
TUE + ADDITIONAL
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm). D-20 20-Lead Side Brazed Ceramic DIP
Q-20 20-Lead Cerdip
E-20A 20-Terminal Leadless Chip Carrier
-12-
REV. A
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD693ACHIPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X