Part Number Hot Search : 
07N60 S1608 LUR3133 S12XS128 SIR470DP 17BZC LPC2210 W137H
Product Description
Full Text Search
 

To Download 2SK1508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1508
F-III Series
> Features
High Current Low On-Resistance No Secondary Breakdown Low Driving Power High Forward Transconductance
N-channel MOS-FET
60V
0,035 35A
60W
> Outline Drawing
> Applications
- Motor Control - General Purpose Power Amplifier - DC-DC converters
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Continous Reverse Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) I DR V GS PD T ch T stg Rating 60 35 140 35 20 60 150 -55 ~ +150 Unit V A A A V W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Diode Forward On-Voltage Reverse Recovery Time Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t V t
GSS DS(on)
fs iss oss rss d(on) r d(off) f SD rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=60V Tch=25C VGS=0V Tch=125C VGS=20V VDS=0V ID=17,5A VGS=4V ID=17,5A VGS=10V ID=17,5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=30V ID=10A VGS=35V RGS=25 IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. 60 1,0
Typ. 1,5 10 0,2 10 0,037 0,025 18 1800 620 240 6 60 350 150 1,35 60
Max. 2,5 500 1,0 100 0,056 0,035 2700 930 360 9 90 530 230 2,0
10
Unit V V A mA A S pF pF pF ns ns ns ns V ns
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 75 2,08
Unit C/W C/W
FUJI ELECTRIC GmbH; Lyoner Strae 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56
N-channel MOS-FET
60V
0,035 35A
2SK1508
F-III Series
Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics
60W
> Characteristics
Typical Output Characteristics
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(ON) []
4
gfs [S]
5
VGS(th) [V]
6
ID [A]
ID [A]
Tch [C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
C [nF]
7
VDS [V]
8
VGS [V]
IF [A]
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Transient Thermal Impedance
PD [W]
10
ID [A]
12
Zth(ch-c) [K/W]
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK1508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X