|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : EN8586 2SJ661 P-Channel Silicon MOSFET 2SJ661 Features * * * * * General-Purpose Switching Device Applications Low ON-resistance. Ultrahigh-speed switching. 4V drive. Motor drive, DC / DC converter. Avalanche resistance guarantee. Specifications Absolute Maximum Ratings at Ta=25C Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings --60 20 --38 --152 1.65 65 150 --55 to +150 250 --38 Unit V V A A W W C C mJ A Note : *1 VDD=30V, L=200H, IAV=--38A *2 L200H, Single pulse Electrical Characteristics at Ta=25C Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Conditions ID=--1mA, VGS=0V VDS=-60V, VGS=0V VGS= 16V, VDS=0V VDS=-10V, ID=--1mA VDS=-10V, ID=-19A ID=--19A, VGS=--10V ID=--19A, VGS=--4V Ratings min --60 --1 10 --1.2 18 31 29.5 40 39 56 --2.6 typ max Unit V A A V S m m Marking : J661 Continued on next page. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN N1805QA MS IM TB-00001078 No.8586-1/4 2SJ661 Continued from preceding page. Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=--20V, f=1MHz VDS=--20V, f=1MHz VDS=--20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=--30V, VGS=-10V, ID=--38A VDS=--30V, VGS=-10V, ID=--38A VDS=--30V, VGS=-10V, ID=--38A IS=--38A, VGS=0V Ratings min typ 4360 470 335 33 285 295 195 80 15 12 --1.0 --1.2 max Unit pF pF pF ns ns ns ns nC nC nC V Package Dimensions unit : mm 7513-002 10.2 0.2 Package Dimensions unit : mm 7001-003 4.5 1.3 10.2 0.2 4.5 1.3 11.5 8.8 9.9 1.5MAX 1.6 8.8 20.9 1.2 11.0 (9.4) 3.0 1 0.8 2 3 1.2 0 to 0.3 0.4 2.7 0.8 0.4 2.55 2.55 1 2 3 1 : Gate 2 : Drain 3 : Source 2.55 1.35 1 : Gate 2 : Drain 3 : Source SANYO : SMP-FD 2.7 2.55 2.55 2.55 SANYO : SMP Switching Time Test Circuit VIN 0V --10V VIN ID= --19A RL=1.58 VDD= --30V Avalanche Resistance Test Circuit 50 RG L DUT D PW=10s D.C.1% VOUT G 0V --10V 1.4 50 VDD 2SJ661 P.G 50 S No.8586-2/4 2SJ661 --80 --70 --60 --50 --40 --30 --20 ID -- VDS --6 V Tc=25C --80 --70 --60 --50 --40 --30 --20 --10 0 ID -- VGS --25 C 25 C VDS= --10V --1 0 V Drain Current, ID -- A Drain Current, ID -- A --4V VGS= --3V --10 0 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0 --4.5 --5.0 25 0 --0.5 --1.0 --1.5 --2.0 C --2.5 Tc =7 5 --2 5C C --3.0 --3.5 Tc= --4.0 --4.5 Drain-to-Source Voltage, VDS -- V 70 IT08748 70 RDS(on) -- VGS Gate-to-Source Voltage, VGS -- V IT08749 RDS(on) -- Tc ID= --19A Static Drain-to-Source On-State Resistance, RDS(on) -- m 60 Static Drain-to-Source On-State Resistance, RDS(on) -- m 60 50 50 40 Tc=75C 40 I D= , VG --19A --4 S= V 30 25C --25C 30 --1 I D= = --1 VGS 9A, 0V 20 20 10 0 --2 10 0 --50 --3 --4 --5 --6 --7 --8 --9 --10 --25 0 25 50 75 100 125 Gate-to-Source Voltage, VGS -- V 100 yfs -- ID IT08750 --100 7 5 3 2 Case Temperature, Tc -- C IT08751 IS -- VSD VGS=0V Forward Transfer Admittance, yfs -- S 7 5 VDS= --10V 2 25 10 7 5 3 2 = Tc 5 --2 C 75 C Source Current, IS -- A 3 C --10 7 5 3 2 --1.0 7 5 3 2 1.0 --0.1 --0.1 7 5 3 2 --0.01 0 --0.3 2 3 5 7 --1.0 2 3 5 7 --10 2 3 Drain Current, ID -- A 1000 7 5 7 --100 IT08752 10000 7 Tc=7 5C 25C --25C --0.6 --0.9 --1.2 SW Time -- ID td(off) Ciss, Coss, Crss -- VDS f=1MHz Diode Forward Voltage, VSD -- V IT08753 Switching Time, SW Time -- ns 5 3 2 VDD= --30V VGS= --10V 5 Ciss Ciss, Coss, Crss -- pF 3 2 tr 100 7 5 3 2 1000 7 5 3 2 tf td(on) Coss Crss 10 --0.1 100 2 3 5 7 --1.0 2 3 57 --10 2 3 Drain Current, ID -- A 5 7 --100 IT08754 0 --5 --10 --15 --20 --25 Drain-to-Source Voltage, VDS -- V IT08755 No.8586-3/4 75 C --5.0 150 --1.5 --30 2SJ661 --10 --9 VGS -- Qg VDS= --30V ID= --38A Drain Current, ID -- A 3 2 --100 7 5 3 2 --10 7 5 3 2 --1.0 7 5 3 2 ASO IDP= --152A ID= --38A 10s 10 s 10 0 s 1m s 10 ms 1 DC 00m s op era tio n Gate-to-Source Voltage, VGS -- V --8 --7 --6 --5 --4 --3 --2 --1 0 0 10 20 30 40 50 60 70 80 Operation in this area is limited by RDS(on). --0.1 --0.1 Tc=25C Single pulse 2 3 5 7 --1.0 2 3 5 7 --10 2 3 Total Gate Charge, Qg -- nC 2.0 IT08756 70 PD -- Ta Allowable Power Dissipation, PD -- W Drain-to-Source Voltage, VDS -- V 5 7 --100 IT08757 PD -- Tc Allowable Power Dissipation, PD -- W 65 60 1.65 1.5 50 40 1.0 30 0.5 20 10 0 0 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 Ambient Temperature, Ta -- C IT08735 Case Temperature, Tc -- C IT08758 Note on usage : Since the 2SJ661 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects. Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of November, 2005. Specifications and information herein are subject to change without notice. PS No.8586-4/4 |
Price & Availability of 2SJ661 |